Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LVR033S-2 Datasheet(PDF) 8 Page - Tyco Electronics

Part # LVR033S-2
Description  PolySwitch Resettable Devices Line-Voltage-Rated Devices
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LVR033S-2 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button LVR033S-2 Datasheet HTML 2Page - Tyco Electronics LVR033S-2 Datasheet HTML 3Page - Tyco Electronics LVR033S-2 Datasheet HTML 4Page - Tyco Electronics LVR033S-2 Datasheet HTML 5Page - Tyco Electronics LVR033S-2 Datasheet HTML 6Page - Tyco Electronics LVR033S-2 Datasheet HTML 7Page - Tyco Electronics LVR033S-2 Datasheet HTML 8Page - Tyco Electronics LVR033S-2 Datasheet HTML 9Page - Tyco Electronics LVR033S-2 Datasheet HTML 10Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
182
15
Tape and Reel Specifications for LVR Devices
Table L7
Description
EIA Mark
Dimension (mm)
Tolerance
Carrier tape width
W
18
-0.5/+1.0
Hold-down tape width
W4
11
Minimum
Top distance between tape edges
W6
3
Maximum
Sprocket hole position
W5
9
-0.5/+0.75
Sprocket hole diameter
D0
4
± 0.2
Abscissa to plane (straight lead) LVR005N to LVR016
H
18.5
± 2.5
Abscissa to plane (kinked lead) LVR005N to LVR016
H0
16.0
± 0.5
Abscissa to top LVR005N to LVR016
H1
32.2
Maximum
Abscissa to top* LVR025 to LVR055
H1
45.0
Maximum
Overall width with lead protrusion LVR005N to LVR016
C1
43.2
Maximum
Overall width with lead protrusion LVR025 to LVR055
C1
56.0
Maximum
Overall width without lead protrusion LVR005N to LVR016
C2
42.5
Maximum
Overall width without lead protrusion LVR025 to LVR055
C2
56.0
Maximum
Lead protrusion
L1
1.0
Maximum
Protrusion of cut-out
L
11.0
Maximum
Protrusion beyond hold-down tape
I2
Not specified
Sprocket hole pitch
P0
12.7
± 0.3
Device pitch LVR005N to LVR040
12.7
± 0.3
Device pitch LVR055
25.4
± 0.6
Pitch tolerance
20 consecutive
± 1
Tape thickness
t
0.9
Maximum
Overall tape and lead thickness LVR005N to LVR040
t1
1.5
Maximum
Overall tape and lead thickness LVR055
t1
2.3
Maximum
Splice sprocket hole alignment
—0
± 0.3
Body lateral deviation
h0
± 1.0
Body tape plane deviation
p0
± 1.3
Ordinate to adjacent component lead
P1
3.81
± 0.7
Lead spacing*
F
5.08
+0.75/-0.5
Reel width LVR005N to LVR040
w2
56.0
Maximum
Reel width* LVR055
w2
63.5
Maximum
Reel diameter
a
370.0
Maximum
Space between flanges* LVR005N to LVR040
w1
48.0
Maximum
Space between flanges* LVR055
w1
55.0
Maximum
Arbor hold diameter
c
26.0
± 12.0
Core diameter*
n
91.0
Maximum
Box
64/372/362
Maximum
Consecutive missing places
None
Empty places per reel
0.1%
Maximum
*Differs from EIA specification.
LVR devices are available in tape and reel packaging per EIA468-B/IEC60286-2 standards.
See Figures L7 and L8 for details.


Similar Part No. - LVR033S-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LVR033S-2 MACOM-LVR033S-2 Datasheet
212Kb / 10P
   PolySwitch Resettable Devices Line-Voltage-Rated Devices
LVR033S-2 MACOM-LVR033S-2 Datasheet
408Kb / 27P
   PolySwitch Resettable Devices
More results

Similar Description - LVR033S-2

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
LVR005N MACOM-LVR005N Datasheet
212Kb / 10P
   PolySwitch Resettable Devices Line-Voltage-Rated Devices
RF1636-000 MACOM-RF1636-000 Datasheet
289Kb / 26P
   PolySwitch Resettable Devices
RF2636-000 MACOM-RF2636-000 Datasheet
303Kb / 28P
   PolySwitch Resettable Devices
MINISMDC300F-2 MACOM-MINISMDC300F-2 Datasheet
278Kb / 20P
   PolySwitch Resettable Devices
RUEF300K MACOM-RUEF300K Datasheet
1Mb / 28P
   PolySwitch Resettable Devices
logo
Littelfuse
MINISMDC260F LITTELFUSE-MINISMDC260F Datasheet
325Kb / 2P
   PolySwitch Resettable Devices
logo
Tyco Electronics
NANOASMDC035F-2 MACOM-NANOASMDC035F-2 Datasheet
283Kb / 26P
   PolySwitch Resettable Devices
C16844-000 MACOM-C16844-000 Datasheet
331Kb / 28P
   PolySwitch Resettable Devices
LVR005 MACOM-LVR005 Datasheet
408Kb / 27P
   PolySwitch Resettable Devices
AGRF400 MACOM-AGRF400 Datasheet
322Kb / 22P
   PolySwitch Resettable Devices Automotive Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com