Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNL10S0A0S10NFD Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DNL10S0A0S10NFD
Description  Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNL10S0A0S10NFD Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DNL10S0A0S10NFD Datasheet HTML 1Page - Delta Electronics, Inc. DNL10S0A0S10NFD Datasheet HTML 2Page - Delta Electronics, Inc. DNL10S0A0S10NFD Datasheet HTML 3Page - Delta Electronics, Inc. DNL10S0A0S10NFD Datasheet HTML 4Page - Delta Electronics, Inc. DNL10S0A0S10NFD Datasheet HTML 5Page - Delta Electronics, Inc. DNL10S0A0S10NFD Datasheet HTML 6Page - Delta Electronics, Inc. DNL10S0A0S10NFD Datasheet HTML 7Page - Delta Electronics, Inc. DNL10S0A0S10NFD Datasheet HTML 8Page - Delta Electronics, Inc. DNL10S0A0S10NFD Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
DATASHEET
DS_DNL04SIP16_11232010D
FEATURES
High efficiency: 95% @ 5.0Vin, 3.3V/16A out
Small size and low profile: (SIP)
50.8mm x 13.4mm x 8.5mm
(2.00” x 0.53” x 0.33”)
Single-In-Line (SIP) packaging
Standard footprint
Voltage and resistor-based trim
Pre-bias startup
Output voltage tracking
No minimum load required
Output voltage programmable from
0.75Vdc to 3.3Vdc via external resistor
Fixed frequency operation
Input UVLO, output OTP, OCP
Remote ON/OFF
Remote sense
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing facility
UL/cUL 60950 (US & Canada) Recognized.
APPLICATIONS
Telecom / DataCom
Distributed power architectures
Servers and workstations
LAN / WAN applications
Data processing applications
OPTIONS
Negative On/Off logic
Tracking feature
SIP package
Delphi DNL, Non-Isolated Point of Load
DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
The Delphi Series DNL, 2.8-5.5V input, single output, non-isolated Point
of Load DC/DC converters are the latest offering from a world leader in
power system and technology and manufacturing -- Delta Electronics,
Inc. The DNL series provides a programmable output voltage from 0.75V
to 3.3V using an external resistor. The DNL converters have flexible and
programmable tracking and sequencing features to enable a variety of
startup voltages as well as sequencing and tracking between power
modules. This product family is available in a surface mount or SIP
package and provides 16A of current in an industry standard footprint.
With creative design technology and optimization of component
placement, these converters possess outstanding electrical and thermal
performance and extremely high reliability under highly stressful
operating conditions.


Similar Part No. - DNL10S0A0S10NFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNL10S0A0S10NFD DELTA-DNL10S0A0S10NFD Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNL10S0A0S10NFD DELTA-DNL10S0A0S10NFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNL10S0A0S10NFD DELTA-DNL10S0A0S10NFD Datasheet
764Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNL10S0A0S10NFD DELTA-DNL10S0A0S10NFD Datasheet
744Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
DNL10S0A0S10NFD DELTA-DNL10S0A0S10NFD Datasheet
872Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10Aout
More results

Similar Description - DNL10S0A0S10NFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNL04S0A0R16PFA DELTA-DNL04S0A0R16PFA Datasheet
978Kb / 16P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNM04S0A0R10PFD DELTA-DNM04S0A0R10PFD Datasheet
744Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
DNM04S0A0S10PFD DELTA-DNM04S0A0S10PFD Datasheet
872Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10Aout
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_09 Datasheet
686Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNM04S0A0R10PFA DELTA-DNM04S0A0R10PFA Datasheet
966Kb / 16P
   Delphi DNM, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
DNS04S0A0S06PFA DELTA-DNS04S0A0S06PFA Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_08 Datasheet
690Kb / 16P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNT04 DELTA-DNT04 Datasheet
960Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.3Vo, 3A out
DNT04S0A0S03NFA DELTA-DNT04S0A0S03NFA Datasheet
558Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.63Vo, 3A out
DNL10S0A0S16PFD DELTA-DNL10S0A0S16PFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com