Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCS2.4S0A0S06PFA Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # DCS2.4S0A0S06PFA
Description  Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin, 0.6-3.3V/12Aout
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DCS2.4S0A0S06PFA Datasheet(HTML) 7 Page - Delta Electronics, Inc.

Back Button DCS2.4S0A0S06PFA Datasheet HTML 3Page - Delta Electronics, Inc. DCS2.4S0A0S06PFA Datasheet HTML 4Page - Delta Electronics, Inc. DCS2.4S0A0S06PFA Datasheet HTML 5Page - Delta Electronics, Inc. DCS2.4S0A0S06PFA Datasheet HTML 6Page - Delta Electronics, Inc. DCS2.4S0A0S06PFA Datasheet HTML 7Page - Delta Electronics, Inc. DCS2.4S0A0S06PFA Datasheet HTML 8Page - Delta Electronics, Inc. DCS2.4S0A0S06PFA Datasheet HTML 9Page - Delta Electronics, Inc. DCS2.4S0A0S06PFA Datasheet HTML 10Page - Delta Electronics, Inc. DCS2.4S0A0S06PFA Datasheet HTML 11Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DS_ DCM04S0A0S12PFA_10022013
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P7
TEST CONFIGURATIONS
Figure 25: Input reflected-ripple test setup
Vo
GND
COPPER STRIP
10uF
ceramic
0.1uF
ceramic SCOPE
Resistive
Load
Note: Use a 10μF tantalum and 1μF capacitor. Scope
measurement should be made using a BNC connector.
Figure 26: Peak-peak output noise and startup transient
measurement test setup.
SUPPLY
II
VI
Vo
GND
Io
LOAD
CONTACT AND
DISTRIBUTION LOSSES
CONTACT RESISTANCE
Figure 27: Output voltage and efficiency measurement test
setup
Note: All measurements are taken at the module terminals. When
the module is not soldered (via socket), place Kelvin
connections at module terminals to avoid measurement
errors due to contact resistance.
%
100
)
(
Ii
Vi
Io
Vo
DESIGN CONSIDERATIONS
Input Source Impedance
To maintain low noise and ripple at the input voltage, it is
critical to use low ESR capacitors at the input to the
module. A highly inductive source can affect the stability
of the module. An input capacitance must be placed close
to the modules input pins to filter ripple current and ensure
module stability in the presence of inductive traces that
supply the input voltage to the module.
Safety Considerations
For safety-agency approval the power module must be
installed in compliance with the spacing and separation
requirements of the end-use safety agency standards.
For the converter output to be considered meeting the
requirements of safety extra-low voltage (SELV), the
input must meet SELV requirements. The power module
has extra-low voltage (ELV) outputs when all inputs are
ELV.
The input to these units is to be provided with a
maximum 20A fuse in the ungrounded lead.
Input Under voltage Lockout
At input voltages below the input under voltage lockout
limit, the module operation is disabled. The module will
begin to operate at an input voltage above the under
voltage lockout turn-on threshold.
Over-Current Protection
To provide protection in an output over load fault
condition, the unit is equipped with internal over-current
protection. When the over-current protection is triggered,
the unit enters hiccup mode. The units operate normally
once the fault condition is removed.


Similar Part No. - DCS2.4S0A0S06PFA

ManufacturerPart #DatasheetDescription
logo
Powerbox
DCS20-150E POWERBOX-DCS20-150E Datasheet
133Kb / 4P
   1000-3000 WATTS PROGRAMMABLE DC SUPPLY
DCS20-50E POWERBOX-DCS20-50E Datasheet
133Kb / 4P
   1000-3000 WATTS PROGRAMMABLE DC SUPPLY
DCS20-60E POWERBOX-DCS20-60E Datasheet
133Kb / 4P
   1000-3000 WATTS PROGRAMMABLE DC SUPPLY
logo
American Accurate Compo...
DCS2141-0900-G AAC-DCS2141-0900-G Datasheet
127Kb / 2P
   Chip Directional Couplers 3W & 5W
DCS2141-1500-G AAC-DCS2141-1500-G Datasheet
127Kb / 2P
   Chip Directional Couplers 3W & 5W
More results

Similar Description - DCS2.4S0A0S06PFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCT04S0A0S03NFA DELTA-DCT04S0A0S03NFA Datasheet
713Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.3V/3Aout
DCS04S0A0S06NFA DELTA-DCS04S0A0S06NFA Datasheet
704Kb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.63V/6Aout
DNM04S0A0S10PFD DELTA-DNM04S0A0S10PFD Datasheet
872Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10Aout
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_09 Datasheet
686Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNT04 DELTA-DNT04 Datasheet
960Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.3Vo, 3A out
DNT04S0A0S03NFA DELTA-DNT04S0A0S03NFA Datasheet
558Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.63Vo, 3A out
DNM04S0A0R10PFD DELTA-DNM04S0A0R10PFD Datasheet
744Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
DNL04S0A0S16NFD DELTA-DNL04S0A0S16NFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNS04S0A0S06PFA DELTA-DNS04S0A0S06PFA Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DCM12S0A0S12NFA DELTA-DCM12S0A0S12NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com