Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DNM04S0A0S10PFD Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # DNM04S0A0S10PFD
Description  Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10Aout
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DNM04S0A0S10PFD Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  DNM04S0A0S10PFD Datasheet HTML 1Page - Delta Electronics, Inc. DNM04S0A0S10PFD Datasheet HTML 2Page - Delta Electronics, Inc. DNM04S0A0S10PFD Datasheet HTML 3Page - Delta Electronics, Inc. DNM04S0A0S10PFD Datasheet HTML 4Page - Delta Electronics, Inc. DNM04S0A0S10PFD Datasheet HTML 5Page - Delta Electronics, Inc. DNM04S0A0S10PFD Datasheet HTML 6Page - Delta Electronics, Inc. DNM04S0A0S10PFD Datasheet HTML 7Page - Delta Electronics, Inc. DNM04S0A0S10PFD Datasheet HTML 8Page - Delta Electronics, Inc. DNM04S0A0S10PFD Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DS_DNM04SMD10_03062009
3
ELECTRICAL CHARACTERISTICS CURVES
Figure 1:
Converter Efficiency vs. Output Current (3.3V out)
Figure 2:
Converter Efficiency vs. Output Current (2.5V out)
Figure 3:
Converter Efficiency vs. Output Current (1.8V out)
Figure 4:
Converter Efficiency vs. Output Current (1.5V out)
Figure 5:
Converter Efficiency vs. Output Current (1.2V out)
Figure 6:
Converter Efficiency vs. Output Current (0.75V out)
75
80
85
90
95
100
123456789
10
OUTPUR CURRENT(A)
Vin=5.0V
Vin=4.5V
Vin=5.5V
75
80
85
90
95
100
12345
6789
10
OUTPUR CURRENT(A)
Vin=5.0
Vin=3.0V
Vin=5.5V
75
80
85
90
95
100
123456789
10
OUTPUR CURRENT(A)
Vin=5.0V
Vin=2.8V
Vin=5.5V
75
80
85
90
95
100
123456789
10
OUTPUR CURRENT(A)
Vin=5.0V
Vin=2.8V
Vin=5.5V
60
65
70
75
80
85
90
95
12
34
56
78
9
10
OUTPUR CURRENT(A)
Vin=5.0
Vin=2.8V
Vin=5.5V
65
70
75
80
85
90
95
12
34
56
78
9
10
OUTPUR CURRENT(A)
Vin=5.0
Vin=2.8V
Vin=5.5V


Similar Part No. - DNM04S0A0S10PFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNM04S0A0S10PFD DELTA-DNM04S0A0S10PFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNM04S0A0S10PFD DELTA-DNM04S0A0S10PFD Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNM04S0A0S10PFD DELTA-DNM04S0A0S10PFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNM04S0A0S10PFD DELTA-DNM04S0A0S10PFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNM04S0A0S10PFD DELTA-DNM04S0A0S10PFD Datasheet
764Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
More results

Similar Description - DNM04S0A0S10PFD

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_09 Datasheet
686Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNM04S0A0R10PFD DELTA-DNM04S0A0R10PFD Datasheet
744Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
DNL04S0A0S16NFD DELTA-DNL04S0A0S16NFD Datasheet
779Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNS04S0A0S06PFA DELTA-DNS04S0A0S06PFA Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_08 Datasheet
690Kb / 16P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNL04S0A0R16PFA DELTA-DNL04S0A0R16PFA Datasheet
978Kb / 16P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/16A out
DNM04S0A0R10PFA DELTA-DNM04S0A0R10PFA Datasheet
966Kb / 16P
   Delphi DNM, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10A out
DCM04S0A0S12PFA DELTA-DCM04S0A0S12PFA Datasheet
998Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin, 0.6-3.3V/12Aout
DCT04S0A0S03NFA DELTA-DCT04S0A0S03NFA Datasheet
713Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.3V/3Aout
DNT04 DELTA-DNT04 Datasheet
960Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.3Vo, 3A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com