Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSP430F5528 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # MSP430F5528
Description  MIXED SIGNAL MICROCONTROLLER
Download  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSP430F5528 Datasheet(HTML) 1 Page - Texas Instruments

  MSP430F5528 Datasheet HTML 1Page - Texas Instruments MSP430F5528 Datasheet HTML 2Page - Texas Instruments MSP430F5528 Datasheet HTML 3Page - Texas Instruments MSP430F5528 Datasheet HTML 4Page - Texas Instruments MSP430F5528 Datasheet HTML 5Page - Texas Instruments MSP430F5528 Datasheet HTML 6Page - Texas Instruments MSP430F5528 Datasheet HTML 7Page - Texas Instruments MSP430F5528 Datasheet HTML 8Page - Texas Instruments MSP430F5528 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 122 page
background image
MSP430F5529, MSP430F5528, MSP430F5527, MSP430F5526
MSP430F5525, MSP430F5524, MSP430F5522, MSP430F5521
MSP430F5519, MSP430F5517, MSP430F5515, MSP430F5514, MSP430F5513
www.ti.com
SLAS590L – MARCH 2009 – REVISED MAY 2013
MIXED SIGNAL MICROCONTROLLER
1
FEATURES
2
Low Supply-Voltage Range:
16-Bit Timer TA0, Timer_A With Five
3.6 V Down to 1.8 V
Capture/Compare Registers
Ultralow Power Consumption
16-Bit Timer TA1, Timer_A With Three
Capture/Compare Registers
Active Mode (AM):
All System Clocks Active
16-Bit Timer TA2, Timer_A With Three
290 µA/MHz at 8 MHz, 3.0 V, Flash Program
Capture/Compare Registers
Execution (Typical)
16-Bit Timer TB0, Timer_B With Seven
150 µA/MHz at 8 MHz, 3.0 V, RAM Program
Capture/Compare Shadow Registers
Execution (Typical)
Two Universal Serial Communication
Standby Mode (LPM3):
Interfaces
Real-Time Clock With Crystal, Watchdog,
USCI_A0 and USCI_A1 Each Support:
and Supply Supervisor Operational, Full
Enhanced UART Supports Auto-
RAM Retention, Fast Wake-Up:
Baudrate Detection
1.9 µA at 2.2 V, 2.1 µA at 3.0 V (Typical)
IrDA Encoder and Decoder
Low-Power Oscillator (VLO), General-
Purpose Counter, Watchdog, and Supply
Synchronous SPI
Supervisor Operational, Full RAM
USCI_B0 and USCI_B1 Each Support:
Retention, Fast Wake-Up:
I2CTM
1.4 µA at 3.0 V (Typical)
Synchronous SPI
Off Mode (LPM4):
Full-Speed Universal Serial Bus (USB)
Full RAM Retention, Supply Supervisor
Integrated USB-PHY
Operational, Fast Wake-Up:
1.1 µA at 3.0 V (Typical)
Integrated 3.3-V and 1.8-V USB Power
System
Shutdown Mode (LPM4.5):
0.18 µA at 3.0 V (Typical)
Integrated USB-PLL
Wake-Up From Standby Mode in 3.5 µs
Eight Input, Eight Output Endpoints
(Typical)
12-Bit Analog-to-Digital (A/D) Converter
16-Bit RISC Architecture, Extended Memory,
(MSP430F552x Only) With Internal Reference,
up to 25-MHz System Clock
Sample-and-Hold, and Autoscan Feature
Flexible Power Management System
Comparator
Fully Integrated LDO With Programmable
Hardware Multiplier Supporting 32-Bit
Regulated Core Supply Voltage
Operations
Supply Voltage Supervision, Monitoring,
Serial Onboard Programming, No External
and Brownout
Programming Voltage Needed
Unified Clock System
Three Channel Internal DMA
FLL Control Loop for Frequency
Basic Timer With Real-Time Clock Feature
Stabilization
Family Members are Summarized in Table 1
Low-Power Low-Frequency Internal Clock
For Complete Module Descriptions, See the
Source (VLO)
MSP430x5xx and MSP430x6xx Family User's
Low-Frequency Trimmed Internal Reference
Guide (SLAU208)
Source (REFO)
32-kHz Watch Crystals (XT1)
High-Frequency Crystals up to 32 MHz
(XT2)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
MSP430 is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - MSP430F5528

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F5528 TI-MSP430F5528 Datasheet
1Mb / 115P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5528 TI1-MSP430F5528 Datasheet
6Mb / 21P
[Old version datasheet]   ULTRA-LOW-POWER MICROCONTROLLERS
MSP430F5528 TI1-MSP430F5528 Datasheet
2Mb / 123P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5528 TI1-MSP430F5528 Datasheet
2Mb / 123P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F5528 TI1-MSP430F5528 Datasheet
2Mb / 128P
[Old version datasheet]   Mixed-Signal Microcontrollers
More results

Similar Description - MSP430F5528

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430F41X2 TI-MSP430F41X2 Datasheet
1Mb / 82P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430L092 TI-MSP430L092 Datasheet
691Kb / 44P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430P325 TI-MSP430P325_10 Datasheet
577Kb / 39P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X11X TI-MSP430X11X_11 Datasheet
548Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430X461X1 TI-MSP430X461X1_10 Datasheet
1Mb / 95P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F11X TI-MSP430F11X_11 Datasheet
686Kb / 33P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F15X TI-MSP430F15X Datasheet
1Mb / 77P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F22X2 TI-MSP430F22X2 Datasheet
896Kb / 81P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430F550X TI-MSP430F550X Datasheet
1Mb / 110P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA_10 Datasheet
874Kb / 47P
[Old version datasheet]   MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com