Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCM04S0A0S12NFA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DCM04S0A0S12NFA
Description  Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69V-5V/20Aout
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DCM04S0A0S12NFA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DCM04S0A0S12NFA Datasheet HTML 1Page - Delta Electronics, Inc. DCM04S0A0S12NFA Datasheet HTML 2Page - Delta Electronics, Inc. DCM04S0A0S12NFA Datasheet HTML 3Page - Delta Electronics, Inc. DCM04S0A0S12NFA Datasheet HTML 4Page - Delta Electronics, Inc. DCM04S0A0S12NFA Datasheet HTML 5Page - Delta Electronics, Inc. DCM04S0A0S12NFA Datasheet HTML 6Page - Delta Electronics, Inc. DCM04S0A0S12NFA Datasheet HTML 7Page - Delta Electronics, Inc. DCM04S0A0S12NFA Datasheet HTML 8Page - Delta Electronics, Inc. DCM04S0A0S12NFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
DCL12S0A0S20NFA
DS_DCL12S0A0S20NFA_11152012
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P1
FEATURES
High efficiency:
93% @ 12Vin, 5V/20A out
92% @ 12Vin, 3.3V/20A out
90% @ 12Vin, 2.5V/20A out
89% @ 12Vin, 1.8V/20A out
83% @ 12Vin, 1.2V/20A out
79% @ 10Vin, 0.69V/20A out
Small size and low profile:
33.02x 13.46x 8.5mm (1.3
”x 0.53”x 0.33”)
Surface mount packaging
Standard footprint
Voltage and resistor-based trim
Pre-bias startup
Output voltage tracking
No minimum load required
Output voltage programmable from
0.69Vdc to 5 Vdc via external resistor
Fixed frequency operation and ablity to
Synchronize with external clock
Input UVLO, output OCP
Remote on/off
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing facility
UL/cUL 60950-1 (US & Canada)
CE mark meets 73/23/EEC and 93/68/EEC
directives
Delphi DCL, Non-Isolated Point of Load
DC/DC Power Modules: 4.5~14Vin,
0.69V-5V/20Aout
The Delphi Series DCL, 4.5-14V input, single output,
non-isolated Point of Load DC/DC converters are the latest
offering from a world leader in power systems technology and
manufacturing -- Delta Electronics, Inc. The DCL series provides
a programmable output voltage from 0.69 V to 5 V using an
external resistor and has flexible and programmable tracking
features to enable a variety of startup voltages as well as tracking
between power modules. This product family is available in
surface mount and provides up to 20A of output current in an
industry standard footprint. With creative design technology and
optimization of component placement, these converters possess
outstanding electrical and thermal performance, as well as
extremely
high
reliability
under
highly
stressful
operating
conditions.
OPTIONS
Negative/Positive on/off logic
Vo Tracking feature
APPLICATIONS
Telecom / DataCom
Distributed power architectures
Servers and workstations
LAN / WAN applications
Data processing applications


Similar Part No. - DCM04S0A0S12NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCM04S0A0S12NFA DELTA-DCM04S0A0S12NFA Datasheet
998Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin, 0.6-3.3V/12Aout
DCM04S0A0S12NFA DELTA-DCM04S0A0S12NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
DCM04S0A0S12NFA DELTA-DCM04S0A0S12NFA Datasheet
704Kb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.63V/6Aout
DCM04S0A0S12NFA DELTA-DCM04S0A0S12NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
DCM04S0A0S12NFA DELTA-DCM04S0A0S12NFA Datasheet
713Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.3V/3Aout
More results

Similar Description - DCM04S0A0S12NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCS12S0A0S06NFA DELTA-DCS12S0A0S06NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
DCM12S0A0S12NFA DELTA-DCM12S0A0S12NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
DCT12S0A0S03PFA DELTA-DCT12S0A0S03PFA Datasheet
774Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.5V/3Aout
DNT12S0A0S03NFA DELTA-DNT12S0A0S03NFA_13 Datasheet
403Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin
DNK12S0A0R30NFA DELTA-DNK12S0A0R30NFA Datasheet
771Kb / 15P
   Non-Isolated, Point of Load DC/DC Power Modules: 6~14Vin, 0.8V~5.5V/30Aout
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD Datasheet
567Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNL10S0A0S20NFD DELTA-DNL10S0A0S20NFD Datasheet
764Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNS10S0A0S06PFD DELTA-DNS10S0A0S06PFD Datasheet
639Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNL10S0A0S16PFD DELTA-DNL10S0A0S16PFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNL10S0A0R20PFD DELTA-DNL10S0A0R20PFD Datasheet
624Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com