Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCL12S0A0S20PFA Datasheet(PDF) 9 Page - Delta Electronics, Inc.

Part # DCL12S0A0S20PFA
Description  Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69V-5V/20Aout
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DCL12S0A0S20PFA Datasheet(HTML) 9 Page - Delta Electronics, Inc.

Back Button DCL12S0A0S20PFA Datasheet HTML 5Page - Delta Electronics, Inc. DCL12S0A0S20PFA Datasheet HTML 6Page - Delta Electronics, Inc. DCL12S0A0S20PFA Datasheet HTML 7Page - Delta Electronics, Inc. DCL12S0A0S20PFA Datasheet HTML 8Page - Delta Electronics, Inc. DCL12S0A0S20PFA Datasheet HTML 9Page - Delta Electronics, Inc. DCL12S0A0S20PFA Datasheet HTML 10Page - Delta Electronics, Inc. DCL12S0A0S20PFA Datasheet HTML 11Page - Delta Electronics, Inc. DCL12S0A0S20PFA Datasheet HTML 12Page - Delta Electronics, Inc. DCL12S0A0S20PFA Datasheet HTML 13Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
DS_DCL12S0A0S20NFA_11152012
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P9
TEST CONFIGURATIONS
Figure 27: Input reflected-ripple current test setup
Note: Use a 10μF and 1μF capacitor. Scope measurement
should be made using a BNC connector.
Figure 28: Peak-peak output noise and startup transient
measurement test setup.
VI
Vo
GND
Figure 29: Output voltage and efficiency measurement test
setup
Note: All measurements are taken at the module terminals.
When the module is not soldered (via socket), place
Kelvin connections at module terminals to avoid
measurement errors due to contact resistance.
%
100
)
(
Ii
Vi
Io
Vo
DESIGN CONSIDERATIONS
Input Source Impedance
To maintain low noise and ripple at the input voltage, it is
critical to use low ESR capacitors at the input to the
module. A highly inductive source can affect the stability
of the module. An input capacitance must be placed
close to the modules input pins to filter ripple current and
ensure module stability in the presence of inductive
traces that supply the input voltage to the module.
DESIGN CONSIDERATIONS
Input Source Impedance
To maintain low noise and ripple at the input voltage, it is
critical to use low ESR capacitors at the input to the
module. A highly inductive source can affect the stability
of the module. An input capacitance must be placed
close to the modules input pins to filter ripple current and
ensure module stability in the presence of inductive
traces that supply the input voltage to the module.
DESIGN CONSIDERATIONS
Input Source Impedance
To maintain low noise and ripple at the input voltage, it is
critical to use low ESR capacitors at the input to the module. A
highly inductive source can affect the stability of the module.
An input capacitance must be placed close to the modules
input pins to filter ripple current and ensure module stability in
the presence of inductive traces that supply the input voltage to
the module.
Safety Considerations
For safety-agency approval the power module must be
installed in compliance with the spacing and separation
requirements of the end-use safety agency standards.
For the converter output to be considered meeting the
requirements of safety extra-low voltage (SELV), the input
must meet SELV requirements. The power module has
extra-low voltage (ELV) outputs when all inputs are ELV.
The input to these units is to be provided with a fast acting fuse
with a maximum rating of 30A in the positive input lead.


Similar Part No. - DCL12S0A0S20PFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCL12S0A0S20PFA DELTA-DCL12S0A0S20PFA Datasheet
998Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin, 0.6-3.3V/12Aout
DCL12S0A0S20PFA DELTA-DCL12S0A0S20PFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
DCL12S0A0S20PFA DELTA-DCL12S0A0S20PFA Datasheet
704Kb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.63V/6Aout
DCL12S0A0S20PFA DELTA-DCL12S0A0S20PFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
DCL12S0A0S20PFA DELTA-DCL12S0A0S20PFA Datasheet
713Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.3V/3Aout
More results

Similar Description - DCL12S0A0S20PFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCS12S0A0S06NFA DELTA-DCS12S0A0S06NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
DCM12S0A0S12NFA DELTA-DCM12S0A0S12NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
DCT12S0A0S03PFA DELTA-DCT12S0A0S03PFA Datasheet
774Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.5V/3Aout
DNT12S0A0S03NFA DELTA-DNT12S0A0S03NFA_13 Datasheet
403Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin
DNK12S0A0R30NFA DELTA-DNK12S0A0R30NFA Datasheet
771Kb / 15P
   Non-Isolated, Point of Load DC/DC Power Modules: 6~14Vin, 0.8V~5.5V/30Aout
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD Datasheet
567Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNL10S0A0S20NFD DELTA-DNL10S0A0S20NFD Datasheet
764Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNS10S0A0S06PFD DELTA-DNS10S0A0S06PFD Datasheet
639Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNL10S0A0S16PFD DELTA-DNL10S0A0S16PFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNL10S0A0R20PFD DELTA-DNL10S0A0R20PFD Datasheet
624Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com