Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DA04D0303A Datasheet(PDF) 3 Page - Delta Electronics, Inc.

Part # DA04D0303A
Description  1W DC/DC CONVERTER, DIP-Package, High Isolation
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DA04D0303A Datasheet(HTML) 3 Page - Delta Electronics, Inc.

  DA04D0303A Datasheet HTML 1Page - Delta Electronics, Inc. DA04D0303A Datasheet HTML 2Page - Delta Electronics, Inc. DA04D0303A Datasheet HTML 3Page - Delta Electronics, Inc. DA04D0303A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DS_DA01S_03152012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
Package Specifications
Mechanical Dimensions
Pin Connections
Pin
Function
1
-Vin
4
+Vin
5
+Vout
7
-Vout
L=7.0 [0.28] for 5V & 12V Input Models
L=8.0 [0.31] for 24V Input Models
All dimensions in mm (inches)
Tolerance: X.X±0.25 (X.XX±0.01)
X.XX±0.13 ( X.XXX±0.005)
Pin diameter
0.5 ±0.05 (0.02±0.002)
Physical Characteristics
Case Size
(5V&12V Input)
:
12.7x7.0x10.2mm (0.50x0.28x0.40 Inches)
Case Size(24V Input)
:
12.7x8.0x10.2mm (0.50x0.31x0.40 Inches)
Case Material
:
Non-Conductive Black Plastic (flammability to UL 94V-0 rated)
Weight(5V&12V Input)
:
1.3g
Weight(24V Input)
:
1.7g
P3
1
4
7
5
Bottom View
5.08
[0.20]
2.54
[0.10]
2.6
[0.10]
12.7 [0.50]
7.62 [0.30]
0.50
[0.02]


Similar Part No. - DA04D0303A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DA04D0303A DELTA-DA04D0303A Datasheet
204Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DA04D0303A DELTA-DA04D0303A Datasheet
234Kb / 4P
   1W DC/DC CONVERTER, SMD-Package, High Isolation
DA04D0303A DELTA-DA04D0303A Datasheet
199Kb / 4P
   2W DC/DC CONVERTER, DIP-Package, High Isolation
DA04D0303A DELTA-DA04D0303A Datasheet
238Kb / 4P
   2W DC/DC CONVERTER, SMD-Package
DA04D0303A DELTA-DA04D0303A Datasheet
209Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results

Similar Description - DA04D0303A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DA01S DELTA-DA01S_14 Datasheet
235Kb / 5P
   1W DC/DC CONVERTER, DIP-Package, High Isolation
logo
Minmax Technology Co., ...
MSLU300 MINMAX-MSLU300_15 Datasheet
287Kb / 5P
   DC/DC CONVERTER 1W, High Isolation,SMD-Package
logo
Delta Electronics, Inc.
PI01S DELTA-PI01S Datasheet
294Kb / 5P
   1W DC/DC CONVERTER, High isolation, SIP-Package
PD01S DELTA-PD01S Datasheet
207Kb / 4P
   1W DC/DC CONVERTER, SIP-Package, High Isolation
SB01S DELTA-SB01S Datasheet
234Kb / 4P
   1W DC/DC CONVERTER, SMD-Package, High Isolation
PF01S DELTA-PF01S Datasheet
204Kb / 4P
   1W DC/DC CONVERTER, SIP-Package, High Isolation
logo
Minmax Technology Co., ...
MAPU01H MINMAX-MAPU01H Datasheet
690Kb / 3P
   DC/DC CONVERTER 1W, SIP-Package, High Isolation
MAU200 MINMAX-MAU200_16 Datasheet
647Kb / 4P
   DC/DC CONVERTER 1W, SIP-Package, High Isolation
logo
Delta Electronics, Inc.
PI01S DELTA-PI01S_14 Datasheet
248Kb / 6P
   1W DC/DC CONVERTER, High isolation, SIP-Package
DU06S DELTA-DU06S Datasheet
215Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, High Isolation
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com