Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCT12S0A0S03NFA Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # DCT12S0A0S03NFA
Description  Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.5V/3Aout
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DCT12S0A0S03NFA Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  DCT12S0A0S03NFA Datasheet HTML 1Page - Delta Electronics, Inc. DCT12S0A0S03NFA Datasheet HTML 2Page - Delta Electronics, Inc. DCT12S0A0S03NFA Datasheet HTML 3Page - Delta Electronics, Inc. DCT12S0A0S03NFA Datasheet HTML 4Page - Delta Electronics, Inc. DCT12S0A0S03NFA Datasheet HTML 5Page - Delta Electronics, Inc. DCT12S0A0S03NFA Datasheet HTML 6Page - Delta Electronics, Inc. DCT12S0A0S03NFA Datasheet HTML 7Page - Delta Electronics, Inc. DCT12S0A0S03NFA Datasheet HTML 8Page - Delta Electronics, Inc. DCT12S0A0S03NFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
0
DATASHEET
DS_DCT12S0A0S03PFA_09172013
FEATURES
High efficiency: 95.6% @ 12Vin, 5V/3A out
Small size and low profile:
12.2x 12.2x 7.25mm (0.48
”x 0.48”x 0.29”)
Surface mount packaging
Standard footprint
Voltage and resistor-based trim
Pre-bias startup
Output voltage tracking
No minimum load required
Output voltage programmable from
0.59Vdc to 5.5Vdc via external resistor
Fixed frequency operation
Input UVLO, output OCP
Remote on/off
ISO 9001, TL 9000, ISO 14001, QS9000,
OHSAS18001 certified manufacturing
facility
UL/cUL 60950-1 (US & Canada)
CE mark meets 73/23/EEC and 93/68/EEC
directives
APPLICATIONS
Telecom / DataCom
Distributed power architectures
Servers and workstations
LAN / WAN applications
Data processing applications
OPTIONS
Negative/Positive on/off logic
Tracking feature
Delphi DCT, Non-Isolated Point of Load
DC/DC Power Modules: 4.5~14Vin, 0.59-5.5V/3Aout
The
Delphi
Series
DCT,
4.5-14V
input,
single
output,
non-isolated Point of Load DC/DC converters are the latest offering
from a world leader in power systems technology and manufacturing --
Delta Electronics, Inc. The DCT series provides a programmable
output voltage from 0.59 V to 5.5V using an external resistor and has
flexible and programmable tracking features to enable a variety of
startup voltages as well as tracking between power modules. This
product family is available in surface mount and provides up to 3A of
output current in an industry standard footprint. With creative design
technology
and
optimization
of
component
placement,
these
converters possess outstanding electrical and thermal performance,
as well as extremely high reliability under highly stressful operating
conditions.


Similar Part No. - DCT12S0A0S03NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCT12S0A0S03NFA DELTA-DCT12S0A0S03NFA Datasheet
915Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69V-5V/20Aout
DCT12S0A0S03NFA DELTA-DCT12S0A0S03NFA Datasheet
998Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin, 0.6-3.3V/12Aout
DCT12S0A0S03NFA DELTA-DCT12S0A0S03NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
DCT12S0A0S03NFA DELTA-DCT12S0A0S03NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
DCT12S0A0S03NFA DELTA-DCT12S0A0S03NFA Datasheet
713Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.3V/3Aout
More results

Similar Description - DCT12S0A0S03NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCS12S0A0S06NFA DELTA-DCS12S0A0S06NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
DCL12S0A0S20NFA DELTA-DCL12S0A0S20NFA Datasheet
915Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69V-5V/20Aout
DCM12S0A0S12NFA DELTA-DCM12S0A0S12NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
DNK12S0A0R30NFA DELTA-DNK12S0A0R30NFA Datasheet
771Kb / 15P
   Non-Isolated, Point of Load DC/DC Power Modules: 6~14Vin, 0.8V~5.5V/30Aout
DCT04S0A0S03NFA DELTA-DCT04S0A0S03NFA Datasheet
713Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.3V/3Aout
DNT12S0A0S03NFA DELTA-DNT12S0A0S03NFA_13 Datasheet
403Kb / 12P
   Delphi series DNT12 Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD Datasheet
567Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNL10S0A0S20NFD DELTA-DNL10S0A0S20NFD Datasheet
764Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNS10S0A0S06PFD DELTA-DNS10S0A0S06PFD Datasheet
639Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNL10S0A0S16PFD DELTA-DNL10S0A0S16PFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com