Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DB02S2403A Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # DB02S2403A
Description  2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DB02S2403A Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  DB02S2403A Datasheet HTML 1Page - Delta Electronics, Inc. DB02S2403A Datasheet HTML 2Page - Delta Electronics, Inc. DB02S2403A Datasheet HTML 3Page - Delta Electronics, Inc. DB02S2403A Datasheet HTML 4Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DS_DB02S/D_03152012
E-mail: DCDC@delta.com.tw
http://www.delta.com.tw/dcdc
Part Numbering System
D
B
02
S
05
05
A
Form factor
Family series
Watt
Number of
Outputs
Input Voltage
Output Voltage
Option Code
D-DIP
A~Z
01:1W
S - Single
03:3.3V
03:3.3V
A - Std. Functions
P-SIP
02:2W
D- Dual
05: 5V
05: 5V
S-SMD
03:3W
12:12V
12:12V
04:4W
24: 24V
15: 15V
06:6W
48:48V
24: 24V
WARRANTY
Delta offers a three(3) years limited warranty. Complete warranty information is listed on our web site or is available upon request from Delta.
Information furnished by Delta is believed to be accurate and reliable. However, no responsibility is assumed by Delta for its use, nor for any
infringements of patents or other rights of third parties, which may result from its use. No license is granted by implication or otherwise under
any patent or patent rights of Delta. Delta reserves the right to revise these specifications at any time, without notice.
P4


Similar Part No. - DB02S2403A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DB02S2403A DELTA-DB02S2403A Datasheet
208Kb / 5P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results

Similar Description - DB02S2403A

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DB02S0503A DELTA-DB02S0503A Datasheet
208Kb / 5P
   2W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DK03S DELTA-DK03S Datasheet
221Kb / 5P
   2W DC/DC CONVERTER, DIP-Package,Wide 2:1 Input Range
SD02S DELTA-SD02S Datasheet
220Kb / 4P
   2W DC/DC CONVERTER, SMD-Package, 2:1 Wide Input Range
DH06S1203A DELTA-DH06S1203A Datasheet
214Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DG06S DELTA-DG06S Datasheet
217Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DH06S DELTA-DH06S Datasheet
212Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DP06S DELTA-DP06S Datasheet
218Kb / 4P
   6W DC/DC CONVERTER, DIP-Package, Wide 2:1 Input Range
DD03S DELTA-DD03S Datasheet
209Kb / 4P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DG06S0503A DELTA-DG06S0503A Datasheet
221Kb / 5P
   6W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
DD03S0505A DELTA-DD03S0505A Datasheet
211Kb / 5P
   3W DC/DC CONVERTER, DIP-Package, 2:1 Wide Input Range
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com