Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCT12S0A0S12NFA Datasheet(PDF) 4 Page - Delta Electronics, Inc.

Part # DCT12S0A0S12NFA
Description  Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DCT12S0A0S12NFA Datasheet(HTML) 4 Page - Delta Electronics, Inc.

  DCT12S0A0S12NFA Datasheet HTML 1Page - Delta Electronics, Inc. DCT12S0A0S12NFA Datasheet HTML 2Page - Delta Electronics, Inc. DCT12S0A0S12NFA Datasheet HTML 3Page - Delta Electronics, Inc. DCT12S0A0S12NFA Datasheet HTML 4Page - Delta Electronics, Inc. DCT12S0A0S12NFA Datasheet HTML 5Page - Delta Electronics, Inc. DCT12S0A0S12NFA Datasheet HTML 6Page - Delta Electronics, Inc. DCT12S0A0S12NFA Datasheet HTML 7Page - Delta Electronics, Inc. DCT12S0A0S12NFA Datasheet HTML 8Page - Delta Electronics, Inc. DCT12S0A0S12NFA Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
DS_DCM12S0A0S12NFA_10022013
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P4
ELECTRICAL CHARACTERISTICS CURVES(CON.)
Figure 7: Output ripple & noise at 7Vin, 0.69V/12A out
CH1:VOUT, 20mV/div, 1uS/div
Figure 8: Output ripple & noise at 12Vin, 1.2V/12A out
CH1:VOUT, 20mV/div, 1uS/div
Figure 9: Output ripple & noise at 12Vin, 1.8V/12A out
CH1:VOUT, 20mV/div, 1uS/div
Figure 10: Output ripple & noise at 12Vin, 2.5V/12A out
CH1:VOUT, 20mV/div, 1uS/div
Figure 11: Output ripple & noise at 12Vin, 3.3V/12A out
CH1:VOUT, 20mV/div, 1uS/div
Figure 12: Output ripple & noise at 12Vin, 5.0V/12A out
CH1:VOUT, 20mV/div, 1uS/div


Similar Part No. - DCT12S0A0S12NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCT12S0A0S12NFA DELTA-DCT12S0A0S12NFA Datasheet
915Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69V-5V/20Aout
DCT12S0A0S12NFA DELTA-DCT12S0A0S12NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
DCT12S0A0S12NFA DELTA-DCT12S0A0S12NFA Datasheet
713Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.3V/3Aout
DCT12S0A0S12NFA DELTA-DCT12S0A0S12NFA Datasheet
774Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.5V/3Aout
More results

Similar Description - DCT12S0A0S12NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCS12S0A0S06NFA DELTA-DCS12S0A0S06NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
DCL12S0A0S20NFA DELTA-DCL12S0A0S20NFA Datasheet
915Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69V-5V/20Aout
DCT12S0A0S03PFA DELTA-DCT12S0A0S03PFA Datasheet
774Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.5V/3Aout
DNL10S0A0S20NFD DELTA-DNL10S0A0S20NFD Datasheet
764Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNS10S0A0R06NFD DELTA-DNS10S0A0R06NFD Datasheet
567Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNS10S0A0S06PFD DELTA-DNS10S0A0S06PFD Datasheet
639Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3~14Vin, 0.75~5.0V/6A out
DNL10S0A0S16PFD DELTA-DNL10S0A0S16PFD Datasheet
667Kb / 15P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
DNL10S0A0R20PFD DELTA-DNL10S0A0R20PFD Datasheet
624Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/20A out
DNM10S0A0S10PFD DELTA-DNM10S0A0S10PFD Datasheet
652Kb / 14P
   Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/10A out
DNL10S0A0R16PFD DELTA-DNL10S0A0R16PFD Datasheet
780Kb / 15P
   Delphi DNL, Non-Isolated Point of Load DC/DC Power Modules: 8.3-14Vin, 0.75-5.0V/16A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com