Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DCS04S0A0S12NFA Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # DCS04S0A0S12NFA
Description  Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.63V/6Aout
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DCS04S0A0S12NFA Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button DCS04S0A0S12NFA Datasheet HTML 6Page - Delta Electronics, Inc. DCS04S0A0S12NFA Datasheet HTML 7Page - Delta Electronics, Inc. DCS04S0A0S12NFA Datasheet HTML 8Page - Delta Electronics, Inc. DCS04S0A0S12NFA Datasheet HTML 9Page - Delta Electronics, Inc. DCS04S0A0S12NFA Datasheet HTML 10Page - Delta Electronics, Inc. DCS04S0A0S12NFA Datasheet HTML 11Page - Delta Electronics, Inc. DCS04S0A0S12NFA Datasheet HTML 12Page - Delta Electronics, Inc. DCS04S0A0S12NFA Datasheet HTML 13Page - Delta Electronics, Inc. DCS04S0A0S12NFA Datasheet HTML 14Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
DS_DCS04S0A0S06NFA_03192012
E-mail: DCDC@delta.com.tw
http://www.deltaww.com/dcdc
P10
TEST CONFIGURATIONS
Figure 29: Input reflected-ripple test setup
Vo
GND
10uF
tantalum
1uF
ceramic
SCOPE
Resistive
Load
Note: Use a 10μF tantalum and 1μF capacitor. Scope
measurement should be made using a BNC connector.
Figure 30: Peak-peak output noise and startup transient
measurement test setup.
VI
Vo
GND
Figure 31: Output voltage and efficiency measurement test
setup
Note: All measurements are taken at the module terminals.
When the module is not soldered (via socket), place
Kelvin connections at module terminals to avoid
measurement errors due to contact resistance.
%
100
)
(
Ii
Vi
Io
Vo
DESIGN CONSIDERATIONS
Input Source Impedance
To maintain low noise and ripple at the input voltage, it is
critical to use low ESR capacitors at the input to the
module. A highly inductive source can affect the stability
of the module. An input capacitance must be placed close
to the modules input pins to filter ripple current and ensure
module stability in the presence of inductive traces that
supply the input voltage to the module.
The input capacitance should be able to handle an AC
ripple current of at least:
Arms
Vin
Vout
Vin
Vout
Iout
Irms
 
1


Similar Part No. - DCS04S0A0S12NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCS04S0A0S12NFA DELTA-DCS04S0A0S12NFA Datasheet
915Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69V-5V/20Aout
DCS04S0A0S12NFA DELTA-DCS04S0A0S12NFA Datasheet
998Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin, 0.6-3.3V/12Aout
DCS04S0A0S12NFA DELTA-DCS04S0A0S12NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.69-5.0V/12Aout
DCS04S0A0S12NFA DELTA-DCS04S0A0S12NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
DCS04S0A0S12NFA DELTA-DCS04S0A0S12NFA Datasheet
713Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.3V/3Aout
More results

Similar Description - DCS04S0A0S12NFA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DCM04S0A0S12PFA DELTA-DCM04S0A0S12PFA Datasheet
998Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin, 0.6-3.3V/12Aout
DCT04S0A0S03NFA DELTA-DCT04S0A0S03NFA Datasheet
713Kb / 19P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4-5.5Vin 0.6-3.3V/3Aout
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_09 Datasheet
686Kb / 16P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNK05S0A0R30NFA DELTA-DNK05S0A0R30NFA Datasheet
746Kb / 15P
   Non-Isolated, Point of Load DC/DC Power Modules: 4,5~5.5Vin, 0.8V~3.63V/30Aout
DNS04S0A0S06PFA DELTA-DNS04S0A0S06PFA Datasheet
899Kb / 17P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNS04S0A0S06NFD DELTA-DNS04S0A0S06NFD_08 Datasheet
690Kb / 16P
   Delphi DNS, Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/6Aout
DNT04 DELTA-DNT04 Datasheet
960Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.3Vo, 3A out
DNT04S0A0S03NFA DELTA-DNT04S0A0S03NFA Datasheet
558Kb / 13P
   Non-Isolated Point of Load DC/DC Power Modules: 2.4~5.5Vin, 0.75~3.63Vo, 3A out
DCS12S0A0S06NFA DELTA-DCS12S0A0S06NFA Datasheet
1Mb / 20P
   Non-Isolated Point of Load DC/DC Power Modules: 4.5~14Vin, 0.59-5.0V/6Aout
DNM04S0A0S10PFD DELTA-DNM04S0A0S10PFD Datasheet
872Kb / 17P
   Non-Isolated Point of Load DC/DC Power Modules: 2.8-5.5Vin, 0.75-3.3V/10Aout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com