Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D12S05020-1D Datasheet(PDF) 2 Page - Delta Electronics, Inc.

Part # D12S05020-1D
Description  Non-Isolated Point of Load DC/DC Modules: 4.5V~13.2Vin, 0.59V~5.0Vout, 20A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

D12S05020-1D Datasheet(HTML) 2 Page - Delta Electronics, Inc.

  D12S05020-1D Datasheet HTML 1Page - Delta Electronics, Inc. D12S05020-1D Datasheet HTML 2Page - Delta Electronics, Inc. D12S05020-1D Datasheet HTML 3Page - Delta Electronics, Inc. D12S05020-1D Datasheet HTML 4Page - Delta Electronics, Inc. D12S05020-1D Datasheet HTML 5Page - Delta Electronics, Inc. D12S05020-1D Datasheet HTML 6Page - Delta Electronics, Inc. D12S05020-1D Datasheet HTML 7Page - Delta Electronics, Inc. D12S05020-1D Datasheet HTML 8Page - Delta Electronics, Inc. D12S05020-1D Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DS_D12S05020_10282008
2
TECHNICAL SPECIFICATIONS
(Ambient Temperature=25°C, minimum airflow=200LFM, nominal Vin=12Vdc unless otherwise specified.)
PARAMETER
NOTES and CONDITIONS
D12S05020
Min.
Typ.
Max.
Units
ABSOLUTE MAXIMUM RATINGS
Input Voltage
-0.3
13.2
V
Operating Temperature
Refer to Figure 25 for the measuring point
0
85
°C
Storage Temperature
-40
125
°C
INPUT CHARACTERISTICS
Operating Input Voltage
4.5
13.2
V
Input Under-Voltage Lockout
Turn-On Voltage Threshold
For 5V output the input minimum is 6.5V
4.5
V
Turn-Off Voltage Threshold
4.0
V
Maximum Input Current
Vin=6.5V, Vo=5.0V, Io=20A
16.5
A
Vin=5V, Vo=3.3V, Io=20A
14.7
A
No-Load Input Current
Vin=12V, Vo=5.0V, Io=0A
60
mA
Off Converter Input Current
Remote OFF
10
mA
OUTPUT CHARACTERISTICS
Output Voltage Adjustment Range
0.59
5.0
V
Output Voltage Set Point
With a 0.1% trim resistor
-2
+2
%Vo
Total output range
Over load, line, temperature regulation and set point
-3.0
+3.0
%Vo
Output Voltage Ripple and Noise
OSCON 680uF x2, 5Hz to 20MHz bandwidth
Peak-to-Peak
Full Load, 12Vin, 5Vo
10
20
mVpk-pk
Output Current Range
0
20
A
Output Voltage Over-shoot at Power-On
OSCON 680uF x2,
0.5%
Vo
Output Voltage Under-shoot at Power-Off
Vin=12V, Turn OFF, OSCON 680uF x2,
100
mV
Output DC Current-Limit Inception
Hiccup mode
30
A
Over Voltage Protection
Hiccup mode
115
%
Under Voltage Protection
Hiccup mode
115
%
DYNAMIC CHARACTERISTICS
Output Dynamic Load Response
Output step load 10A to 20A, 10A/usec
Vo=5.0V, 1360µF output capacitance
150
mVpk
Vo=3.3V, 1360µF output capacitance
99
mVpk
Vo=2.5V, 1360µF output capacitance
75
mVpk
Vo=1.5V, 1360µF output capacitance
45
mVpk
Vo=1.2V, 3280µF output capacitance
26
mVpk
Vo=0.9V, 3280µF output capacitance
22
mVpk
Vo=0.59V, 3280µF output capacitance
22
mVpk
Turn-On Transient
Rise Time
From 10% to 90% of Vo
3
5
ms
Turn on Delay (Remote on/off)
Vin=12V, Io=min-max. (With 10% of Vo)
5
ms
Minimum Output Capacitance
1300
5000
µF
EFFICIENCY
Vo=0.59V
Vin=12V, Io=20A
76.8
%
Vo=0.9V
Vin=12V, Io=20A
82.1
%
Vo=1.1V
Vin=12V, Io=20A
83.8
%
Vo=1.2V
Vin=12V, Io=20A
85.1
%
Vo=1.5V
Vin=12V, Io=20A
86.6
%
Vo=2.5V
Vin=12V, Io=20A
89.7
%
Vo=3.3V
Vin=12V, Io=20A
90.4
%
Vo=5.0V
Vin=12V, Io=20A
93.4
%
FEATURE CHARACTERISTICS
Switching Frequency
Fixed
600
KHz
ON/OFF Control
Positive logic (internally pulled high)
Logic High
Module On (or leave the pin open)
1.2
V
Logic Low
Module Off
0.8
V
Power Good Delay
All conditions (within 90% of Vo)
6
ms
Power Good Signal
Vo is outside +/-10% of Vo, set
0
0.4
V
Vo is Within +/-10% of Vo,set
5.0
V
GENERAL SPECIFICATIONS
Calculated MTBF
25℃, 300LFM, 80% load
6.33
Mhours
Weight
8.8
grams


Similar Part No. - D12S05020-1D

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
D12S05020-1D DELTA-D12S05020-1D Datasheet
596Kb / 12P
   4.5V~13.2Vin, 0.59V~5.0Vout, 20A
D12S05020-1D DELTA-D12S05020-1D Datasheet
596Kb / 13P
   Delphi D12S05020 Non-Isolated Point of Load DC/DC Modules
D12S05020-1D DELTA-D12S05020-1D Datasheet
722Kb / 12P
   Fixed frequency operation
More results

Similar Description - D12S05020-1D

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
D12S05020 DELTA-D12S05020 Datasheet
596Kb / 12P
   4.5V~13.2Vin, 0.59V~5.0Vout, 20A
D12F200E DELTA-D12F200E Datasheet
695Kb / 13P
   Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 40A
D12S2R550A DELTA-D12S2R550A Datasheet
769Kb / 11P
   Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 50A
NE12S0A0V20PNFA DELTA-NE12S0A0V20PNFA Datasheet
433Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.59V~5.1Vout, 20A
DUS1250EF DELTA-DUS1250EF Datasheet
669Kb / 17P
   DUS1250Ex Series Non-Isolated Point of Load DC/DC Modules: 2.97~13.2Vin, 0.59V-5Vout, 10Aout
D12F200E DELTA-D12F200E_14 Datasheet
620Kb / 14P
   Delphi D12F200 Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 40A
NC12S0A0V20PNFA DELTA-NC12S0A0V20PNFA Datasheet
714Kb / 14P
   Delphi NC20 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 20A
NC12S0A0H20PNFA DELTA-NC12S0A0H20PNFA Datasheet
912Kb / 14P
   Delphi NC20 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 20A
D12S400A DELTA-D12S400A Datasheet
798Kb / 12P
   Non-Isolated Point of Load DC/DC Modules: 10.8~13.2Vin, 0.8375~5.0V/ 80A output
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA_08 Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules:3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com