Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D12S05020-1B Datasheet(PDF) 6 Page - Delta Electronics, Inc.

Part # D12S05020-1B
Description  Non-Isolated Point of Load DC/DC Modules: 4.5V~13.2Vin, 0.59V~5.0Vout, 20A
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

D12S05020-1B Datasheet(HTML) 6 Page - Delta Electronics, Inc.

Back Button D12S05020-1B Datasheet HTML 2Page - Delta Electronics, Inc. D12S05020-1B Datasheet HTML 3Page - Delta Electronics, Inc. D12S05020-1B Datasheet HTML 4Page - Delta Electronics, Inc. D12S05020-1B Datasheet HTML 5Page - Delta Electronics, Inc. D12S05020-1B Datasheet HTML 6Page - Delta Electronics, Inc. D12S05020-1B Datasheet HTML 7Page - Delta Electronics, Inc. D12S05020-1B Datasheet HTML 8Page - Delta Electronics, Inc. D12S05020-1B Datasheet HTML 9Page - Delta Electronics, Inc. D12S05020-1B Datasheet HTML 10Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
DS_D12S05020_10282008
6
ELECTRICAL CHARACTERISTICS CURVES (CONTINUED)
Figure 19: Transient response, 5.0V /20A, Ch1: Vo
Figure 20: Transient response, 3.3V /20A, Ch1: Vo
Figure 21: Transient response, 2.5V /20A, Ch1: Vo
Figure 22: Transient response, 1.5V /20A, Ch1: Vo
Figure 23: Transient response, 1.2V /20A, Ch1: Vo
Figure 24: Transient response, 0.9V/20A, Ch1: Vo


Similar Part No. - D12S05020-1B

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
D12S05020-1B DELTA-D12S05020-1B Datasheet
596Kb / 12P
   4.5V~13.2Vin, 0.59V~5.0Vout, 20A
D12S05020-1B DELTA-D12S05020-1B Datasheet
596Kb / 13P
   Delphi D12S05020 Non-Isolated Point of Load DC/DC Modules
D12S05020-1B DELTA-D12S05020-1B Datasheet
722Kb / 12P
   Fixed frequency operation
More results

Similar Description - D12S05020-1B

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
D12S05020 DELTA-D12S05020 Datasheet
596Kb / 12P
   4.5V~13.2Vin, 0.59V~5.0Vout, 20A
D12F200E DELTA-D12F200E Datasheet
695Kb / 13P
   Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 40A
D12S2R550A DELTA-D12S2R550A Datasheet
769Kb / 11P
   Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 50A
NE12S0A0V20PNFA DELTA-NE12S0A0V20PNFA Datasheet
433Kb / 12P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.59V~5.1Vout, 20A
DUS1250EF DELTA-DUS1250EF Datasheet
669Kb / 17P
   DUS1250Ex Series Non-Isolated Point of Load DC/DC Modules: 2.97~13.2Vin, 0.59V-5Vout, 10Aout
D12F200E DELTA-D12F200E_14 Datasheet
620Kb / 14P
   Delphi D12F200 Non-Isolated Point of Load DC/DC Modules: 4.5V~13.8Vin, 0.6V~5.0Vout, 40A
NC12S0A0V20PNFA DELTA-NC12S0A0V20PNFA Datasheet
714Kb / 14P
   Delphi NC20 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 20A
NC12S0A0H20PNFA DELTA-NC12S0A0H20PNFA Datasheet
912Kb / 14P
   Delphi NC20 Series Non-Isolated Point of Load DC/DC Power Modules: 12Vin, 0.9V-5.0Vout, 20A
D12S400A DELTA-D12S400A Datasheet
798Kb / 12P
   Non-Isolated Point of Load DC/DC Modules: 10.8~13.2Vin, 0.8375~5.0V/ 80A output
NE12S0A0V06PNFA DELTA-NE12S0A0V06PNFA_08 Datasheet
553Kb / 14P
   Delphi NE Series Non-Isolated Point of Load DC/DC Modules:3.1~13.8Vin, 0.59V-5.1Vout, 6Aout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com