Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKL26Z128VLH4 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MKL26Z128VLH4
Description  KL26 Sub-Family Data Sheet
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MKL26Z128VLH4 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MKL26Z128VLH4 Datasheet HTML 1Page - Freescale Semiconductor, Inc MKL26Z128VLH4 Datasheet HTML 2Page - Freescale Semiconductor, Inc MKL26Z128VLH4 Datasheet HTML 3Page - Freescale Semiconductor, Inc MKL26Z128VLH4 Datasheet HTML 4Page - Freescale Semiconductor, Inc MKL26Z128VLH4 Datasheet HTML 5Page - Freescale Semiconductor, Inc MKL26Z128VLH4 Datasheet HTML 6Page - Freescale Semiconductor, Inc MKL26Z128VLH4 Datasheet HTML 7Page - Freescale Semiconductor, Inc MKL26Z128VLH4 Datasheet HTML 8Page - Freescale Semiconductor, Inc MKL26Z128VLH4 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
KL26P64M48SF5
KL26 Sub-Family Data Sheet
Supports the following:
MKL26Z32VFM4, MKL26Z64VFM4,
MKL26Z128VFM4, MKL26Z32VFT4,
MKL26Z64VFT4, MKL26Z128VFT4,
MKL26Z32VLH4, MKL26Z64VLH4,
MKL26Z128VLH4
Features
• Operating Characteristics
– Voltage range: 1.71 to 3.6 V
– Flash write voltage range: 1.71 to 3.6 V
– Temperature range (ambient): -40 to 105°C
• Performance
– Up to 48 MHz ARM® Cortex-M0+ core
• Memories and memory interfaces
– 128 KB program flash memory
– 16 KB RAM
• Clocks
– 32 kHz to 40 kHz or 3 MHz to 32 MHz crystal
oscillator
– Multi-purpose clock source
• System peripherals
– Nine low-power modes to provide power
optimization based on application requirements
– 4-channel DMA controller, supporting up to 63
request sources
– COP Software watchdog
– Low-leakage wakeup unit
– SWD interface and Micro Trace buffer
– Bit Manipulation Engine (BME)
• Security and integrity modules
– 80-bit unique identification (ID) number per chip
• Human-machine interface
– Low-power hardware touch sensor interface (TSI)
– General-purpose input/output
• Analog modules
– 16-bit SAR ADC
– 12-bit DAC
– Analog comparator (CMP) containing a 6-bit DAC
and programmable reference input
• Timers
– Six channel Timer/PWM (TPM)
– Two 2-channel Timer/PWM (TPM)
– Periodic interrupt timers
– 16-bit low-power timer (LPTMR)
– Real-time clock
• Communication interfaces
– USB full-/low-speed On-the-Go controller with on-
chip transceiver and 5 V to 3.3 V regulator
– Two 16-bit SPI modules
– Two I2C modules
– I2S (SAI) module
– One low power UART module
– Two UART modules
Freescale Semiconductor
Document Number: KL26P64M48SF5
Data Sheet: Technical Data
Rev. 2, 10/2013
Freescale reserves the right to change the detail specifications as may be
required to permit improvements in the design of its products.
© 2013 Freescale Semiconductor, Inc.


Similar Part No. - MKL26Z128VLH4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
MKL26Z128VLH4 NXP-MKL26Z128VLH4 Datasheet
1Mb / 61P
   Kinetis KL26 Sub-Family
Rev 5 08/2014
More results

Similar Description - MKL26Z128VLH4

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
KL26P64M48SF5 NXP-KL26P64M48SF5 Datasheet
1Mb / 61P
   Kinetis KL26 Sub-Family
Rev 5 08/2014
KL26P36M48SF5 NXP-KL26P36M48SF5 Datasheet
1Mb / 55P
   Kinetis KL26 Sub-Family
Rev 2 08/2014
KL26P121M48SF4 NXP-KL26P121M48SF4 Datasheet
1Mb / 63P
   Kinetis KL26 Sub-Family
Rev 5 08/2014
logo
Freescale Semiconductor...
K10P144M100SF2 FREESCALE-K10P144M100SF2 Datasheet
989Kb / 66P
   K10 Sub-Family Data Sheet
K10P81M100SF2 FREESCALE-K10P81M100SF2 Datasheet
865Kb / 60P
   K10 Sub-Family Data Sheet
K70P256M150SF3 FREESCALE-K70P256M150SF3 Datasheet
1Mb / 92P
   K70 Sub-Family Data Sheet
K11P80M50SF4 FREESCALE-K11P80M50SF4 Datasheet
1Mb / 54P
   K11 Sub-Family Data Sheet
K11P121M50SF4 FREESCALE-K11P121M50SF4 Datasheet
1Mb / 59P
   K11 Sub-Family Data Sheet
K12P121M50SF4 FREESCALE-K12P121M50SF4 Datasheet
1Mb / 59P
   K12 Sub-Family Data Sheet
KL14P80M48SF0 FREESCALE-KL14P80M48SF0 Datasheet
1Mb / 47P
   KL14 Sub-Family Data Sheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com