Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTD6N20E Datasheet(PDF) 2 Page - Motorola, Inc

Part # MTD6N20E
Description  TMOS POWER FET 6.0 AMPERES 200 VOLTS RDS(on) = 0.7 OHM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTD6N20E Datasheet(HTML) 2 Page - Motorola, Inc

  MTD6N20E Datasheet HTML 1Page - Motorola, Inc MTD6N20E Datasheet HTML 2Page - Motorola, Inc MTD6N20E Datasheet HTML 3Page - Motorola, Inc MTD6N20E Datasheet HTML 4Page - Motorola, Inc MTD6N20E Datasheet HTML 5Page - Motorola, Inc MTD6N20E Datasheet HTML 6Page - Motorola, Inc MTD6N20E Datasheet HTML 7Page - Motorola, Inc MTD6N20E Datasheet HTML 8Page - Motorola, Inc MTD6N20E Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MTD6N20E
2
Motorola TMOS Power MOSFET Transistor Device Data
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–Source Breakdown Voltage
(VGS = 0 Vdc, ID = 0.25 µAdc)
Temperature Coefficient (Positive)
V(BR)DSS
200
689
Vdc
mV/
°C
Zero Gate Voltage Drain Current
(VDS = 200 Vdc, VGS = 0 Vdc)
(VDS = 200 Vdc, VGS = 0 Vdc, TJ = 125°C)
IDSS
10
100
µAdc
Gate–Body Leakage Current (VGS = ± 20 Vdc, VDS = 0)
IGSS
100
nAdc
ON CHARACTERISTICS (1)
Gate Threshold Voltage
(VDS = VGS, ID = 250 µAdc)
Temperature Coefficient (Negative)
VGS(th)
2.0
3.0
7.1
4.0
Vdc
mV/
°C
Static Drain–Source On–Resistance (VGS = 10 Vdc, ID = 3.0 Adc)
RDS(on)
0.46
0.700
Ohm
Drain–Source On–Voltage (VGS = 10 Vdc)
(ID = 6.0 Adc)
(ID = 3.0 Adc, TJ = 125°C)
VDS(on)
2.9
5.0
4.4
Vdc
Forward Transconductance (VDS = 15 Vdc, ID = 3.0 Adc)
gFS
1.5
mhos
DYNAMIC CHARACTERISTICS
Input Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Ciss
342
480
pF
Output Capacitance
(VDS = 25 Vdc, VGS = 0 Vdc,
f = 1.0 MHz)
Coss
92
130
Reverse Transfer Capacitance
f = 1.0 MHz)
Crss
27
55
SWITCHING CHARACTERISTICS (2)
Turn–On Delay Time
(VDD = 100 Vdc, ID = 6.0 Adc,
VGS = 10 Vdc,
RG = 9.1 Ω)
td(on)
8.8
17.6
ns
Rise Time
(VDD = 100 Vdc, ID = 6.0 Adc,
VGS = 10 Vdc,
RG = 9.1 Ω)
tr
29
58
Turn–Off Delay Time
VGS = 10 Vdc,
RG = 9.1 Ω)
td(off)
22
44
Fall Time
G = 9.1 Ω)
tf
20
40.8
Gate Charge
(See Figure 8)
(VDS = 160 Vdc, ID = 6.0 Adc,
VGS = 10 Vdc)
QT
13.7
21
nC
(See Figure 8)
(VDS = 160 Vdc, ID = 6.0 Adc,
VGS = 10 Vdc)
Q1
2.7
(VDS = 160 Vdc, ID = 6.0 Adc,
VGS = 10 Vdc)
Q2
7.1
Q3
5.9
SOURCE–DRAIN DIODE CHARACTERISTICS
Forward On–Voltage (1)
(IS = 6.0 Adc, VGS = 0 Vdc)
(IS = 6.0 Adc, VGS = 0 Vdc, TJ = 125°C)
VSD
0.99
0.9
1.2
Vdc
Reverse Recovery Time
(See Figure 14)
(IS = 6.0 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
trr
138
ns
(See Figure 14)
(IS = 6.0 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
ta
93
(IS = 6.0 Adc, VGS = 0 Vdc,
dIS/dt = 100 A/µs)
tb
45
Reverse Recovery Stored Charge
QRR
0.74
µC
INTERNAL PACKAGE INDUCTANCE
Internal Drain Inductance
(Measured from the drain lead 0.25
″ from package to center of die)
LD
4.5
nH
Internal Source Inductance
(Measured from the source lead 0.25
″ from package to source bond pad)
LS
7.5
nH
(1) Pulse Test: Pulse Width
≤ 300 µs, Duty Cycle ≤ 2%.
(2) Switching characteristics are independent of operating junction temperature.


Similar Part No. - MTD6N20E

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTD6N20E ONSEMI-MTD6N20E Datasheet
90Kb / 9P
   Power MOSFET 6 Amps, 200 Volts N?묬hannel DPAK
August, 2005 ??Rev. 3
logo
Inchange Semiconductor ...
MTD6N20E ISC-MTD6N20E Datasheet
345Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
MTD6N20E1 ONSEMI-MTD6N20E1 Datasheet
90Kb / 9P
   Power MOSFET 6 Amps, 200 Volts N?묬hannel DPAK
August, 2005 ??Rev. 3
MTD6N20ET4 ONSEMI-MTD6N20ET4 Datasheet
90Kb / 9P
   Power MOSFET 6 Amps, 200 Volts N?묬hannel DPAK
August, 2005 ??Rev. 3
MTD6N20ET4G ONSEMI-MTD6N20ET4G Datasheet
90Kb / 9P
   Power MOSFET 6 Amps, 200 Volts N?묬hannel DPAK
August, 2005 ??Rev. 3
More results

Similar Description - MTD6N20E

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTP6P20E MOTOROLA-MTP6P20E Datasheet
216Kb / 8P
   TMOS POWER FET 6.0 AMPERES 200 VOLTS RDS(on) = 1.0 OHM
MTD6P10E MOTOROLA-MTD6P10E Datasheet
261Kb / 10P
   TMOS POWER FET 6.0 AMPERES 100 VOLTS RDS(on) = 0.66 OHM
MTD6N15 MOTOROLA-MTD6N15 Datasheet
231Kb / 10P
   TMOS POWER FET 6.0 AMPERES 150 VOLTS RDS(on) = 0.3 OHM
MTP2P50E MOTOROLA-MTP2P50E Datasheet
230Kb / 8P
   TMOS POWER FET 2.0 AMPERES 500 VOLTS RDS(on) = 6.0 OHM
MTD6N10E MOTOROLA-MTD6N10E Datasheet
211Kb / 10P
   TMOS POWER FET 6.0 AMPERES 100 VOLTS RDS(on) = 0.400 OHM
MTV6N100E MOTOROLA-MTV6N100E Datasheet
262Kb / 10P
   TMOS POWER FET 6.0 AMPERES 1000 VOLTS RDS(on) = 1.5 OHM
MTW6N100E MOTOROLA-MTW6N100E Datasheet
195Kb / 8P
   TMOS POWER FET 6.0 AMPERES 1000 VOLTS RDS(on) = 1.5 OHM
MTD4N20E MOTOROLA-MTD4N20E Datasheet
268Kb / 10P
   TMOS POWER FET 4.0 AMPERES 200 VOLTS RDS(on) = 1.2 OHM
MTV32N20E MOTOROLA-MTV32N20E Datasheet
264Kb / 10P
   TMOS POWER FET 32 AMPERES 200 VOLTS RDS(on) = 0.075 OHM
MTW32N20E MOTOROLA-MTW32N20E Datasheet
205Kb / 8P
   TMOS POWER FET 32 AMPERES 200 VOLTS RDS(on) = 0.075 OHM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com