Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G9EN-1 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # G9EN-1
Description  DC Power Relays (60A Model)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9EN-1 Datasheet(HTML) 1 Page - Omron Electronics LLC

  G9EN-1 Datasheet HTML 1Page - Omron Electronics LLC G9EN-1 Datasheet HTML 2Page - Omron Electronics LLC G9EN-1 Datasheet HTML 3Page - Omron Electronics LLC G9EN-1 Datasheet HTML 4Page - Omron Electronics LLC G9EN-1 Datasheet HTML 5Page - Omron Electronics LLC G9EN-1 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
DC Power Relays (60A Model)
G9EN-1
1
DC Power Relays (60A Model)
G9EN-1
DC Power Relays that Enable DC Load Interruption
at High Voltage and Current
• Enables downsizing, weight saving, and non-polarization in the main contact
circuit (contact terminal) by using a proprietary design of the contact block
• Contributes to improvements in the ease of wiring and mounting, and
error-proofing against faulty wiring.
• Half-size reduction in volume and weight when compared to Omron’s same
class product (60A, 400 VDC)
(Per Omron’s internal investigation, August 2012).
- Smallest in its class: 50mm x 28mm x 40mm (hxwxl)
- Lightest in its class: Approx. 140 g.
• RoHS Compliant
Model Number Structure
■ Model Number Legend
Ordering Information
■ List of Models
To Order: Select the part number and add the desired coil voltage rating (e.g., G9EN-1 DC12 or G9EN-1-UVD DC24).
Note: Two M4 screws are provided for the contact terminal connection.
Specifications
■ Ratings
Contacts
Models
Terminals
Contact form
Rated coil voltage
Model
Coil terminals
Contact terminals
Switching/current
conduction models
Lead wire
Screw terminals
SPST-NO
12 VDC
G9EN-1 (-UVD)
24 VDC
1. Number of Poles
1: 1 pole
5. Special Functions
G9EN -
-
-
-
-
2
3
4
5
1
2. Contact Form
Blank: SPST-NO
4. Approved Standard
Blank: Standard
UVD: UL/CSA/VDE approved standard type.
3. Coil Terminals
Blank: Lead wire output
Item
Resistive load
Rated load
60 A at 400 VDC
Rated carry current
60 A
Maximum switching voltage
400 V
Maximum switching current
60 A


Similar Part No. - G9EN-1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G9EA-1 OMRON-G9EA-1 Datasheet
445Kb / 10P
   DC Power Relays (60-A, 100-A Models)
G9EA-1 OMRON-G9EA-1 Datasheet
445Kb / 10P
   DC Power Relays Capable of Interrupting High voltage
G9EA-1-B OMRON-G9EA-1-B Datasheet
445Kb / 10P
   DC Power Relays (60-A, 100-A Models)
G9EA-1-B OMRON-G9EA-1-B Datasheet
445Kb / 10P
   DC Power Relays Capable of Interrupting High voltage
G9EA-1-B-CA OMRON-G9EA-1-B-CA Datasheet
445Kb / 10P
   DC Power Relays (60-A, 100-A Models)
More results

Similar Description - G9EN-1

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A-1077F MACOM-A-1077F Datasheet
79Kb / 1P
   DC Relays
logo
Omron Electronics LLC
G9EB-1 OMRON-G9EB-1 Datasheet
247Kb / 8P
   DC Power Relays (25-A Models)
G9EC-1 OMRON-G9EC-1 Datasheet
421Kb / 10P
   DC Power Relays (200-A Models)
logo
Marathon Special Produc...
6SJ60AXIC MARATHON-6SJ60AXIC Datasheet
516Kb / 3P
   60A, 600V AC/DC
10/06/23
logo
C&D Technologies
QUS20-120-NHDR CANDD-QUS20-120-NHDR Datasheet
406Kb / 9P
   DC/DC Converter Output, 1.1V - 1.85Vout @ 60A
logo
Omron Electronics LLC
G9EA1BDC100 OMRON-G9EA1BDC100 Datasheet
445Kb / 10P
   DC Power Relays Capable of Interrupting High voltage
G9EA-1 OMRON-G9EA-1 Datasheet
445Kb / 10P
   DC Power Relays (60-A, 100-A Models)
logo
Tyco Electronics
TS5-1Y MACOM-TS5-1Y Datasheet
79Kb / 2P
   DC SOLID STATE RELAYS
logo
TE Connectivity Ltd
T9S TEC-T9S Datasheet
290Kb / 2P
   General Purpose Relays Power Relays
logo
Omron Electronics LLC
G7Z OMRON-G7Z Datasheet
353Kb / 10P
   Power Relays
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com