Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIM3R3300SFB Datasheet(PDF) 10 Page - Delta Electronics, Inc.

Part # DIM3R3300SFB
Description  300W Dual Input Power Processing DC/DC Power Modules
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DIM3R3300SFB Datasheet(HTML) 10 Page - Delta Electronics, Inc.

Back Button DIM3R3300SFB Datasheet HTML 5Page - Delta Electronics, Inc. DIM3R3300SFB Datasheet HTML 6Page - Delta Electronics, Inc. DIM3R3300SFB Datasheet HTML 7Page - Delta Electronics, Inc. DIM3R3300SFB Datasheet HTML 8Page - Delta Electronics, Inc. DIM3R3300SFB Datasheet HTML 9Page - Delta Electronics, Inc. DIM3R3300SFB Datasheet HTML 10Page - Delta Electronics, Inc. DIM3R3300SFB Datasheet HTML 11Page - Delta Electronics, Inc. DIM3R3300SFB Datasheet HTML 12Page - Delta Electronics, Inc. DIM3R3300SFB Datasheet HTML 13Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
PRELIMINARY DATASHEET
DS_DIM3R3_03252009
10
FEATURES AND DESIGN
CONSIDERATIONS (CONTINUED)
The PICMG 3.0’s requirements for the 0 Vdc transient is
5mS with 50V/ms fall slew rate and 12.5 V/ms rise slew
rate. This requirement will lead to a 9.3ms T_HLDP
requirement assuming power is interrupted at -43Vdc
(Vth).
Considering power output is 300W, Vth is 43V,
)
(
1672
43
72
3
.
9
*
300
*
2
_
2
2
uF
HLDP
C
=
=
When the input voltage is at the threshold of discharge,
C_HLDP will go off line and the charge pump will
recharge it to 72V.
The discharge resistor for C_HLDP is not required,
because there is sufficient standby current in the module
to bleed the holdup capacitors from 75V to 60V within 1
second as specified in the PICMG 3.0. Furthermore a
bleed resistor will induce extra loss of the MOSFET of
the charging circuit.
Over-Current Protection
DIM3R3/050 provides two over current protection levels.
When the output current exceeds the low current limit
level, the current will be kept for a period of time before
the module is shut down. After a fixed delay time, the
module will try to restart. If the output current exceeds
the high current limit level, the module will shut down
immediately. Then it will go through the same restarting
procedure.
A/B Feed / Fuse Alarm (-48V_ALARM)
The input feeds A and B are monitored. The module will
send an opto-isolated signal if any of the feed is below
the voltage threshold (typical 35V). Therefore, the loss
of any A or B feed can be detected. The opto coupler
transistor on state indicates a normal status and off
state indicates a fault condition.
Input Under Voltage Lockout
The input under-voltage lockout prevents the module from
being damaged by low input voltage. When the input
voltage is lower than its threshold voltage, the module will
be turned off. The lockout occurs between -33.3V to
-35.3V.
Transient Over Voltage Protection
The PICMG 3.0 requires the module work normally
under 200V/5μS and 100V/10μS input voltage transient.
DIM3R3/050 can meet the requirement. An internal TVS
with 80V/1500W peak pulse power rating will suppress
the 200V transient voltage. For the 100V pulse voltage,
the power train impedance will damp it below internal
components rating without shut down the module. When
input voltage of the module is higher than 81.8V, the
module will be turned off. The module will restart when
the input voltage drop down to 79.8V.
Management Power and Blue_LED Power
The module contains two isolated DC output. The first
output provides up to 8W of 3.3V (DIM3R3) or 5.0V
(DIM050)
management
power
(reference
to
LOGIC_GND). This power is used to power the IPM
controller for the ATCA board or to power up system
controller for other applications. The second isolated
output, 5V/100mA, is used to power the Blue LED per
PICMG 3.0 requirement.
The management power is available as soon as the
input voltage levels are within –36Vdc to –75Vdc. The
output is short circuit and over voltage protected. The
module is in a hiccup mode under an OCP or short
output condition. The output voltage will keep constant
under over voltage status. No additional output
capacitors are required, but a 22µF tantalum/ceramic
and a 0.01µF to 0.1µF ceramic capacitors are highly
recommended to reduce the switching ripple and noise.
Higher output capacitance may be required in case of
large input line or output load transient conditions.


Similar Part No. - DIM3R3300SFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DIM3R3300SFB DELTA-DIM3R3300SFB Datasheet
376Kb / 13P
   Delphi Series DIM, 300W Dual Input Power Processing DC/DC Power Modules
DIM3R3300SFB DELTA-DIM3R3300SFB Datasheet
379Kb / 14P
   Delphi Series DIM, 300W Dual Input Power Processing DC/DC Power Modules
DIM3R3300SFB DELTA-DIM3R3300SFB Datasheet
602Kb / 13P
   Industry standard pin out
DIM3R3300SFB DELTA-DIM3R3300SFB Datasheet
602Kb / 13P
   Inrush protection and hot swap capability
More results

Similar Description - DIM3R3300SFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DIM3R3300SFA DELTA-DIM3R3300SFA Datasheet
376Kb / 13P
   Delphi Series DIM, 300W Dual Input Power Processing DC/DC Power Modules
DIM3R3300SFA DELTA-DIM3R3300SFA_14 Datasheet
379Kb / 14P
   Delphi Series DIM, 300W Dual Input Power Processing DC/DC Power Modules
E48SD12025 DELTA-E48SD12025 Datasheet
1Mb / 27P
   300W DC/DC Power Modules
Q48SC12025 DELTA-Q48SC12025 Datasheet
1Mb / 28P
   300W DC/DC Power Modules
E48SC12025 DELTA-E48SC12025 Datasheet
1Mb / 28P
   300W DC/DC Power Modules
logo
General Electric Compan...
QBVW025A0B GEC-QBVW025A0B Datasheet
1Mb / 19P
   Barracuda* Series; DC-DC Converter Power Modules 36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
Version 1.3 May 9, 2013
logo
BOSER Technology Co., L...
BPW-830C BOSER-BPW-830C Datasheet
78Kb / 1P
   300W DC-DC ATX power supply Input Range: 19~32VDC
MPD-830R BOSER-MPD-830R Datasheet
82Kb / 1P
   300W DC-DC ATX Power Supply
BPW-830V BOSER-BPW-830V Datasheet
78Kb / 1P
   300W DC-DC ATX power supply Input Range: -40~-72VDC
logo
Delta Electronics, Inc.
Q48SH12025 DELTA-Q48SH12025 Datasheet
392Kb / 13P
   300W Quarter Brick Family DC/DC Power Modules: 48V in, 12V/25A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com