Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DIM3R3300SFB Datasheet(PDF) 8 Page - Delta Electronics, Inc.

Part # DIM3R3300SFB
Description  300W Dual Input Power Processing DC/DC Power Modules
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

DIM3R3300SFB Datasheet(HTML) 8 Page - Delta Electronics, Inc.

Back Button DIM3R3300SFB Datasheet HTML 4Page - Delta Electronics, Inc. DIM3R3300SFB Datasheet HTML 5Page - Delta Electronics, Inc. DIM3R3300SFB Datasheet HTML 6Page - Delta Electronics, Inc. DIM3R3300SFB Datasheet HTML 7Page - Delta Electronics, Inc. DIM3R3300SFB Datasheet HTML 8Page - Delta Electronics, Inc. DIM3R3300SFB Datasheet HTML 9Page - Delta Electronics, Inc. DIM3R3300SFB Datasheet HTML 10Page - Delta Electronics, Inc. DIM3R3300SFB Datasheet HTML 11Page - Delta Electronics, Inc. DIM3R3300SFB Datasheet HTML 12Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
PRELIMINARY DATASHEET
DS_DIM3R3_03252009
8
APPLICATION CIRCUITS
TYPICAL VALUES FOR ABOVE COMPONENTS:
POSITION
VALUE
NOTE
F1,F2
1A, FUSE
F3,F4
15A, FUSE
F5,F6
15A, FUSE
R1,R2
15Ω, RESISTOR
R3
7.5KΩ, RESISTOR
C1
10
μF, CAP
C2
200~330
μF, CAP
C3
Defined by DC/DC converter application note
C_HOLD
2
2
72
_
*
*
2
Vth
V
HLDP
T
Power
for the definition of parameters, please see page 10


Similar Part No. - DIM3R3300SFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DIM3R3300SFB DELTA-DIM3R3300SFB Datasheet
376Kb / 13P
   Delphi Series DIM, 300W Dual Input Power Processing DC/DC Power Modules
DIM3R3300SFB DELTA-DIM3R3300SFB Datasheet
379Kb / 14P
   Delphi Series DIM, 300W Dual Input Power Processing DC/DC Power Modules
DIM3R3300SFB DELTA-DIM3R3300SFB Datasheet
602Kb / 13P
   Industry standard pin out
DIM3R3300SFB DELTA-DIM3R3300SFB Datasheet
602Kb / 13P
   Inrush protection and hot swap capability
More results

Similar Description - DIM3R3300SFB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DIM3R3300SFA DELTA-DIM3R3300SFA Datasheet
376Kb / 13P
   Delphi Series DIM, 300W Dual Input Power Processing DC/DC Power Modules
DIM3R3300SFA DELTA-DIM3R3300SFA_14 Datasheet
379Kb / 14P
   Delphi Series DIM, 300W Dual Input Power Processing DC/DC Power Modules
E48SD12025 DELTA-E48SD12025 Datasheet
1Mb / 27P
   300W DC/DC Power Modules
Q48SC12025 DELTA-Q48SC12025 Datasheet
1Mb / 28P
   300W DC/DC Power Modules
E48SC12025 DELTA-E48SC12025 Datasheet
1Mb / 28P
   300W DC/DC Power Modules
logo
General Electric Compan...
QBVW025A0B GEC-QBVW025A0B Datasheet
1Mb / 19P
   Barracuda* Series; DC-DC Converter Power Modules 36-75Vdc Input; 12.0Vdc, 25.0A, 300W Output
Version 1.3 May 9, 2013
logo
BOSER Technology Co., L...
BPW-830C BOSER-BPW-830C Datasheet
78Kb / 1P
   300W DC-DC ATX power supply Input Range: 19~32VDC
MPD-830R BOSER-MPD-830R Datasheet
82Kb / 1P
   300W DC-DC ATX Power Supply
BPW-830V BOSER-BPW-830V Datasheet
78Kb / 1P
   300W DC-DC ATX power supply Input Range: -40~-72VDC
logo
Delta Electronics, Inc.
Q48SH12025 DELTA-Q48SH12025 Datasheet
392Kb / 13P
   300W Quarter Brick Family DC/DC Power Modules: 48V in, 12V/25A out
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com