Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D12S1R830D Datasheet(PDF) 5 Page - Delta Electronics, Inc.

Part # D12S1R830D
Description  Non-Isolated, Power Block DC/DC Power Modules: 7.0~13.2Vin, 0.8V~1.8V/30Aout
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

D12S1R830D Datasheet(HTML) 5 Page - Delta Electronics, Inc.

  D12S1R830D Datasheet HTML 1Page - Delta Electronics, Inc. D12S1R830D Datasheet HTML 2Page - Delta Electronics, Inc. D12S1R830D Datasheet HTML 3Page - Delta Electronics, Inc. D12S1R830D Datasheet HTML 4Page - Delta Electronics, Inc. D12S1R830D Datasheet HTML 5Page - Delta Electronics, Inc. D12S1R830D Datasheet HTML 6Page - Delta Electronics, Inc. D12S1R830D Datasheet HTML 7Page - Delta Electronics, Inc. D12S1R830D Datasheet HTML 8Page - Delta Electronics, Inc. D12S1R830D Datasheet HTML 9Page - Delta Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
5
ELECTRICAL CHARACTERISTICS CURVES
Figure 7: Output Rise Time: 1 pcs Converter on test board.
(Vin =11.0V; 1V Output Voltage; Iout = 30A), 1mS/div, 0.5V/div
Figure 8: Output Fall Time: 1 pcs Converter on test board.
(Vin =11.0V; 1V Output Voltage; Iout = 30A),
500uS/div, 0.5V/div
Figure 9: Output Rise Time: 1 pcs Converter on test board.
(Vin =11.0V; 1.8V Output Voltage; Iout = 30A)
1mS/div, 0.5V/div
Figure 10: Output Fall Time: 1 pcs Converter on test board.
(Vin =11.0V; 1.8V Output Voltage; Iout = 30A)
500uS/div, 0.5V/div


Similar Part No. - D12S1R830D

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
D12S1R830D DELTA-D12S1R830D Datasheet
589Kb / 5P
   Application Note for Power Block
D12S1R830D DELTA-D12S1R830D Datasheet
500Kb / 11P
   No minimum load required
More results

Similar Description - D12S1R830D

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
D12S72C DELTA-D12S72C Datasheet
421Kb / 12P
   Non-Isolated, Power Block DC/DC Power Modules: 7.0~13.2Vin, 0.8V~1.8V/40Aout
DNK12S0A0R30NFA DELTA-DNK12S0A0R30NFA Datasheet
771Kb / 15P
   Non-Isolated, Point of Load DC/DC Power Modules: 6~14Vin, 0.8V~5.5V/30Aout
DNK05S0A0R30NFA DELTA-DNK05S0A0R30NFA Datasheet
746Kb / 15P
   Non-Isolated, Point of Load DC/DC Power Modules: 4,5~5.5Vin, 0.8V~3.63V/30Aout
logo
Lineage Power Corporati...
APTH020A0X LINEAGEPOWER-APTH020A0X_10 Datasheet
525Kb / 23P
   TLynxTM: Non-Isolated DC-DC Power Modules
logo
Delta Electronics, Inc.
D12S05020-1A DELTA-D12S05020-1A Datasheet
596Kb / 12P
   Non-Isolated Point of Load DC/DC Modules: 4.5V~13.2Vin, 0.59V~5.0Vout, 20A
logo
Lineage Power Corporati...
APTH012A0X LINEAGEPOWER-APTH012A0X_10 Datasheet
598Kb / 23P
   Micro TLynxTM: Non-Isolated DC-DC Power Modules
APTS020A0X LINEAGEPOWER-APTS020A0X_10 Datasheet
765Kb / 26P
   12V TLynxTM Non-Isolated DC-DC Power Modules
logo
Bel Fuse Inc.
SLIN-20F1AX BEL-SLIN-20F1AX_17 Datasheet
1Mb / 23P
   power modules are non-isolated DC/DC converters
logo
Murata Power Solutions ...
OKLP-X25-W12-C MURATA-PS-OKLP-X25-W12-C Datasheet
851Kb / 21P
   25A Power Block Non-Isolated DC-DC Converter
logo
Delta Electronics, Inc.
D12S400A DELTA-D12S400A Datasheet
798Kb / 12P
   Non-Isolated Point of Load DC/DC Modules: 10.8~13.2Vin, 0.8375~5.0V/ 80A output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com