Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV5630IPW Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLV5630IPW
Description  8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG ONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV5630IPW Datasheet(HTML) 1 Page - Texas Instruments

  TLV5630IPW Datasheet HTML 1Page - Texas Instruments TLV5630IPW Datasheet HTML 2Page - Texas Instruments TLV5630IPW Datasheet HTML 3Page - Texas Instruments TLV5630IPW Datasheet HTML 4Page - Texas Instruments TLV5630IPW Datasheet HTML 5Page - Texas Instruments TLV5630IPW Datasheet HTML 6Page - Texas Instruments TLV5630IPW Datasheet HTML 7Page - Texas Instruments TLV5630IPW Datasheet HTML 8Page - Texas Instruments TLV5630IPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1
FEATURES
APPLICATIONS
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
DGND
DIN
SCLK
FS
PRE
OUTE
OUTF
OUTG
OUTH
AGND
DVDD
DOUT
LDAC
MODE
REF
OUTD
OUTC
OUTB
OUTA
AVDD
DW OR PW PACKAGE
(TOP VIEW)
DESCRIPTION
TLV5630
TLV5631
TLV5632
www.ti.com .................................................................................................................................................... SLAS269F – MAY 2000 – REVISED NOVEMBER 2008
8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG
CONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE
• Digital Servo Control Loops
• Eight Voltage Output DACs in One Package
• Digital Offset and Gain Adjustment
TLV5630 . . . 12-Bit
• Industrial Process Control
TLV5631 . . . 10-Bit
• Machine and Motion Control Devices
TLV5632 . . . 8-Bit
• Mass Storage Devices
1
µs in Fast Mode
3
µs in Slow Mode
• Programmable Settling Time vs Power
Consumption
1
µs in Fast Mode
3
µs in Slow Mode
18 mW in Slow Mode at 3 V
48 mW in Fast Mode at 3 V
• Compatible With TMS320 and SPI Serial Ports
• Monotonic Over Temperature
• Low Power Consumption:
18 mW in Slow Mode at 3 V
48 mW in Fast Mode at 3 V
• Power-Down Mode
• Internal Reference
• Data Output for Daisy-Chaining
The TLV5630, TLV5631, and TLV5632 are pin-compatible, eight-channel, 12-/10-/8-bit voltage output DACs
each with a flexible serial interface. The serial interface allows glueless interface to TMS320 and SPI, QSPI, and
Microwire serial ports. It is programmed with a 16-bit serial string containing 4 control and 12 data bits.
Additional features are a power-down mode, an LDAC input for simultaneous update of all eight DAC outputs,
and a data output which can be used to cascade multiple devices, and an internal programmable band-gap
reference.
The resistor string output voltage is buffered by a rail-to-rail output amplifier with a programmable settling time to
allow the designer to optimize speed vs power dissipation. The buffered, high-impedance reference input can be
connected to the supply voltage.
Implemented with a CMOS process, the DACs are designed for single-supply operation from 2.7 V to 5.5 V, and
can operate on two separate analog and digital power supplies. The devices are available in 20-pin SOIC and
TSSOP packages.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2000–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TLV5630IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5630IPW TI-TLV5630IPW Datasheet
272Kb / 15P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE
More results

Similar Description - TLV5630IPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV5630 TI-TLV5630_15 Datasheet
872Kb / 23P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE
TLV5631 TI-TLV5631 Datasheet
272Kb / 15P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTERS WITH POWER DOWN AND INTERNAL REFERENCE
TLV5624CDGK TI1-TLV5624CDGK Datasheet
941Kb / 22P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5624 TI-TLV5624 Datasheet
236Kb / 17P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5624 TI-TLV5624_15 Datasheet
955Kb / 23P
[Old version datasheet]   2.7-V TO 5.5-V LOW POWER 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5626CDR TI-TLV5626CDR Datasheet
430Kb / 19P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5608 TI-TLV5608 Datasheet
275Kb / 16P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5610IPWRG4 TI-TLV5610IPWRG4 Datasheet
915Kb / 22P
[Old version datasheet]   8-CHANNEL, 12-/10-/8-BIT, 2.7-V TO 5.5-V LOW POWER DIGITAL-TO-ANALOG CONVERTER WITH POWER DOWN
TLV5626IDG4 TI-TLV5626IDG4 Datasheet
430Kb / 19P
[Old version datasheet]   2.7-V TO 5.5-V LOW-POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
TLV5626 TI-TLV5626 Datasheet
226Kb / 16P
[Old version datasheet]   2.7 V TO 5.5 V LOW POWER DUAL 8-BIT DIGITAL-TO-ANALOG CONVERTER WITH INTERNAL REFERENCE AND POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com