Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLV2721CDBVRG4 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLV2721CDBVRG4
Description  Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POEWR SINGLE OPERATIONAL AMPLIFIERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2721CDBVRG4 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLV2721CDBVRG4 Datasheet HTML 5Page - Texas Instruments TLV2721CDBVRG4 Datasheet HTML 6Page - Texas Instruments TLV2721CDBVRG4 Datasheet HTML 7Page - Texas Instruments TLV2721CDBVRG4 Datasheet HTML 8Page - Texas Instruments TLV2721CDBVRG4 Datasheet HTML 9Page - Texas Instruments TLV2721CDBVRG4 Datasheet HTML 10Page - Texas Instruments TLV2721CDBVRG4 Datasheet HTML 11Page - Texas Instruments TLV2721CDBVRG4 Datasheet HTML 12Page - Texas Instruments TLV2721CDBVRG4 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
TLV2721, TLV2721Y
Advanced LinCMOS RAILTORAIL
VERY LOW POWER SINGLE OPERATIONAL AMPLIFIERS
SLOS197A − AUGUST1997 − REVISED MARCH 2001
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at VDD = 3 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TLV2721Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VDD ± = ± 1.5 V,
VIC = 0,
VO = 0,
620
µV
IIO
Input offset current
VDD ± = ± 1.5 V,
RS = 50 Ω
VIC = 0,
VO = 0,
0.5
60
pA
IIB
Input bias current
RS = 50 Ω
1
60
pA
−0.3
VICR
Common-mode input voltage range
| VIO|≤5 mV,
RS = 50 Ω
−0.3
to 2.2
V
VICR
Common-mode input voltage range
| VIO| ≤5 mV,
RS = 50 Ω
to 2.2
V
VOH
High-level output voltage
IOH = − 100 µA
2.97
V
VOL
Low-level output voltage
VIC = 1.5 V,
IOL = 50 µA
15
mV
VOL
Low-level output voltage
VIC = 1.5 V,
IOL = 500 µA
150
mV
AVD
Large-signal differential
VO = 1 V to 2 V
RL = 2 kن
3
V/mV
AVD
Large-signal differential
voltage amplification
VO = 1 V to 2 V
RL = 1 Mن
250
V/mV
rid
Differential input resistance
1012
ric
Common-mode input resistance
1012
cic
Common-mode input capacitance
f = 10 kHz
6
pF
zo
Closed-loop output impedance
f = 10 kHz,
AV = 10
90
CMRR
Common-mode rejection ratio
VIC = 0 to 1.7 V,
VO = 0,
RS = 50 Ω
82
dB
kSVR
Supply voltage rejection ratio (
∆VDD/∆VIO)
VDD = 2.7 V to 8 V, VIC = 0,
No load
95
dB
IDD
Supply current
VO = 0,
No load
100
µA
† Referenced to 1.5 V
electrical characteristics at VDD = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TLV2721Y
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIO
Input offset voltage
VDD ± = ± 1.5 V,
VIC = 0,
VO = 0,
610
µV
IIO
Input offset current
VDD ± = ± 1.5 V,
RS = 50 Ω
VIC = 0,
VO = 0,
0.5
60
pA
IIB
Input bias current
RS = 50 Ω
1
60
pA
−0.3
VICR
Common-mode input voltage range
| VIO|≤5 mV,
RS = 50 Ω
−0.3
to 4.2
V
VICR
Common-mode input voltage range
| VIO| ≤5 mV,
RS = 50 Ω
to 4.2
V
VOH
High-level output voltage
IOH = − 500 µA
4.88
V
VOL
Low-level output voltage
VIC = 2.5 V,
IOL = 50 µA
12
mV
VOL
Low-level output voltage
VIC = 2.5 V,
IOL = 500 µA
120
mV
AVD
Large-signal differential
VO = 1 V to 4 V
RL = 2 kن
5
V/mV
AVD
Large-signal differential
voltage amplification
VO = 1 V to 4 V
RL = 1 Mن
800
V/mV
rid
Differential input resistance
1012
ric
Common-mode input resistance
1012
cic
Common-mode input capacitance
f = 10 kHz
6
pF
zo
Closed-loop output impedance
f = 10 kHz,
AV = 10
70
CMRR
Common-mode rejection ratio
VIC = 0 to 1.7 V,
VO = 0,
RS = 50 Ω
85
dB
kSVR
Supply voltage rejection ratio (
∆VDD/∆VIO)
VDD = 2.7 V to 8 V, VIC = 0,
No load
95
dB
IDD
Supply current
VO = 0,
No load
110
µA
† Referenced to 2.5 V


Similar Part No. - TLV2721CDBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV2721CDBV TI-TLV2721CDBV Datasheet
579Kb / 28P
[Old version datasheet]   Advanced LinCMOSE RAIL-TO-RAIL VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
More results

Similar Description - TLV2721CDBVRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC225X-EP TI1-TLC225X-EP_15 Datasheet
1Mb / 39P
[Old version datasheet]   ADVANCED LINCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC2252-EP TI1-TLC2252-EP Datasheet
999Kb / 38P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV225X-Q1 TI1-TLV225X-Q1 Datasheet
735Kb / 37P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV255X TI-TLV255X Datasheet
1Mb / 53P
[Old version datasheet]   ADVANCED LINCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV2252-Q1 TI1-TLV2252-Q1 Datasheet
695Kb / 36P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X TI-TLC225X_07 Datasheet
1Mb / 73P
[Old version datasheet]   Advanced LinCMOS??RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X TI-TLC225X_08 Datasheet
1Mb / 74P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLC225X-Q1 TI-TLC225X-Q1 Datasheet
706Kb / 35P
[Old version datasheet]   advanced LinCMOS RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
TLV2221CDBVR TI1-TLV2221CDBVR Datasheet
731Kb / 32P
[Old version datasheet]   Advanced LinCMOS RAIL-TO-RAIL VERY ;OW-POWER SINGLE OPERATIONAL AMPLIFIERS
TLC225X TI1-TLC225X_16 Datasheet
2Mb / 72P
[Old version datasheet]   Advanced LinCMOS田?RAIL-TO-RAIL VERY LOW-POWER OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com