Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP3211AMNR2G Datasheet(PDF) 10 Page - ON Semiconductor

Part # ADP3211AMNR2G
Description  7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3211AMNR2G Datasheet(HTML) 10 Page - ON Semiconductor

Back Button ADP3211AMNR2G Datasheet HTML 6Page - ON Semiconductor ADP3211AMNR2G Datasheet HTML 7Page - ON Semiconductor ADP3211AMNR2G Datasheet HTML 8Page - ON Semiconductor ADP3211AMNR2G Datasheet HTML 9Page - ON Semiconductor ADP3211AMNR2G Datasheet HTML 10Page - ON Semiconductor ADP3211AMNR2G Datasheet HTML 11Page - ON Semiconductor ADP3211AMNR2G Datasheet HTML 12Page - ON Semiconductor ADP3211AMNR2G Datasheet HTML 13Page - ON Semiconductor ADP3211AMNR2G Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ADP3211, ADP3211A
http://onsemi.com
10
TYPICAL PERFORMANCE CHARACTERISTICS
EN
1
2
3
4
1: 0.5V/div
2: 5V/div
3: 5V/div
4: 5V/div
2ms/div
GPU = 0V
Figure 9. Startup Waveforms CPU Mode
EN
1
2
3
4
1: 0.5V/div
2: 5V/div
3: 5V/div
4: 5V/div
4ms/div
GPU = 5V
Figure 10. Startup Waveforms GPU Mode
1
2
3
4
1 : 100mV/div
2 : 10V/div
3: 5A/div
4 : 5V/div
Low Side Gate Drive
Figure 11. DCM Waveforms, 1 A Load Current
1
2
3
4
1 : 100mV/div
2 : 10V/div
3 : 5A/div
4 : 5V/div
Figure 12. CCM Waveforms, 10 A Load Current
1
2
1: 50mV/div
2: 10V/div
Output Voltage
Switch Node
Input = 12V
Output = 1.2V
3A to 15A Step
Figure 13. Load Transient
Figure 14. Load Transient
1
2
1: 50mV/div
2: 10V/div
Output Voltage
Switch Node
Input = 12V
Output = 1.2V
3A to 15A Step
Output Voltage
CLKEN
PWRGD
40 ms/div
40 ms/div
2 ms/div
Low Side Gate Drive
Output Voltage
Inductor
Current
Switch Node
4 ms/div
Inductor
Current
Output Voltage
Switch Node
PWRGD
Output Voltage
CLKEN


Similar Part No. - ADP3211AMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3211AMNR2G ONSEMI-ADP3211AMNR2G Datasheet
519Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
April, 2009 ??Rev. 0
More results

Similar Description - ADP3211AMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3211 ONSEMI-ADP3211 Datasheet
519Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
April, 2009 ??Rev. 0
NCP5380 ONSEMI-NCP5380_12 Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
NCP5380 ONSEMI-NCP5380 Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
ADP3209CJCPZ-RL ONSEMI-ADP3209CJCPZ-RL Datasheet
752Kb / 32P
   5-Bit, Programmable, Single-Phase, Synchronous Buck Controller
Jan2008 Rev. 2 ADP3209/D
ADP3212 ONSEMI-ADP3212 Datasheet
1Mb / 43P
   7-Bit Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Rev. SpA
ADP3212A ONSEMI-ADP3212A Datasheet
496Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
June, 2010 ??Rev. 0
ADP3208D ONSEMI-ADP3208D Datasheet
823Kb / 37P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
February, 2010 ??Rev. 0
logo
Analog Devices
ADP3208AJCPZ-RL AD-ADP3208AJCPZ-RL Datasheet
784Kb / 38P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
January 2008 ??Rev. 2
logo
ON Semiconductor
NCP3218GMNR2G ONSEMI-NCP3218GMNR2G Datasheet
474Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
August, 2012 ??Rev. 4
ADP3207C ONSEMI-ADP3207C Datasheet
531Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
December, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com