Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADP3211NMNR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # ADP3211NMNR2G
Description  7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3211NMNR2G Datasheet(HTML) 1 Page - ON Semiconductor

  ADP3211NMNR2G Datasheet HTML 1Page - ON Semiconductor ADP3211NMNR2G Datasheet HTML 2Page - ON Semiconductor ADP3211NMNR2G Datasheet HTML 3Page - ON Semiconductor ADP3211NMNR2G Datasheet HTML 4Page - ON Semiconductor ADP3211NMNR2G Datasheet HTML 5Page - ON Semiconductor ADP3211NMNR2G Datasheet HTML 6Page - ON Semiconductor ADP3211NMNR2G Datasheet HTML 7Page - ON Semiconductor ADP3211NMNR2G Datasheet HTML 8Page - ON Semiconductor ADP3211NMNR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
© Semiconductor Components Industries, LLC, 2009
November, 2009 − Rev. 2
1
Publication Order Number:
ADP3211/D
ADP3211, ADP3211A
7-Bit, Programmable,
Single-Phase, Synchronous
Buck Controller
The ADP3211 is a highly efficient, single−phase, synchronous
buck switching regulator controller. With its integrated driver, the
ADP3211 is optimized for converting the notebook battery voltage to
the supply voltage required by high performance Intel chipsets. An
internal 7−bit DAC is used to read a VID code directly from the
chip−set or the CPU and to set the GMCH render voltage or the CPU
core voltage to a value within the range of 0 V to 1.5 V.
The ADP3211 uses a multi−mode architecture. It provides
programmable switching frequency that can be optimized for
efficiency depending on the output current requirement. In addition,
the ADP3211 includes a programmable load line slope function to
adjust the output voltage as a function of the load current so that the
core voltage is always optimally positioned for a load transient. The
ADP3211 also provides accurate and reliable current overload
protection and a delayed power−good output. The IC supports
On−The−Fly (OTF) output voltage changes requested by the chip−set.
The ADP3211 has a boot voltage of 1.1 V for IMVP−6.5
applications in CPU mode. The ADP3211A has a boot voltage of
1.2 V in CPU mode.
The ADP3211 is specified over the extended commercial temperature
range of −40
°C to 100°C and is available in a 32−lead QFN.
Features
Single−Chip Solution
Fully Compatible with the Intel® IMVP−6.5
t CPU and GMCH
Chipset Voltage Regulator Specifications Integrated MOSFET
Drivers
Input Voltage Range of 3.3 V to 22 V
±7 mV Worst−Case Differentially Sensed Core Voltage Error
Overtemperature
Automatic Power−Saving Modes Maximize Efficiency During
Light Load Operation
Soft Transient Control Reduces Inrush Current and Audio Noise
Independent Current Limit and Load Line Setting Inputs for
Additional Design Flexibility
Built−in Power−Good Masking Supports Voltage Identification
(VID) OTF Transients
7−Bit, Digitally Programmable DAC with 0 V to 1.5 V Output
Short−Circuit Protection
Current Monitor Output Signal
This is a Pb−Free Device
Fully RoHS Compliant
32−Lead QFN
Applications
Notebook Power Supplies for Next Generation Intel Chipsets
Intel Netbook Atom Processors
http://onsemi.com
QFN32
MN SUFFIX
CASE 488AM
See detailed ordering and shipping information in the package
dimensions section on page 31 of this data sheet.
ORDERING INFORMATION
32
1
ADP3211(A)
AWLYYWWG
G
1
(A)
= ADP3211A Device Only
A
= Assembly Location
WL = Wafer Lot
YY
= Year
WW = Work Week
G
= Pb−Free Package
PIN ASSIGNMENT
MARKING DIAGRAM
VCC
BST
DRVH
SW
PVCC
DRVL
PGND
GND
PWRGD
IMON
CLKEN
FBRTN
FB
COMP
GPU
ILIM
1
ADP3211
ADP3211A
(top view)
(Note: Microdot may be in either location)


Similar Part No. - ADP3211NMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3211 ONSEMI-ADP3211 Datasheet
519Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
April, 2009 ??Rev. 0
ADP3211A ONSEMI-ADP3211A Datasheet
519Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
April, 2009 ??Rev. 0
ADP3211AMNR2G ONSEMI-ADP3211AMNR2G Datasheet
519Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
April, 2009 ??Rev. 0
ADP3211MNR2G ONSEMI-ADP3211MNR2G Datasheet
519Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
April, 2009 ??Rev. 0
More results

Similar Description - ADP3211NMNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ADP3211 ONSEMI-ADP3211 Datasheet
519Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
April, 2009 ??Rev. 0
NCP5380 ONSEMI-NCP5380_12 Datasheet
514Kb / 28P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
April, 2011 ??Rev. 3
NCP5380 ONSEMI-NCP5380 Datasheet
498Kb / 27P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Switching Regulator Controller
May, 2009 ??Rev. 0
ADP3209CJCPZ-RL ONSEMI-ADP3209CJCPZ-RL Datasheet
752Kb / 32P
   5-Bit, Programmable, Single-Phase, Synchronous Buck Controller
Jan2008 Rev. 2 ADP3209/D
ADP3212 ONSEMI-ADP3212 Datasheet
1Mb / 43P
   7-Bit Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Rev. SpA
ADP3212A ONSEMI-ADP3212A Datasheet
496Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
June, 2010 ??Rev. 0
ADP3208D ONSEMI-ADP3208D Datasheet
823Kb / 37P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
February, 2010 ??Rev. 0
logo
Analog Devices
ADP3208AJCPZ-RL AD-ADP3208AJCPZ-RL Datasheet
784Kb / 38P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
January 2008 ??Rev. 2
logo
ON Semiconductor
NCP3218GMNR2G ONSEMI-NCP3218GMNR2G Datasheet
474Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
August, 2012 ??Rev. 4
ADP3207C ONSEMI-ADP3207C Datasheet
531Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
December, 2009 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com