Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A5191HRTNG-XTD Datasheet(PDF) 3 Page - ON Semiconductor

Part # A5191HRTNG-XTD
Description  HART Modem
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

A5191HRTNG-XTD Datasheet(HTML) 3 Page - ON Semiconductor

  A5191HRTNG-XTD Datasheet HTML 1Page - ON Semiconductor A5191HRTNG-XTD Datasheet HTML 2Page - ON Semiconductor A5191HRTNG-XTD Datasheet HTML 3Page - ON Semiconductor A5191HRTNG-XTD Datasheet HTML 4Page - ON Semiconductor A5191HRTNG-XTD Datasheet HTML 5Page - ON Semiconductor A5191HRTNG-XTD Datasheet HTML 6Page - ON Semiconductor A5191HRTNG-XTD Datasheet HTML 7Page - ON Semiconductor A5191HRTNG-XTD Datasheet HTML 8Page - ON Semiconductor A5191HRTNG-XTD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
A5191HRT
http://onsemi.com
3
Table 2. DC CHARACTERISTICS (VDD = 3.0 V to 5.5 V, VSS = 0 V, TA = −40°C to +85°C)
Symbol
Parameter
VDD
Min
Typ
Max
Units
VIL
Input Voltage, Low
3.0 – 5.5 V
0.3 * VDD
V
VIH
Input Voltage, High
3.0 – 5.5 V
0.7 * VDD
V
VOL
Output Voltage, Low (IOL = 0.67 mA)
3.0 – 5.5 V
0.4
V
VOH
Output Voltage, High (IOH = −0.67 mA)
3.0 – 5.5 V
2.4
V
CIN
Input Capacitance of:
Analog Input
RXA
Digital Input
2.9
25
3.5
pF
pF
pF
IIL/IIH
Input Leakage Current
±500
nA
IOLL
Output Leakage Current
±10
mA
IDDA
Power Supply Current
(RBIAS = 500 kW, AREF = 1.235 V)
3.3 V
5.0 V
150
150
330
300
450
600
mA
mA
IDDD
Dynamic Digital Current
5.0 V
25
200
mA
AREF
Analog Reference
3.3 V
5.0 V
1.2
1.235
2.5
2.6
V
V
CDREF
(Note 3)
Carrier Detect Reference (AREF – 0.08 V)
3.3 V
5.0 V
1.15
2.42
V
CBIAS
Comparator Bias Current
(RBIAS = 500 kW, AREF = 1.235 V)
2.5
mA
3. The HART specification requires carrier detect (CD) to be active between 80 and 120 mVp−p. Setting CDREF at AREF − 0.08 VDC will set
the carrier detect to a nominal 100 mVp−p.
Table 3. AC CHARACTERISTICS (VDD = 3.0 V to 5.5 V, VSS = 0 V, TA = −40°C to +85°C) (Note 4)
Pin Name
Description
Min
Typ
Max
Units
RxA
Receive analog input
Leakage current
Frequency – mark (logic 1)
Frequency – space (logic 0)
1190
2180
1200
2200
±150
1210
2220
nA
Hz
Hz
RxAF
Output of the high−pass filter
Slew rate
Gain bandwidth (GBW)
Voltage range
150
0.15
0.025
VDD – 0.15
V/ms
kHz
V
RxAFI
Carrier detect and receive filter input
Leakage current
±500
nA
TxA
Modulator output
Frequency – mark (logic 1)
Frequency – space (logic 0)
Amplitude (AREF 1.235 V)
Slew Rate − mark (logic 1)
Slew Rate − space (logic 0)
Loading (AREF = 1.235 V)
30
1196.9
2194.3
500
1860
3300
Hz
Hz
mV
V/s
V/s
kW
RxD
Receive digital output
Rise/fall time
20
ns
CD
Carrier detect output
Rise/fall time
20
ns
4. The modular output frequencies are proportional to the input clock frequency (460.8 kHz).


Similar Part No. - A5191HRTNG-XTD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
A5191HRTNG-XTD ONSEMI-A5191HRTNG-XTD Datasheet
160Kb / 14P
   HART Modem
September, 2016 ??Rev. 9
More results

Similar Description - A5191HRTNG-XTD

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
A5191HRT ONSEMI-A5191HRT_11 Datasheet
198Kb / 14P
   HART Modem
December, 2011 ??Rev. 5
NCN5193 ONSEMI-NCN5193 Datasheet
200Kb / 14P
   HART Modem
June, 2014 ??Rev. P4
NCN5192 ONSEMI-NCN5192 Datasheet
309Kb / 13P
   HART Modem
October, 2011 ??Rev. 2
logo
Maxim Integrated Produc...
DS8500 MAXIM-DS8500 Datasheet
107Kb / 6P
   HART Modem
Rev 0; 10/08
logo
ON Semiconductor
NCN5192 ONSEMI-NCN5192_14 Datasheet
247Kb / 13P
   HART Modem
February, 2014 ??Rev. 3
NCN5193 ONSEMI-NCN5193_16 Datasheet
198Kb / 14P
   HART Modem
March, 2016 ??Rev. 1
A5191HRT ONSEMI-A5191HRT_16 Datasheet
160Kb / 14P
   HART Modem
September, 2016 ??Rev. 9
NCN5193 ONSEMI-NCN5193_3 Datasheet
199Kb / 14P
   HART Modem
September, 2016 ??Rev. 3
logo
Maxim Integrated Produc...
DS8500 MAXIM-DS8500_09 Datasheet
170Kb / 7P
   HART Modem
Rev 1; 2/09
logo
List of Unclassifed Man...
20C12 ETC1-20C12 Datasheet
468Kb / 11P
   HART MODEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com