Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A5191HRTLG-XTP Datasheet(PDF) 9 Page - ON Semiconductor

Part # A5191HRTLG-XTP
Description  HART Modem
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

A5191HRTLG-XTP Datasheet(HTML) 9 Page - ON Semiconductor

Back Button A5191HRTLG-XTP Datasheet HTML 5Page - ON Semiconductor A5191HRTLG-XTP Datasheet HTML 6Page - ON Semiconductor A5191HRTLG-XTP Datasheet HTML 7Page - ON Semiconductor A5191HRTLG-XTP Datasheet HTML 8Page - ON Semiconductor A5191HRTLG-XTP Datasheet HTML 9Page - ON Semiconductor A5191HRTLG-XTP Datasheet HTML 10Page - ON Semiconductor A5191HRTLG-XTP Datasheet HTML 11Page - ON Semiconductor A5191HRTLG-XTP Datasheet HTML 12Page - ON Semiconductor A5191HRTLG-XTP Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
A5191HRT
http://onsemi.com
9
Receive Filter and Comparator
The received FSK signal first is filtered using a band-pass
filter build around the low noise receiver operational
amplifier “Rx HP filter”. This filter blocks interferences
outside the HART signal band.
Rx Comp
Rx HP Filter
RxAF
RxA
RxAFI
AREF
DEMODULATOR
HART IN
1.235 VDC
C1
C2
C3
R1
R2
R3
R4
R6
R5
C4
Figure 9. Demodulator Receive Filter and Signal
Comparator
The filter output is fed into the Rx comparator. The
threshold value equals the analog ground making the
comparator to toggle on every zero crossing of the filtered
FSK signal. The maximum demodulator jitter is 12 % of one
bit given the input frequencies are within the HART
specifications, a clock frequency of 460.8 kHz (
±1.0 %) and
zero input (RxA) asymmetry.
Carrier Detect Circuitry
Low HART input signal levels increases the risk for the
generation of bit errors. Therefore the minimum signal
amplitude is set to 80 − 120 mVpp. If the received signal is
below this level the demodulator is disabled.
This level detection is done in the Carrier Detector. The
output of the demodulator is qualified with the carrier detect
signal (CD), therefore, only RxA signals large enough to be
detected (100 mVp-p typically) by the carrier detect circuit
produce received serial data at RxD.
RxD
CD
Demodulator
Logic
Rx Comp
Carrier Detect
Counter
Carrier Comp
DEMODULATOR
RxAFI
AREF
CDREF
FILTERED
HART IN
1.235 VDC
VAREF –80 mV
Figure 10. Demodulator Carrier and Signal
Comparator
The carrier detect comparator shown in Figure 10
generates logic low output if the RxAFI voltage is below
CDREF. The comparator output is fed into a carrier detect
block. The carrier detect block drives the carrier detect
output pin CD high if RTSB is high and four consecutive
pulses out of the comparator have arrived. CD stays high as
long as RTSB is high and the next comparator pulse is
received in less than 2.5 ms. Once CD goes inactive, it takes
four consecutive pulses out of the comparator to assert CD
again. Four consecutive pulses amount to 3.33 ms when the
received signal is 1200 Hz and to 1.82 ms when the received
signal is 2200 HZ.
Miscellaneous Analog Circuitry
Voltage References
The A5191HRT requires two voltage references, AREF
and CDREF. AREF sets the DC operating point of the
internal operational amplifiers and is the reference for the
Rx comparator. If A5191HRT operates at VDD = 3.3 V the
ON Semiconductor LM285D 1.235 V reference is
recommended.
The level at which CD (Carrier Detect) becomes active is
determined by the DC voltage difference (CDREF - AREF).
Selecting a voltage difference of 80 mV will set the carrier
detect to a nominal 100 mVp-p.
Bias Current Resistor
The A5191HRT requires a bias current resistor RBIAS to
be connected between CBIAS and VSS. The bias current
controls the operating parameters of the internal operational
amplifiers and comparators and should be set to 2.5
mA.
BIAS
CBIAS
OPA
AREF
RBIAS
Figure 11. Bias Circuit
The value of the bias current resistor is determined by the
reference voltage AREF and the following formula:
RBIAS + AREF
2.5 mA
The recommended bias current resistor is 500 K
W when
AREF is equal to 1.235 V.
Oscillator
The A5191HRT requires a 460.8 kHz clock signal. This
can be provided by an external clock or a resonator
connected to the A5191HRT internal oscillator.


Similar Part No. - A5191HRTLG-XTP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
A5191HRTLG-XTP ONSEMI-A5191HRTLG-XTP Datasheet
399Kb / 13P
   HART Modem
May 2008 ??Rev. 3
A5191HRTLG-XTP ONSEMI-A5191HRTLG-XTP Datasheet
160Kb / 14P
   HART Modem
September, 2016 ??Rev. 9
More results

Similar Description - A5191HRTLG-XTP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
A5191HRT ONSEMI-A5191HRT_11 Datasheet
198Kb / 14P
   HART Modem
December, 2011 ??Rev. 5
NCN5193 ONSEMI-NCN5193 Datasheet
200Kb / 14P
   HART Modem
June, 2014 ??Rev. P4
NCN5192 ONSEMI-NCN5192 Datasheet
309Kb / 13P
   HART Modem
October, 2011 ??Rev. 2
logo
Maxim Integrated Produc...
DS8500 MAXIM-DS8500 Datasheet
107Kb / 6P
   HART Modem
Rev 0; 10/08
logo
ON Semiconductor
NCN5192 ONSEMI-NCN5192_14 Datasheet
247Kb / 13P
   HART Modem
February, 2014 ??Rev. 3
NCN5193 ONSEMI-NCN5193_16 Datasheet
198Kb / 14P
   HART Modem
March, 2016 ??Rev. 1
A5191HRT ONSEMI-A5191HRT_16 Datasheet
160Kb / 14P
   HART Modem
September, 2016 ??Rev. 9
NCN5193 ONSEMI-NCN5193_3 Datasheet
199Kb / 14P
   HART Modem
September, 2016 ??Rev. 3
logo
Maxim Integrated Produc...
DS8500 MAXIM-DS8500_09 Datasheet
170Kb / 7P
   HART Modem
Rev 1; 2/09
logo
List of Unclassifed Man...
20C12 ETC1-20C12 Datasheet
468Kb / 11P
   HART MODEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com