Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR460 Datasheet(PDF) 5 Page - Kersemi Electronic Co., Ltd.

Part # MUR460
Description  Power Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MUR460 Datasheet(HTML) 5 Page - Kersemi Electronic Co., Ltd.

  MUR460 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MUR460 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MUR460 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MUR460 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. MUR460 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. MUR460 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. MUR460 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MUR405, MUR410, MUR415, MUR420, MUR440, MUR460
http://kersemi.com
5
MUR440, MUR460
Figure 6. Typical Forward Voltage
vF, INSTANTANEOUS VOLTAGE (VOLTS)
0.5
1.1
0.7
1.5
0.03
0.1
0.3
0.2
2.0
1.0
0.02
20
7.0
3.0
0.5
5.0
0.05
VR, REVERSE VOLTAGE (VOLTS)
0
200
100
400
40
80
0.008
0.004
200
0.8
0.4
0.2
20
4.0
2.0
8.0
TJ = 175°C
300
700
Figure 7. Typical Reverse Current
TA, AMBIENT TEMPERATURE (°C)
Figure 8. Current Derating
(Mounting Method #3 Per Note 2)
Figure 9. Power Dissipation
0
2.0
2.0
4.0
6.0
8.0
0
4.0
6.0
8.0
IF(AV), AVERAGE FORWARD CURRENT (A)
Figure 10. Typical Capacitance
0.7
10
0.07
1.9
2.1
2.3
100°C
TJ = 175°C
25°C
600
500
0.08
0.04
0.02
100°C
25°C
IPK
IAV
dc
SQUAREWAVE
1.0
3.0
5.0
7.0
10
12
14
0.3
0.9
1.3
1.7
40
20
30
4.0
10
VR, REVERSE VOLTAGE (VOLTS)
5.0
6.0
7.0
8.0
9.0
10
20
30
50
40
0
TJ = 25°C
400
9.0
10
5.0
10
(Capacitive
Load)
=20
0
20
40
60
80
100 120 140 160 180 200
0
1
2
3
4
5
6
7
8
Rated VR
RqJA = 28°C/W
SQUAREWAVE
DC


Similar Part No. - MUR460

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR460 MOTOROLA-MUR460 Datasheet
100Kb / 6P
   ULTRAFAST RECTIFIERS 4.0 AMPERES 200-600 VOLTS
logo
First Silicon Co., Ltd
MUR460 FS-MUR460 Datasheet
125Kb / 2P
   Outline Dimensions and Mark
logo
Guangdong Kexin Industr...
MUR460 KEXIN-MUR460 Datasheet
815Kb / 2P
   Ultra Fast Recovery Diodes
logo
SynSemi, Inc.
MUR460 SYNSEMI-MUR460 Datasheet
36Kb / 2P
   ULTRAFAST RECTIFIERS
logo
Diotec Semiconductor
MUR460 DIOTEC-MUR460 Datasheet
135Kb / 2P
   Superfast Efficient Rectifier Diodes
More results

Similar Description - MUR460

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MUR1610CT NJSEMI-MUR1610CT Datasheet
80Kb / 2P
   Power Rectifiers
logo
Kersemi Electronic Co.,...
MUR860G KERSEMI-MUR860G Datasheet
478Kb / 7P
   Power Rectifiers
logo
EM Microelectronic - MA...
MUR805 EMMICRO-MUR805 Datasheet
468Kb / 7P
   Power Rectifiers
logo
Kersemi Electronic Co.,...
MUR805 KERSEMI-MUR805 Datasheet
468Kb / 7P
   Power Rectifiers
logo
EM Microelectronic - MA...
MUR420RLG EMMICRO-MUR420RLG Datasheet
426Kb / 7P
   Power Rectifiers
logo
Yea Shin Technology Co....
MUR405 YEASHIN-MUR405 Datasheet
84Kb / 3P
   Power Rectifiers
logo
Microsemi Corporation
USD735 MICROSEMI-USD735 Datasheet
84Kb / 2P
   POWER SCHOTTKY RECTIFIERS
USD520 MICROSEMI-USD520_03 Datasheet
135Kb / 3P
   POWER SCHOTTKY RECTIFIERS
logo
Semikron International
SKBB80-70-4 SEMIKRON-SKBB80-70-4 Datasheet
362Kb / 3P
   Power Bridge Rectifiers
DBI25 SEMIKRON-DBI25 Datasheet
324Kb / 3P
   Power Bridge Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com