Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR420 Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # MUR420
Description  Power Rectifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MUR420 Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  MUR420 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MUR420 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MUR420 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MUR420 Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. MUR420 Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. MUR420 Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. MUR420 Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
MUR405, MUR410, MUR415, MUR420, MUR440, MUR460
http://kersemi.com
2
MAXIMUM RATINGS
Rating
Symbol
MUR
Unit
405
410
415
420
440
460
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
150
200
400
600
V
Average Rectified Forward Current (Square Wave)
(Mounting Method #3 Per Note 2)
IF(AV)
4.0 @ TA = 80°C
4.0 @
TA = 40°C
A
Nonrepetitive Peak Surge Current
(Surge applied at rated load conditions, half wave, single phase, 60 Hz)
IFSM
125
110
A
Operating Junction Temperature & Storage Temperature
TJ, Tstg
*65 to +175
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
THERMAL CHARACTERISTICS
Rating
Symbol
MUR
Unit
405
410
415
420
440
460
Maximum Thermal Resistance, Junction−to−Ambient
RqJA
See Note 2
°C/W
ELECTRICAL CHARACTERISTICS
Rating
Symbol
MUR
Unit
405
410
415
420
440
460
Maximum Instantaneous Forward Voltage (Note 1)
(iF = 3.0 A, TJ = 150°C)
(iF = 3.0 A, TJ = 25°C)
(iF = 4.0 A, TJ = 25°C)
vF
0.71
0.88
0.89
1.05
1.25
1.28
V
Maximum Instantaneous Reverse Current (Note 1)
(Rated dc Voltage, TJ = 150°C)
(Rated dc Voltage, TJ = 25°C)
iR
150
5
250
10
mA
Maximum Reverse Recovery Time
(IF = 1.0 A, di/dt = 50 A/ms)
(IF = 0.5 A, iR = 1.0 A, IREC = 0.25 A)
trr
35
25
75
50
ns
Maximum Forward Recovery Time
(IF = 1.0 A, di/dt = 100 A/ms, Recovery to 1.0 V)
tfr
25
50
ns
Controlled Avalanche Energy (Maximum)
Waval
5
mJ
1. Pulse Test: Pulse Width = 300
ms, Duty Cycle v 2.0%.


Similar Part No. - MUR420

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR420 MOTOROLA-MUR420 Datasheet
100Kb / 6P
   ULTRAFAST RECTIFIERS 4.0 AMPERES 200-600 VOLTS
logo
SUNMATE electronic Co.,...
MUR420 SUNMATE-MUR420 Datasheet
195Kb / 2P
   4.0A Axial Leaded Ultra-Fast Recovery Rectifier Diodes
logo
Rectron Semiconductor
MUR420 RECTRON-MUR420 Datasheet
199Kb / 3P
   ULTRAFAST RECTIFIER VOLTAGE RANGE 200 to 600 Volts CURRENT 4.0 Amperes
logo
DIYI Electronic Technol...
MUR420 DYELEC-MUR420 Datasheet
1Mb / 2P
   4.0 A Ultrafast Glass Passivated Rectifiers
logo
Frontier Electronics.
MUR420 FRONTIER-MUR420 Datasheet
128Kb / 2P
   4A FAST EFFICIENT RECTIFIER
More results

Similar Description - MUR420

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MUR1610CT NJSEMI-MUR1610CT Datasheet
80Kb / 2P
   Power Rectifiers
logo
Kersemi Electronic Co.,...
MUR860G KERSEMI-MUR860G Datasheet
478Kb / 7P
   Power Rectifiers
logo
EM Microelectronic - MA...
MUR805 EMMICRO-MUR805 Datasheet
468Kb / 7P
   Power Rectifiers
logo
Kersemi Electronic Co.,...
MUR805 KERSEMI-MUR805 Datasheet
468Kb / 7P
   Power Rectifiers
logo
EM Microelectronic - MA...
MUR420RLG EMMICRO-MUR420RLG Datasheet
426Kb / 7P
   Power Rectifiers
logo
Yea Shin Technology Co....
MUR405 YEASHIN-MUR405 Datasheet
84Kb / 3P
   Power Rectifiers
logo
Microsemi Corporation
USD735 MICROSEMI-USD735 Datasheet
84Kb / 2P
   POWER SCHOTTKY RECTIFIERS
USD520 MICROSEMI-USD520_03 Datasheet
135Kb / 3P
   POWER SCHOTTKY RECTIFIERS
logo
Semikron International
SKBB80-70-4 SEMIKRON-SKBB80-70-4 Datasheet
362Kb / 3P
   Power Bridge Rectifiers
DBI25 SEMIKRON-DBI25 Datasheet
324Kb / 3P
   Power Bridge Rectifiers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com