Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR4030PT Datasheet(PDF) 1 Page - Kersemi Electronic Co., Ltd.

Part # MBR4030PT
Description  40 Amp Schottky Barrier Rectifier 20 to 60 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

MBR4030PT Datasheet(HTML) 1 Page - Kersemi Electronic Co., Ltd.

  MBR4030PT Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MBR4030PT Datasheet HTML 2Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
l
High Surge Capacity
l
Low Power Loss, High Efficiency
l
High Current Capability
l
Metal of silicon Rectifier, majority Carrier Conduction
l
Guard Ring For Transient Protection
Maximum Ratings
l
Operating Temperature: -55
oC to +150oC
l
Storage Temperature: -55
oC to +175oC
MBR4020PT
20V
14V
20V
MBR4030PT
30V
21V
30V
MBR4035PT
35V
24.5V
35V
MBR4040PT
40V
28V
40V
MBR4045PT
45V
31.5V
45V
MBR4060PT
60V
42V
60V
Part Number
Maximum
Recurrent Peak
Reverse Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
MBR4020PT
THRU
MBR4060PT
40 Amp Schottky
Barrier Rectifier
20 to 60 Volts
Electrical Characteristics @25oC Unless Otherwise Specified
Pulse test: Pulse width 300 usec, duty cycle 2%.
Average Forward Current
IF(AV)
40.0A
TC=125
oC
Peak Forward Surge
Current
IFSM
400A
8.3ms half sine
Maximum Instantaneous
Forward Voltage
MBR4020PT-4045PT
MBR4060PT
VF
.70V
IFM=20.0A
.80V
Maximum DC Reverse
Current At Rated DC
Blocking Voltage
IR
1.0mA
T C=25
oC
Typical Junction
Capacitance
Cj
700pF
Measured at
1.0MHz,
V R=4.0V
PIN 1
PIN 3
PIN 2
CASE
E
L
Q
P
N
M
F
C
B
A
O
K
J
I
H
G
D

INCHES
MM






A
.620
.640
15.75
16.25
B
.837
.856
21.25
21.75
O
.076
.086
1.93
2.18
C
.772
.791
19.60
20.10
D
.149
.172
3.78
4.38
E
.074
.082
1.88
2.08
F
.192
.202
4.87
5.13
G
.173 TYP
4.4 TYP
H
.075
.085
1.90
2.16
I
.115
.127
2.93
3.22
J
.044
.048
1.12
1.22
K
.114
.126
2.90
3.20
L
.205
.224
5.20
5.70
M
.083
.095
2.10
2.40
N
.020
.030
0.51
0.76
T C=25
oC
MBR4020PT-4045PT
.60V
T C=125
oC
100mA
T C=125
oC
10
° TYP
2
0
° TYP
Q
P
L
PIN
1
2
3
TO-3P

MBR4060PT
.70V
www.kersemi.com


Similar Part No. - MBR4030PT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR4030PT DIODES-MBR4030PT Datasheet
89Kb / 2P
   40A SCHOTTKY BARRIER RECTIFIER
DS23019 Rev. E-2
logo
Lite-On Technology Corp...
MBR4030PT LITEON-MBR4030PT Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Diodes Incorporated
MBR4030PT DIODES-MBR4030PT Datasheet
63Kb / 3P
   40A SCHOTTKY BARRIER RECTIFIER
DS23019 Rev. 8 - 2
logo
List of Unclassifed Man...
MBR4030PT ETC2-MBR4030PT Datasheet
123Kb / 2P
   Wide Temperature Range and High Tjm Schottky Barrier Rectifiers
logo
Pan Jit International I...
MBR4030PT PANJIT-MBR4030PT Datasheet
427Kb / 2P
   40 AMPERES SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR4030PT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MBR4020WT MCC-MBR4020WT Datasheet
1Mb / 2P
   40 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR1620 MCC-MBR1620 Datasheet
114Kb / 2P
   16 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBRB1620CT MCC-MBRB1620CT_17 Datasheet
592Kb / 3P
   16 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR3020PT MCC-MBR3020PT Datasheet
1Mb / 3P
   30 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR720 MCC-MBR720_08 Datasheet
113Kb / 3P
   7.5 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBRX02520 MCC-MBRX02520_08 Datasheet
198Kb / 5P
   0.25 Amp Schottky Barrier Rectifier 20 to 60 Volts
MBR3020WT MCC-MBR3020WT Datasheet
1Mb / 2P
   30 Amp Schottky Barrier Rectifier 20 to 60 Volts
SRD602 MCC-SRD602 Datasheet
375Kb / 2P
   Schottky Barrier Rectifier 20 to 60 Volts 6.0 Amp
MBR720 MCC-MBR720 Datasheet
107Kb / 2P
   7.5 Amp Schottky Barrier Rectifier 20 to 60 Volts
SBL820 MCC-SBL820 Datasheet
381Kb / 3P
   8 Amp Schottky Barrier Rectifier 20 to 60 Volts
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com