Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF1404SPBF Datasheet(PDF) 2 Page - Kersemi Electronic Co., Ltd.

Part # IRF1404SPBF
Description  HEXFET짰 Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

IRF1404SPBF Datasheet(HTML) 2 Page - Kersemi Electronic Co., Ltd.

  IRF1404SPBF Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. IRF1404SPBF Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. IRF1404SPBF Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. IRF1404SPBF Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. IRF1404SPBF Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. IRF1404SPBF Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. IRF1404SPBF Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. IRF1404SPBF Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. IRF1404SPBF Datasheet HTML 9Page - Kersemi Electronic Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
IRF1404S/LPbF
2
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
 Repetitive rating; pulse width limited by
max. junction temperature. (See fig. 11)
ƒ ISD ≤ 95A, di/dt ≤ 150A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
Notes:
‚ Starting TJ = 25°C, L = 0.12mH
RG = 25Ω, IAS = 95A. (See Figure 12)
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
S
D
G
Parameter
Min. Typ. Max. Units
Conditions
IS
Continuous Source Current
MOSFET symbol
(Body Diode)
–––
–––
showing the
ISM
Pulsed Source Current
integral reverse
(Body Diode)

–––
–––
p-n junction diode.
VSD
Diode Forward Voltage
–––
–––
1.3
V
TJ = 25°C, IS = 95A, VGS = 0V
„
trr
Reverse Recovery Time
–––
71
110
ns
TJ = 25°C, IF = 95A
Qrr
Reverse RecoveryCharge
–––
180 270
nC
di/dt = 100A/µs
„‡
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Source-Drain Ratings and Characteristics
162
†
650
A
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS
† Calculated continuous current based on maximum allowable
junction temperature. Package limitation current is 75A
Parameter
Min. Typ. Max. Units
Conditions
V(BR)DSS
Drain-to-Source Breakdown Voltage
40
–––
–––
V
VGS = 0V, ID = 250µA
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
––– 0.036 –––
V/°C Reference to 25°C, ID = 1mA
RDS(on)
Static Drain-to-Source On-Resistance
––– 0.00350.004
VGS = 10V, ID = 95A
„
VGS(th)
Gate Threshold Voltage
2.0
–––
4.0
V
VDS = 10V, ID = 250µA
gfs
Forward Transconductance
106
–––
–––
S
VDS = 25V, ID = 60A
‡
–––
–––
20
µA
VDS = 40V, VGS = 0V
–––
–––
250
VDS = 32V, VGS = 0V, TJ = 150°C
Gate-to-Source Forward Leakage
–––
–––
200
VGS = 20V
Gate-to-Source Reverse Leakage
–––
––– -200
nA
VGS = -20V
Qg
Total Gate Charge
–––
160
200
ID = 95A
Qgs
Gate-to-Source Charge
–––
35
–––
nC
VDS = 32V
Qgd
Gate-to-Drain ("Miller") Charge
–––
42
60
VGS = 10V
„‡
td(on)
Turn-On Delay Time
–––
17
–––
VDD = 20V
tr
Rise Time
–––
140
–––
ID = 95A
td(off)
Turn-Off Delay Time
–––
72
–––
RG = 2.5Ω
tf
Fall Time
–––
26
–––
RD = 0.21Ω
„‡
Between lead,
and center of die contact
Ciss
Input Capacitance
––– 7360 –––
VGS = 0V
Coss
Output Capacitance
––– 1680 –––
VDS = 25V
Crss
Reverse Transfer Capacitance
–––
240
–––
pF
ƒ = 1.0MHz, See Fig. 5
‡
Coss
Output Capacitance
––– 6630 –––
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
Coss
Output Capacitance
––– 1490 –––
VGS = 0V, VDS = 32V, ƒ = 1.0MHz
Coss eff.
Effective Output Capacitance
…‡
––– 1540 –––
VGS = 0V, VDS = 0V to 32V
IGSS
ns
IDSS
Drain-to-Source Leakage Current
nH
7.5
LS
Internal Source Inductance
–––
–––
‡ Use IRF1404 data and test conditions.
* When mounted on 1" square PCB ( FR-4 or G-10 Material ).
For recommended footprint and soldering techniques refer to application note #AN-994.
www.kersemi.com


Similar Part No. - IRF1404SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF1404SPBF IRF-IRF1404SPBF Datasheet
279Kb / 11P
   HEXFET짰 Power MOSFET
IRF1404SPBF IRF-IRF1404SPBF Datasheet
279Kb / 11P
   Advanced Process Technology
IRF1404SPBF IRF-IRF1404SPBF_15 Datasheet
279Kb / 11P
   Advanced Process Technology
More results

Similar Description - IRF1404SPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com