Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTD6N15 Datasheet(PDF) 9 Page - Motorola, Inc

Part # MTD6N15
Description  TMOS POWER FET 6.0 AMPERES 150 VOLTS RDS(on) = 0.3 OHM
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MTD6N15 Datasheet(HTML) 9 Page - Motorola, Inc

Back Button MTD6N15 Datasheet HTML 2Page - Motorola, Inc MTD6N15 Datasheet HTML 3Page - Motorola, Inc MTD6N15 Datasheet HTML 4Page - Motorola, Inc MTD6N15 Datasheet HTML 5Page - Motorola, Inc MTD6N15 Datasheet HTML 6Page - Motorola, Inc MTD6N15 Datasheet HTML 7Page - Motorola, Inc MTD6N15 Datasheet HTML 8Page - Motorola, Inc MTD6N15 Datasheet HTML 9Page - Motorola, Inc MTD6N15 Datasheet HTML 10Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MTD6N15
9
Motorola TMOS Power MOSFET Transistor Device Data
PACKAGE DIMENSIONS
CASE 369A–13
ISSUE W
STYLE 2:
PIN 1. GATE
2. DRAIN
3. SOURCE
4. DRAIN
D
A
K
B
R
V
S
F
L
G
2 PL
M
0.13 (0.005)
T
E
C
U
J
H
–T– SEATING
PLANE
Z
DIM
MIN
MAX
MIN
MAX
MILLIMETERS
INCHES
A
0.235
0.250
5.97
6.35
B
0.250
0.265
6.35
6.73
C
0.086
0.094
2.19
2.38
D
0.027
0.035
0.69
0.88
E
0.033
0.040
0.84
1.01
F
0.037
0.047
0.94
1.19
G
0.180 BSC
4.58 BSC
H
0.034
0.040
0.87
1.01
J
0.018
0.023
0.46
0.58
K
0.102
0.114
2.60
2.89
L
0.090 BSC
2.29 BSC
R
0.175
0.215
4.45
5.46
S
0.020
0.050
0.51
1.27
U
0.020
–––
0.51
–––
V
0.030
0.050
0.77
1.27
Z
0.138
–––
3.51
–––
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: INCH.


Similar Part No. - MTD6N15

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTD6N15 ONSEMI-MTD6N15 Datasheet
88Kb / 8P
   Power Field Effect Transistor DPAK for Surface Mount
March, 2004 ??Rev. 2
logo
Inchange Semiconductor ...
MTD6N15 ISC-MTD6N15 Datasheet
345Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
MTD6N15-1 ONSEMI-MTD6N15-1 Datasheet
88Kb / 8P
   Power Field Effect Transistor DPAK for Surface Mount
March, 2004 ??Rev. 2
logo
Inchange Semiconductor ...
MTD6N15I ISC-MTD6N15I Datasheet
359Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ON Semiconductor
MTD6N15T4 ONSEMI-MTD6N15T4 Datasheet
88Kb / 8P
   Power Field Effect Transistor DPAK for Surface Mount
March, 2004 ??Rev. 2
More results

Similar Description - MTD6N15

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MTP12P10 MOTOROLA-MTP12P10 Datasheet
190Kb / 6P
   TMOS POWER FET 12 AMPERES 100 VOLTS RDS(on) = 0.3 OHM
MTD2955E MOTOROLA-MTD2955E Datasheet
243Kb / 10P
   TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.3 OHM
MTP2955E MOTOROLA-MTP2955E Datasheet
207Kb / 8P
   TMOS POWER FET 12 AMPERES 60 VOLTS RDS(on) = 0.3 OHM
MTD6N20E MOTOROLA-MTD6N20E Datasheet
269Kb / 10P
   TMOS POWER FET 6.0 AMPERES 200 VOLTS RDS(on) = 0.7 OHM
MTD6P10E MOTOROLA-MTD6P10E Datasheet
261Kb / 10P
   TMOS POWER FET 6.0 AMPERES 100 VOLTS RDS(on) = 0.66 OHM
MTP2P50E MOTOROLA-MTP2P50E Datasheet
230Kb / 8P
   TMOS POWER FET 2.0 AMPERES 500 VOLTS RDS(on) = 6.0 OHM
MTD6N10E MOTOROLA-MTD6N10E Datasheet
211Kb / 10P
   TMOS POWER FET 6.0 AMPERES 100 VOLTS RDS(on) = 0.400 OHM
MTP6P20E MOTOROLA-MTP6P20E Datasheet
216Kb / 8P
   TMOS POWER FET 6.0 AMPERES 200 VOLTS RDS(on) = 1.0 OHM
MTV6N100E MOTOROLA-MTV6N100E Datasheet
262Kb / 10P
   TMOS POWER FET 6.0 AMPERES 1000 VOLTS RDS(on) = 1.5 OHM
MTW6N100E MOTOROLA-MTW6N100E Datasheet
195Kb / 8P
   TMOS POWER FET 6.0 AMPERES 1000 VOLTS RDS(on) = 1.5 OHM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com