Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NA556NE4 Datasheet(PDF) 1 Page - Texas Instruments

Part # NA556NE4
Description  DUAL PRECISION TIMERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

NA556NE4 Datasheet(HTML) 1 Page - Texas Instruments

  NA556NE4 Datasheet HTML 1Page - Texas Instruments NA556NE4 Datasheet HTML 2Page - Texas Instruments NA556NE4 Datasheet HTML 3Page - Texas Instruments NA556NE4 Datasheet HTML 4Page - Texas Instruments NA556NE4 Datasheet HTML 5Page - Texas Instruments NA556NE4 Datasheet HTML 6Page - Texas Instruments NA556NE4 Datasheet HTML 7Page - Texas Instruments NA556NE4 Datasheet HTML 8Page - Texas Instruments NA556NE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
www.ti.com
FEATURES
APPLICATIONS
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1DISCH
1THRES
1CONT
1RESET
1OUT
1TRIG
GND
VCC
2DISCH
2THRES
2CONT
2RESET
2OUT
2TRIG
NA556...D OR N PACKAGE
NE556...D, N, OR NS PACKAGE
SA556...D OR N PACKAGE
SE556...J PACKAGE
(TOP VIEW)
DESCRIPTION/ORDERING INFORMATION
NA556, NE556, SA556, SE556
DUAL PRECISION TIMERS
SLFS023G – APRIL 1978 – REVISED JUNE 2006
Two Precision Timing Circuits Per Package
Astable or Monostable Operation
TTL-Compatible Output Can Sink or Source
up to 150 mA
Active Pullup or Pulldown
Designed to Be Interchangeable With
Signetics NE556, SA556, and SE556
Precision Timers From Microseconds to
Hours
Pulse-Shaping Circuits
Missing-Pulse Detectors
Tone-Burst Generators
Pulse-Width Modulators
Pulse-Position Modulators
Sequential Timers
Pulse Generators
Frequency Dividers
Application Timers
Industrial Controls
Touch-Tone Encoders
These devices provide two independent timing circuits of the NA555, NE555, SA555, or SE555 type in each
package. These circuits can be operated in the astable or the monostable mode with external resistor-capacitor
(RC) timing control. The basic timing provided by the RC time constant can be controlled actively by modulating
the bias of the control-voltage input.
The threshold (THRES) and trigger (TRIG) levels normally are two-thirds and one-third, respectively, of VCC.
These levels can be altered by using the control voltage (CONT) terminal. When the trigger input falls below
trigger level, the flip-flop is set and the output goes high. If the trigger input is above the trigger level and the
threshold input is above the threshold level, the flip-flop is reset, and the output is low. The reset (RESET) input
can override all other inputs and can be used to initiate a new timing cycle. When RESET goes low, the flip-flop
is reset and the output goes low. When the output is low, a low-impedance path is provided between the
discharge (DISCH) terminal and ground (GND).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1978–2006, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
On products compliant to MIL-PRF-38535, all parameters are
Instruments standard warranty. Production processing does not
tested unless otherwise noted. On all other products, production
necessarily include testing of all parameters.
processing does not necessarily include testing of all parameters.


Similar Part No. - NA556NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NA556NE4 TI-NA556NE4 Datasheet
412Kb / 15P
[Old version datasheet]   DUAL PRECISION TIMERS
More results

Similar Description - NA556NE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NA556 TI-NA556 Datasheet
412Kb / 15P
[Old version datasheet]   DUAL PRECISION TIMERS
NE556 TI-NE556 Datasheet
71Kb / 5P
[Old version datasheet]   DUAL PRECISION TIMERS
NA556 TI1-NA556_14 Datasheet
789Kb / 19P
[Old version datasheet]   DUAL PRECISION TIMERS
JM38510-10902BCA TI1-JM38510-10902BCA Datasheet
777Kb / 19P
[Old version datasheet]   DUAL PRECISION TIMERS
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
   Precision Timers
logo
Diodes Incorporated
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
National Semiconductor ...
LM2905N NSC-LM2905N Datasheet
944Kb / 12P
   Precision Timers
logo
Texas Instruments
NA555 TI-NA555 Datasheet
405Kb / 24P
[Old version datasheet]   PRECISION TIMERS
logo
NEC
SA555 NEC-SA555 Datasheet
26Kb / 1P
   PRECISION TIMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com