Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N5190G Datasheet(PDF) 4 Page - ON Semiconductor

Part # 2N5190G
Description  Silicon NPN Power Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N5190G Datasheet(HTML) 4 Page - ON Semiconductor

  2N5190G Datasheet HTML 1Page - ON Semiconductor 2N5190G Datasheet HTML 2Page - ON Semiconductor 2N5190G Datasheet HTML 3Page - ON Semiconductor 2N5190G Datasheet HTML 4Page - ON Semiconductor 2N5190G Datasheet HTML 5Page - ON Semiconductor 2N5190G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2N5190G, 2N5191G, 2N5192G
http://onsemi.com
4
103
-0.4
Figure 5. Collector Cut−Off Region
VBE, BASE-EMITTER VOLTAGE (VOLTS)
102
101
100
10-1
10- 2
10- 3
-0.3 -0.2 -0.1
0
+0.1 +0.2 +0.3
+0.4 +0.5
+0.6
VCE = 30 V
TJ = 150°C
100
°C
25
°C
REVERSE
FORWARD
ICES
107
20
Figure 6. Effects of Base−Emitter Resistance
TJ, JUNCTION TEMPERATURE (°C)
40
60
80
100
120
140
160
106
105
104
103
102
VCE = 30 V
IC = 10 x ICES
IC = 2 x ICES
IC ≈ ICES
(TYPICAL ICES VALUES
OBTAINED FROM FIGURE 5)
Figure 7. Switching Time Equivalent Test Circuit
APPROX
+11 V
TURN-ON PULSE
Vin
t1
VEB(off)
TURN-OFF PULSE
Vin
t3
t2
APPROX
+11 V
VCC
SCOPE
RB
Cjd <<Ceb
-4.0 V
t1 ≤ 7.0 ns
100 < t2 < 500 ms
t3 < 15 ns
DUTY CYCLE
≈ 2.0%
APPROX -9.0 V
Vin
RC
0
RB and RC varied
to obtain desired
current levels
300
0.1
VR, REVERSE VOLTAGE (VOLTS)
0.2 0.3
0.5
1.0
3.0 5.0
20
40
200
100
70
50
30
TJ = +25°C
Figure 8. Capacitance
2.0
10
30
Ceb
Ccb
2.0
0.05
Figure 9. Turn−On Time
IC, COLLECTOR CURRENT (AMP)
1.0
0.7
0.5
0.3
0.2
0.1
0.02
0.07 0.1
0.2
0.3
1.0
2.0
4.0
tr @ VCC = 30 V
IC/IB = 10
TJ = 25°C
0.03
0.5
0.05
0.07
0.7
3.0
tr @ VCC = 10 V
td @ VEB(off) = 2.0 V
2.0
0.05
Figure 10. Turn−Off Time
IC, COLLECTOR CURRENT (AMP)
1.0
0.7
0.5
0.3
0.2
0.1
0.02
0.07 0.1
0.2
0.3
1.0
2.0
4.0
tf @ VCC = 30 V
IB1 = IB2
IC/IB = 10
ts′ = ts - 1/8 tf
TJ = 25°C
0.03
0.5
0.05
0.07
0.7
3.0
tf @ VCC = 10 V
ts


Similar Part No. - 2N5190G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N5190G ONSEMI-2N5190G Datasheet
145Kb / 6P
   Silicon NPN Power Transistors
December, 2013 ??Rev. 15
More results

Similar Description - 2N5190G

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com