Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE556 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SE556
Description  DUAL PRECISION TIMERS
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SE556 Datasheet(HTML) 2 Page - Texas Instruments

  SE556 Datasheet HTML 1Page - Texas Instruments SE556 Datasheet HTML 2Page - Texas Instruments SE556 Datasheet HTML 3Page - Texas Instruments SE556 Datasheet HTML 4Page - Texas Instruments SE556 Datasheet HTML 5Page - Texas Instruments SE556 Datasheet HTML 6Page - Texas Instruments SE556 Datasheet HTML 7Page - Texas Instruments SE556 Datasheet HTML 8Page - Texas Instruments SE556 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
www.ti.com
OUT
RESET
VCC
CONT
GND
DISCH
THRES
TRIG
RESET can override TRIG, which can override THRES.
NA556, NE556, SA556, SE556
DUAL PRECISION TIMERS
SLFS023G – APRIL 1978 – REVISED JUNE 2006
ORDERING INFORMATION
VT (MAX)
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
VCC = 15 V
PDIP – N
Tube of 25
NE556N
NE556N
Tube of 50
NE556D
0
°C to 70°C
11.2 V
SOIC – D
NE556
Reel of 2500
NE556DR
SOP – NS
Reel of 2000
NE556NSR
NE556
–40
°C to 85°C
11.2 V
PDIP – N
Tube of 25
SA556N
SA556N
PDIP – N
Tube of 25
NA556N
NA556N
–40
°C to 105°C
11.2 V
Tube of 50
NA556D
SOIC – D
NA556
Reel of 2500
NA556DR
SE556J
SE556J
–55
°C to 125°C
10.6 V
CDIP – J
Tube of 25
SE556JB
SE556JB
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
FUNCTION TABLE
(each timer)
TRIGGER
THRESHOLD
DISCHARGE
RESET
OUTPUT
VOLTAGE(1)
VOLTAGE(1)
SWITCH
Low
Irrelevant
Irrelevant
Low
On
High
<1/3 VDD
Irrelevant
High
Off
High
>1/3 VDD
>2/3 VDD
Low
On
High
>1/3 VDD
<2/3 VDD
As previously established
(1)
Voltage levels shown are nominal.
FUNCTIONAL BLOCK DIAGRAM, EACH TIMER
2
Submit Documentation Feedback


Similar Part No. - SE556

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SE556 PHILIPS-SE556 Datasheet
103Kb / 5P
   Dual timer
August 31, 1994
logo
STMicroelectronics
SE556 STMICROELECTRONICS-SE556 Datasheet
641Kb / 8P
   GENERAL PURPOSE DUAL BIPOLAR TIMERS
logo
Texas Instruments
SE556 TI-SE556 Datasheet
71Kb / 5P
[Old version datasheet]   DUAL PRECISION TIMERS
logo
STMicroelectronics
SE556 STMICROELECTRONICS-SE556 Datasheet
517Kb / 16P
   General-purpose dual bipolar timers
logo
Texas Instruments
SE556 TI1-SE556 Datasheet
789Kb / 19P
[Old version datasheet]   DUAL PRECISION TIMERS
More results

Similar Description - SE556

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NA556 TI-NA556 Datasheet
412Kb / 15P
[Old version datasheet]   DUAL PRECISION TIMERS
NE556 TI-NE556 Datasheet
71Kb / 5P
[Old version datasheet]   DUAL PRECISION TIMERS
NA556 TI1-NA556_14 Datasheet
789Kb / 19P
[Old version datasheet]   DUAL PRECISION TIMERS
JM38510-10902BCA TI1-JM38510-10902BCA Datasheet
777Kb / 19P
[Old version datasheet]   DUAL PRECISION TIMERS
logo
Diodes Incorporated
NE555 DIODES-NE555 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
National Semiconductor ...
LM122 NSC-LM122 Datasheet
281Kb / 14P
   Precision Timers
logo
Diodes Incorporated
NE555S-13 DIODES-NE555S-13 Datasheet
729Kb / 14P
   PRECISION TIMERS
logo
National Semiconductor ...
LM2905N NSC-LM2905N Datasheet
944Kb / 12P
   Precision Timers
logo
Texas Instruments
NA555 TI-NA555 Datasheet
405Kb / 24P
[Old version datasheet]   PRECISION TIMERS
logo
NEC
SA555 NEC-SA555 Datasheet
26Kb / 1P
   PRECISION TIMERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com