Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2N4919G Datasheet(PDF) 3 Page - ON Semiconductor

Part # 2N4919G
Description  Medium-Power Plastic PNP
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

2N4919G Datasheet(HTML) 3 Page - ON Semiconductor

  2N4919G Datasheet HTML 1Page - ON Semiconductor 2N4919G Datasheet HTML 2Page - ON Semiconductor 2N4919G Datasheet HTML 3Page - ON Semiconductor 2N4919G Datasheet HTML 4Page - ON Semiconductor 2N4919G Datasheet HTML 5Page - ON Semiconductor 2N4919G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2N4918 − 2N4920* Series
http://onsemi.com
3
40
30
20
10
0
25
50
75
100
125
150
Figure 1. Power Derating
TC, CASE TEMPERATURE (°C)
Figure 2. Switching Time Equivalent Test Circuit
5.0
10
Figure 3. Turn−On Time
IC, COLLECTOR CURRENT (mA)
VCC = 30 V
IC/IB = 20
2.0
1.0
0.7
0.5
0.3
0.2
0.1
0.05
20
30
50
70 100
200
700 1000
Vin
t1
VBE(off)
APPROX 9.0 V
TURN−OFF PULSE
t3
t2
APPROX
−11 V
VCC
SCOPE
RB
Cjd <<Ceb
+4.0 V
t1 < 15 ns
100 < t2 < 500 ms
t3 < 15 ns
DUTY CYCLE ≈ 2.0%
Vin
RC
0.07
3.0
TJ = 25°C
TJ = 150°C
IC/IB = 10, UNLESS NOTED
VCC = 60 V
VCC = 30 V
VCC = 30 V
VBE(off) = 0
300
500
0
0
Vin
APPROX
−11 V
RB and RC
varied to
obtain desired
current levels
tr
VBE(off) = 2.0 V
VCC = 60 V
td


Similar Part No. - 2N4919G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4919 ONSEMI-2N4919 Datasheet
113Kb / 8P
   GENERAL.PURPOSE POWER TRANSISTORS
April, 2002 ??Rev. 10
2N4919 ONSEMI-2N4919 Datasheet
120Kb / 6P
   Medium-Power Plastic PNP Silicon Transistors
July, 2004 ??Rev. 11
logo
Savantic, Inc.
2N4919 SAVANTIC-2N4919 Datasheet
104Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
2N4919 ISC-2N4919 Datasheet
131Kb / 3P
   Silicon PNP Power Transistors
logo
New Jersey Semi-Conduct...
2N4919 NJSEMI-2N4919 Datasheet
197Kb / 1P
   MEDIUM-POWER PLASTIC PNP SILICON TRANSISTORS
More results

Similar Description - 2N4919G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BD136 ONSEMI-BD136 Datasheet
42Kb / 4P
   Plastic Medium Power Silicon PNP Transistor
April, 2005 ??Rev. 12
BD436 ONSEMI-BD436 Datasheet
64Kb / 4P
   Plastic Medium Power Silicon PNP Transistor
December, 2005 ??Rev. 14
MJE350G ONSEMI-MJE350G Datasheet
102Kb / 3P
   Plastic Medium-Power PNP Silicon Transistor
December, 2013 ??Rev. 17
BD136G ONSEMI-BD136G_13 Datasheet
86Kb / 4P
   Plastic Medium-Power Silicon PNP Transistors
December, 2013 ??Rev. 16
2N4918 ONSEMI-2N4918_04 Datasheet
120Kb / 6P
   Medium-Power Plastic PNP Silicon Transistors
July, 2004 ??Rev. 11
logo
New Jersey Semi-Conduct...
2N4919 NJSEMI-2N4919 Datasheet
197Kb / 1P
   MEDIUM-POWER PLASTIC PNP SILICON TRANSISTORS
logo
Micro Commercial Compon...
TIP105 MCC-TIP105_13 Datasheet
331Kb / 4P
   PNP Plastic Medium-Power Silicon Transistors
logo
ON Semiconductor
BD180 ONSEMI-BD180 Datasheet
68Kb / 4P
   Plastic Medium Power Silicon PNP Transistor
February, 2006 ??Rev. 11
logo
New Jersey Semi-Conduct...
2N4918 NJSEMI-2N4918 Datasheet
136Kb / 1P
   MEDIUM-POWER PLASTIC PNP SILICON TRANSISTOR
logo
ON Semiconductor
MJE350 ONSEMI-MJE350 Datasheet
139Kb / 3P
   Plastic Medium Power PNP Silicon Transistor
January, 2007 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com