Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

550-1207 Datasheet(PDF) 1 Page - Dialight Corporation

Part # 550-1207
Description  5mm LED CBI짰 Circuit Board Indicator Sloped Back Housing with Standoffs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALIGHT [Dialight Corporation]
Direct Link  http://www.dialight.com
Logo DIALIGHT - Dialight Corporation

550-1207 Datasheet(HTML) 1 Page - Dialight Corporation

  550-1207 Datasheet HTML 1Page - Dialight Corporation 550-1207 Datasheet HTML 2Page - Dialight Corporation 550-1207 Datasheet HTML 3Page - Dialight Corporation 550-1207 Datasheet HTML 4Page - Dialight Corporation 550-1207 Datasheet HTML 5Page - Dialight Corporation 550-1207 Datasheet HTML 6Page - Dialight Corporation 550-1207 Datasheet HTML 7Page - Dialight Corporation 550-1207 Datasheet HTML 8Page - Dialight Corporation 550-1207 Datasheet HTML 9Page - Dialight Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
6-13
Dialight Corporation • 1501 Route 34 South • Farmingdale, NJ 07727 • TEL: (732) 919-3119 • FAX: (732) 751-5778 •www.dialight.com
6
5mm
LED CBI
® Circuit Board Indicator
Sloped Back Housing with Standoffs
550-xx07
CATHODE
Red Cathode for
Red/Green Bi-Color
Yellow Cathode for
Yellow/Green Bi-Color
Dimension A: 3.43 [.135] for -0207 to -0407, 5.0 [.197] for all others
Dimension B: .635 [.025] for -0507 to -0707, .508 [.020] for all others
Hole Diameter: 1.22 [.048] for .635 [.025] leads, 1.02 [.040] for all others
6.10
[.240]
3.68
[.145]
2.54
[.100]
B
5.21
[.205]
9.02
[.355]
4.83
[.190]
A
RECOMMENDED
P.C. HOLE PATTERN
2.54
[.100]
6.10
[.240]
3.0
[.118]
PART NO.
COLOR
GENERAL PURPOSE
550-0207
Green
550-0307
Yellow
550-0407
Red
INTEGRAL RESISTOR
550-0507
Red, 5V
550-0707
Green, 5V
550-0807
Yellow, 5V
LOW CURRENT
550-1107
Red
550-1207
Yellow
550-1307
Green
HIGH EFFICIENCY
550-2207
Green
550-2307
Yellow
550-2407
Red
550-2507
Orange
BI-COLOR
550-3007
Red/Green
550-3107
Yellow/Green
SUPER BRIGHT, DIFFUSED
550-5107
Red
550-5207
Green
550-5307
Yellow
SUPER BRIGHT, WATER CLEAR
(Non-tinted, Non-diffused)
550-5507
Red
550-5607
Green
550-5707
Yellow
Features
• Multiple CBIs form horizontal LED arrays on 6.35mm
(0.250”) center-lines.
• High Contrast, UL 94 V-0 rated, black housing
• Oxygen index: 32%
• Polymer content: PBT, 0.206 g
• Housing stand-offs facilitate PCB cleaning
• Solderability per MIL-STD-202F, method 208F
• LEDs are safe for direct viewing per IEC 825-1, EN-60825-1
• Compatible with:
550-xx07 Dual Block
550-xx07-004 Quad Block
Custom
• For custom LEDs contact factory.
Tolerance note: As noted, otherwise:
• LED Protrusion: ±0.04 mm [±0.016]
• CBI Housing: ±0.02mm[±0.008]
Dimensions in mm [inches]
Standard Polarity shown in drawing: Cathode right
NEW
To order any of the 550-xx07 part numbers with
Reverse Polarity (Cathode Left), please add -010 to
the part numbers shown above.
5 5 0
x x 0 7
0 1 0
Reverse Polarity Option
1) Cathode Left
–010 Ordering Code Suffix required ONLY for Reverse Polarity Option
LED Type
PART NUMBER ORDERING CODE
Series


Similar Part No. - 550-1207

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
550-1207 DIALIGHT-550-1207 Datasheet
104Kb / 1P
   5mm LED CBI Circuit Board Indicator Sloped Back Housing with Standoffs
550-1207-004 DIALIGHT-550-1207-004 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator Sloped Back Housing, Quad Block
More results

Similar Description - 550-1207

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
550-0207 DIALIGHT-550-0207 Datasheet
104Kb / 1P
   5mm LED CBI Circuit Board Indicator Sloped Back Housing with Standoffs
550-XX07-004 DIALIGHT-550-XX07-004 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator Sloped Back Housing, Quad Block
550-3010 DIALIGHT-550-3010 Datasheet
37Kb / 3P
   5mm LED CBI짰 Circuit Board Indicator For Backlighting
551-0607F DIALIGHT-551-0607F Datasheet
78Kb / 9P
   3mm LED CBI짰 Circuit Board Indicator .200??High LED Centerline
logo
Bedford Opto Technology...
ORE5005 BOT-ORE5005 Datasheet
32Kb / 2P
   5mm LED CIRCUIT BOARD INDICATOR
SSA340 BOT-SSA340 Datasheet
34Kb / 2P
   5mm SHROUDED LED CIRCUIT BOARD INDICATOR
logo
Dialight Corporation
571-0112-100F DIALIGHT-571-0112-100F Datasheet
36Kb / 2P
   2mm LED CBI짰 Circuit Board Indicator (DIN 41494 Compatible), Bi-Level
550-XX08 DIALIGHT-550-XX08 Datasheet
83Kb / 11P
   5mm LED CBI Circuit Board Indicator 250 LED Centerline
logo
Everlight Electronics C...
A93B-SYGT-S530-E3 EVERLIGHT-A93B-SYGT-S530-E3 Datasheet
101Kb / 6P
   5mm 1Pcs Circuit Board Indicator
A264B-SYG-S530-E2-R EVERLIGHT-A264B-SYG-S530-E2-R Datasheet
96Kb / 6P
   5mm 1Pcs Circuit Board Indicator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com