Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5338B Datasheet(PDF) 4 Page - ON Semiconductor

Part # 1N5338B
Description  5 Watt Surmetic 40 Zener Voltage Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1N5338B Datasheet(HTML) 4 Page - ON Semiconductor

  1N5338B Datasheet HTML 1Page - ON Semiconductor 1N5338B Datasheet HTML 2Page - ON Semiconductor 1N5338B Datasheet HTML 3Page - ON Semiconductor 1N5338B Datasheet HTML 4Page - ON Semiconductor 1N5338B Datasheet HTML 5Page - ON Semiconductor 1N5338B Datasheet HTML 6Page - ON Semiconductor 1N5338B Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
1N53 Series
http://onsemi.com
4
Figure 1. Typical Thermal Resistance
40
30
20
10
0
0
0.2
0.4
0.6
0.8
1
EQUAL CONDUCTION
THROUGH EACH LEAD
L
L
L, LEAD LENGTH TO HEATSINK (INCH)
TEMPERATURE COEFFICIENTS
Figure 2. Temperature Coefficient-Range for Units 3 to 10 Volts
Figure 3. Temperature Coefficient-Range for Units 10 to 220 Volts
VZ, ZENER VOLTAGE @ IZT (VOLTS)
10
8
6
4
2
0
-2
34
5
6
7
89
10
RANGE
300
200
100
50
30
20
10
5
0
20
40
60
80
100 120
140
160 180
200 220
VZ, ZENER VOLTAGE @ IZT (VOLTS)
RANGE


Similar Part No. - 1N5338B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5338B MOTOROLA-1N5338B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Anova Technologies CO.,...
1N5338B ANOVA-1N5338B Datasheet
242Kb / 3P
   Axial Lead Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
1N5338B SEMTECH_ELEC-1N5338B Datasheet
312Kb / 3P
   5 W SILICON ZENER DIODES
logo
Digitron Semiconductors
1N5338B DIGITRON-1N5338B Datasheet
161Kb / 3P
   5 WATT ZENER DIODES
logo
Boca Semiconductor Corp...
1N5338B BOCA-1N5338B Datasheet
428Kb / 5P
   5 Watt Surmetic 40 Silicon Zener Diodes
More results

Similar Description - 1N5338B

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
1N53 ONSEMI-1N53 Datasheet
135Kb / 7P
   5 Watt Surmetic 40 Zener Voltage Regulators
May, 2012 ??Rev. 14
1N53 ONSEMI-1N53_13 Datasheet
135Kb / 7P
   5 Watt Surmetic 40 Zener Voltage Regulators
November, 2013 ??Rev. 15
1N5333B ONSEMI-1N5333B_06 Datasheet
82Kb / 8P
   5 Watt Surmetic TM 40 Zener Voltage Regulators
May, 2006 ??Rev. 7
1N5333B ONSEMI-1N5333B Datasheet
71Kb / 8P
   5 Watt Surmetic 40 Zener Voltage Refulators
December, 2004 ??Rev. 4
logo
Boca Semiconductor Corp...
1N5333B BOCA-1N5333B Datasheet
428Kb / 5P
   5 Watt Surmetic 40 Silicon Zener Diodes
logo
Motorola, Inc
1N5333A MOTOROLA-1N5333A Datasheet
195Kb / 4P
   5-Watt Surmetic 40 Silicon Zener Diodes
logo
New Jersey Semi-Conduct...
1N5333B NJSEMI-1N5333B Datasheet
102Kb / 2P
   5 Watt Surmetic 40 Silicon Zener Diodes
logo
ON Semiconductor
MZP4729AG ONSEMI-MZP4729AG Datasheet
83Kb / 6P
   3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
July, 2007 - Rev. 4
MZP4729A ONSEMI-MZP4729A Datasheet
57Kb / 8P
   3 Watt DO-41 Surmetic 30 Zener Voltage Regulators
February, 2002 ??Rev. 2
3EZ4.3D5 ONSEMI-3EZ4.3D5 Datasheet
130Kb / 7P
   3 Watt DO??1 Surmetic 30 Zener Voltage Regulators
March, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com