Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2541SQ3740E Datasheet(PDF) 6 Page - Texas Instruments

Part # LMX2541SQ3740E
Description  LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMX2541SQ3740E Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMX2541SQ3740E Datasheet HTML 2Page - Texas Instruments LMX2541SQ3740E Datasheet HTML 3Page - Texas Instruments LMX2541SQ3740E Datasheet HTML 4Page - Texas Instruments LMX2541SQ3740E Datasheet HTML 5Page - Texas Instruments LMX2541SQ3740E Datasheet HTML 6Page - Texas Instruments LMX2541SQ3740E Datasheet HTML 7Page - Texas Instruments LMX2541SQ3740E Datasheet HTML 8Page - Texas Instruments LMX2541SQ3740E Datasheet HTML 9Page - Texas Instruments LMX2541SQ3740E Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
LMX2541SQ2060E, LMX2541SQ2380E
LMX2541SQ2690E, LMX2541SQ3030E
LMX2541SQ3320E, LMX2541SQ3740E
SNOSB31I – JULY 2009 – REVISED FEBRUARY 2013
www.ti.com
Package Thermal Resistance
Package
θJA
θJC
9 Thermal Vias
31.7 °C/W
7.3 °C/W
(Recommended for Most Reliable Solderability)
13 Thermal Vias
(Compromise Between Solderability, Heat Dissipation, and
30.3 °C/W
7.3 °C/W
Fractional Spurs)
16 Thermal Vias
29.8 °C/W
7.3 °C/W
(Recommended for Optimal Heat Dissipation and Fractional Spurs)
Electrical Characteristics
(3.15 V
≤ VCC ≤ 3.45 V, -40°C ≤ TA ≤ 85 °C; except as specified. Typical values are at Vcc = 3.3 V, 25 C.)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
Current Consumption
Default Power
VCO_DIV>1
170
204
Entire Chip Supply Current with
ICC
Mode
mA
all blocks enabled
VCO_DIV=1
130
156
(1)
IPLL
Current for External VCO Mode
RFoutEN = LOW
72
94
mA
VCO_DIV >1
IDIV
Current for Divider Only Mode
Default Power Mode
84
110
mA
(1)
ICCPD
Power Down Current
CE = 0 V, Device Initialized
100
250
µA
Oscillator (Normal Mode Operation with XO=0)
Oscillator Input High Current for
IIHOSC in
VIH = 2.75 V
300
µA
OSCin and OSCin*
Oscillator Input Low Current for
IILOSCin
VIL = 0
-100
µA
OSCin and OSCin* pins
OSC_2X = 1
5
52
OSCin Frequency Range
fOSCin
MODE = 0
5
700
MHz
(2)
OSC_2X = 0
MODE = 1
5
900
dvOSCin
Slew Rate
(2)
150
V/µs
Single-Ended
0.2
2.0
vOSCin
Oscillator Sensitivity
dvOSCin ≥ 150 V/µs
Vpp
Differential
0.4
3.1
Oscillator (Crystal Mode with XO=1)
fXTAL
Crystal Frequency Range
VIH = 2.75 V
5
20
MHz
Crystal Equivalent Series
This a requirement for the crystal, not a characteristic
ESRXTAL
100
Ω
Resistance
of the LMX2541.
This requirement is for the crystal, not a
PXTAL
Power Dissipation in Crystal
200
µW
characteristic of the LMX2541.
COSCin
Input Capacitance of OSCin
6
pF
PLL
fPD
Phase Detector Frequency
104
MHz
CPG = 1X
100
CPG = 2X
200
Charge Pump
ICPout
CPG = 3X
300
µA
Output Current Magnitude
...
...
CPG=32X
3200
ICPoutTRI CP TRI-STATE Current
0.4 V < VCPout < Vcc - 0.4
1
5
nA
Charge Pump
VCPout = Vcc / 2
ICPoutMM
3
10
%
Sink vs. Source Mismatch
TA = 25°C
(1)
The LMX2541 RFout power level is programmable with the program words of VCOGAIN, OUTTERM, and DIVGAIN. Changing these
words can change the output power of the VCO as well as the current consumption of the output buffer. For the purpose of consistency
in electrical specifications, "Default Power Mode" is defined to be the settings of VCOGAIN = OUTTERM = DIVGAIN = 12.
(2)
Not tested in production. Guaranteed by characterization. OSCin is tested only to 400 MHz.
6
Submit Documentation Feedback
Copyright © 2009–2013, Texas Instruments Incorporated
Product Folder Links: LMX2541SQ2060E LMX2541SQ2380E LMX2541SQ2690E LMX2541SQ3030E
LMX2541SQ3320E LMX2541SQ3740E


Similar Part No. - LMX2541SQ3740E

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2541SQ3740E NSC-LMX2541SQ3740E Datasheet
982Kb / 40P
   Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
logo
Texas Instruments
LMX2541SQ3740E TI1-LMX2541SQ3740E Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
LMX2541SQ3740E TI1-LMX2541SQ3740E Datasheet
1Mb / 70P
[Old version datasheet]   Ultra-Low Noise PLLatinum Frequency Synthesizer
LMX2541SQ3740E/NOPB TI1-LMX2541SQ3740E/NOPB Datasheet
1Mb / 70P
[Old version datasheet]   Ultra-Low Noise PLLatinum Frequency Synthesizer
More results

Similar Description - LMX2541SQ3740E

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMX2541SQ2060E_NOPB TI1-LMX2541SQ2060E_NOPB Datasheet
1Mb / 64P
[Old version datasheet]   LMX2541 Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
logo
National Semiconductor ...
LMX2541 NSC-LMX2541 Datasheet
982Kb / 40P
   Ultra-Low Noise PLLatinum Frequency Synthesizer with Integrated VCO
LMX2502 NSC-LMX2502 Datasheet
184Kb / 18P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2541 TI1-LMX2541 Datasheet
1Mb / 70P
[Old version datasheet]   Ultra-Low Noise PLLatinum Frequency Synthesizer
logo
National Semiconductor ...
LMX2515 NSC-LMX2515 Datasheet
251Kb / 17P
   PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
Texas Instruments
LMX2502 TI1-LMX2502 Datasheet
842Kb / 24P
[Old version datasheet]   LMX2502/LMX2512 PLLatinum??Frequency Synthesizer System with Integrated VCO
logo
National Semiconductor ...
LMX2542 NSC-LMX2542 Datasheet
253Kb / 22P
   PLLatinum Cellular and GPS Frequency Synthesizer System with Integrated VCO
LMX2522 NSC-LMX2522 Datasheet
189Kb / 18P
   PLLatinum Frequency Synthesizer System with Integrated VCOs
LMX2525 NSC-LMX2525 Datasheet
237Kb / 17P
   PLLatinum Dual Frequency Synthesizer System with Integrated VCOs
logo
Semtech Corporation
SX1781 SEMTECH-SX1781 Datasheet
460Kb / 16P
   PLL Frequency Synthesizer with Integrated VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com