Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM5118 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM5118
Description  Wide Voltage Range Buck-Boost Controller
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5118 Datasheet(HTML) 1 Page - Texas Instruments

  LM5118 Datasheet HTML 1Page - Texas Instruments LM5118 Datasheet HTML 2Page - Texas Instruments LM5118 Datasheet HTML 3Page - Texas Instruments LM5118 Datasheet HTML 4Page - Texas Instruments LM5118 Datasheet HTML 5Page - Texas Instruments LM5118 Datasheet HTML 6Page - Texas Instruments LM5118 Datasheet HTML 7Page - Texas Instruments LM5118 Datasheet HTML 8Page - Texas Instruments LM5118 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
LM5118, LM5118-Q1
www.ti.com
SNVS566G – APRIL 2008 – REVISED FEBRUARY 2013
Wide Voltage Range Buck-Boost Controller
Check for Samples: LM5118, LM5118-Q1
1
FEATURES
DESCRIPTION
The
LM5118
wide
voltage
range
Buck-Boost
2
LM5118-Q1 is an Automotive Grade product
switching regulator controller features all of the
that is AEC-Q100 grade 1 qualified (-40°C to
functions
necessary
to
implement
a
high
125°C operating junction temperature)
performance,
cost
efficient
Buck-Boost
regulator
Ultra-wide input voltage range from 3V to 75V
using a minimum of external components. The Buck-
Boost topology maintains output voltage regulation
Emulated peak current mode control
when the input voltage is either less than or greater
Smooth transition between step-down and
than the output voltage making it especially suitable
step- up modes
for automotive applications. The LM5118 operates as
Switching frequency programmable to 500KHz
a buck regulator while the input voltage is sufficiently
greater
than
the
regulated
output
voltage
and
Oscillator synchronization capability
gradually transitions to the buck-boost mode as the
Internal high voltage bias regulator
input voltage approaches the output. This dual mode
Integrated high and low-side gate drivers
approach maintains regulation over a wide range of
Programmable soft-start time
input voltages with optimal conversion efficiency in
the buck mode and a glitch-free output during mode
Ultra low shutdown current
transitions. This easy to use controller includes
Enable input wide bandwidth error amplifier
drivers for the high side buck MOSFET and the low
1.5% feedback reference accuracy
side boost MOSFET. The regulators control method
is based upon current mode control utilizing an
Thermal shutdown
emulated current ramp. Emulated current mode
control reduces noise sensitivity of the pulse-width
PACKAGE
modulation circuit, allowing reliable control of the very
HTSSOP-20 (Exposed pad)
small duty cycles necessary in high input voltage
applications. Additional protection features include
current limit, thermal shutdown and an enable input.
The device is available in a power enhanced
HTSSOP-20 package featuring an exposed die attach
pad to aid thermal dissipation.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM5118

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5118 NSC-LM5118 Datasheet
499Kb / 26P
   Wide Voltage Range Buck-Boost Controller
LM5118 NSC-LM5118 Datasheet
499Kb / 26P
   Wide Voltage Range Buck-Boost Controller
logo
Texas Instruments
LM5118 TI1-LM5118 Datasheet
1Mb / 37P
[Old version datasheet]   Wide Voltage Range Buck-Boost Controller
LM5118 TI1-LM5118 Datasheet
1Mb / 37P
[Old version datasheet]   Wide Voltage Range Buck-Boost Controller
LM5118 TI-LM5118 Datasheet
1Mb / 44P
[Old version datasheet]   Wide Voltage Range Buck-Boost Controller
More results

Similar Description - LM5118

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5118 TI-LM5118_15 Datasheet
1Mb / 44P
[Old version datasheet]   Wide Voltage Range Buck-Boost Controller
logo
National Semiconductor ...
LM5118_0805 NSC-LM5118_0805 Datasheet
499Kb / 26P
   Wide Voltage Range Buck-Boost Controller
logo
Texas Instruments
LM5118 TI1-LM5118_14 Datasheet
1Mb / 37P
[Old version datasheet]   Wide Voltage Range Buck-Boost Controller
logo
National Semiconductor ...
LM5118 NSC-LM5118 Datasheet
499Kb / 26P
   Wide Voltage Range Buck-Boost Controller
logo
Texas Instruments
LM5118Q1MHX-NOPB TI1-LM5118Q1MHX-NOPB Datasheet
1Mb / 37P
[Old version datasheet]   Wide Voltage Range Buck-Boost Controller
LM25118 TI1-LM25118 Datasheet
453Kb / 28P
[Old version datasheet]   LM25118/LM25118Q Wide Voltage Range Buck-Boost Controller
LM25118 TI-LM25118_15 Datasheet
1Mb / 43P
[Old version datasheet]   LM25118, LM25118-Q1 Wide Voltage Range Buck-Boost Controller
logo
Linear Technology
LT3759IMSE LINER-LT3759IMSE Datasheet
445Kb / 32P
   Wide Input Voltage Range Boost/SEPIC/Inverting Controller
LT3759 LINER-LT3759_15 Datasheet
445Kb / 32P
   Wide Input Voltage Range Boost/SEPIC/Inverting Controller
logo
Texas Instruments
LM5116 TI1-LM5116_14 Datasheet
1Mb / 37P
[Old version datasheet]   Wide Range Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com