Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO122JUE4 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ISO122JUE4
Description  Precision Lowest Cost ISOLATION AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO122JUE4 Datasheet(HTML) 2 Page - Texas Instruments

  ISO122JUE4 Datasheet HTML 1Page - Texas Instruments ISO122JUE4 Datasheet HTML 2Page - Texas Instruments ISO122JUE4 Datasheet HTML 3Page - Texas Instruments ISO122JUE4 Datasheet HTML 4Page - Texas Instruments ISO122JUE4 Datasheet HTML 5Page - Texas Instruments ISO122JUE4 Datasheet HTML 6Page - Texas Instruments ISO122JUE4 Datasheet HTML 7Page - Texas Instruments ISO122JUE4 Datasheet HTML 8Page - Texas Instruments ISO122JUE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
®
ISO122
The information provided herein is believed to be reliable; however, BURR-BROWN assumes no responsibility for inaccuracies or omissions. BURR-BROWN assumes
no responsibility for the use of this information, and all use of such information shall be entirely at the user’s own risk. Prices and specifications are subject to change
without notice. No patent rights or licenses to any of the circuits described herein are implied or granted to any third party. BURR-BROWN does not authorize or warrant
any BURR-BROWN product for use in life support devices and/or systems.
SPECIFICATIONS
At T
A = +25°C , VS1 = VS2 = ±15V, and RL = 2kΩ unless otherwise noted.
ISO122P/U
ISO122JP/JU
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ISOLATION
Voltage Rated Continuous AC 60Hz
1500
*
VAC
100% Test (1)
1s, 5pc PD
2400
*
VAC
Isolation Mode Rejection
60Hz
140
*
dB
Barrier Impedance
1014 || 2
*
Ω || pF
Leakage Current at 60Hz
V
ISO = 240Vrms
0.18
0.5
*
*
µArms
GAIN
V
O = ±10V
Nominal Gain
1
*
V/V
Gain Error
±0.05
±0.50
*
*
%FSR
Gain vs Temperature
±10
*
ppm/
°C
Nonlinearity(2)
±0.016
±0.020
±0.025
±0.050
%FSR
INPUT OFFSET VOLTAGE
Initial Offset
±20
±50
*
*
mV
vs Temperature
±200
*
µV/°C
vs Supply
±2
*
mV/V
Noise
4*
µV/√Hz
INPUT
Voltage Range
±10
±12.5
*
*
V
Resistance
200
*
k
OUTPUT
Voltage Range
±10
±12.5
*
*
V
Current Drive
±5
±15
*
*
mA
Capacitive Load Drive
0.1
*
µF
Ripple Voltage(3)
20
*
mVp-p
FREQUENCY RESPONSE
Small Signal Bandwidth
50
*
kHz
Slew Rate
2*
V/
µs
Settling Time
V
O = ±10V
0.1%
50
*
µs
0.01%
350
*
µs
Overload Recover Time
150
*
µs
POWER SUPPLIES
Rated Voltage
±15
*
V
Voltage Range
±4.5
±18
*
*
V
Quiescent Current: V
S1
±5.0
±7.0
*
*
mA
V
S2
±5.5
±7.0
*
*
mA
TEMPERATURE RANGE
Specification
–25
+85
*
*
°C
Operating
–25
+85
*
*
°C
Storage
–40
+85
*
*
°C
θ
JA
100
*
°C/W
θ
JC
65
*
°C/W
* Specification same as ISO122P/U.
NOTES: (1) Tested at 1.6 X rated, fail on 5pC partial discharge. (2) Nonlinearity is the peak deviation of the output voltage from the best-fit straight line. It is expressed
as the ratio of deviation to FSR. (3) Ripple frequency is at carrier frequency (500kHz).


Similar Part No. - ISO122JUE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO122JUE4 TI1-ISO122JUE4 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Lowest-Cost Isolation Amplifier
More results

Similar Description - ISO122JUE4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO122 BURR-BROWN-ISO122 Datasheet
188Kb / 13P
   Precision Lowest Cost ISOLATION AMPLIFIER
logo
Texas Instruments
ISO124 TI1-ISO124 Datasheet
1Mb / 28P
[Old version datasheet]   Precision Lowest-Cost Isolation Amplifier
logo
Burr-Brown (TI)
ISO124 BURR-BROWN-ISO124 Datasheet
252Kb / 12P
   Precision Lowest Cost ISOLATION AMPLIFIER
logo
Texas Instruments
ISO122 TI1-ISO122_15 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Lowest-Cost Isolation Amplifier
ISO124U-1K TI1-ISO124U-1K Datasheet
947Kb / 19P
[Old version datasheet]   Precision Lowest-Cost
logo
Burr-Brown (TI)
ISO120G-BI BURR-BROWN-ISO120G-BI Datasheet
192Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
ISO120 BURR-BROWN-ISO120 Datasheet
184Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
logo
Analog Devices
277 AD-277_15 Datasheet
1Mb / 4P
   Precision Isolation Amplifier
logo
Power Integrations, Inc...
TOP227YN POWERINT-TOP227YN Datasheet
480Kb / 20P
   Lowest cost, lowest component count switcher solution
logo
MORNSUN Science& Techno...
TM1630CP MORNSUN-TM1630CP Datasheet
451Kb / 3P
   ACTIVE HIGH PRECISION ISOLATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com