Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISO122JPE4 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # ISO122JPE4
Description  Precision Lowest Cost ISOLATION AMPLIFIER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ISO122JPE4 Datasheet(HTML) 5 Page - Texas Instruments

  ISO122JPE4 Datasheet HTML 1Page - Texas Instruments ISO122JPE4 Datasheet HTML 2Page - Texas Instruments ISO122JPE4 Datasheet HTML 3Page - Texas Instruments ISO122JPE4 Datasheet HTML 4Page - Texas Instruments ISO122JPE4 Datasheet HTML 5Page - Texas Instruments ISO122JPE4 Datasheet HTML 6Page - Texas Instruments ISO122JPE4 Datasheet HTML 7Page - Texas Instruments ISO122JPE4 Datasheet HTML 8Page - Texas Instruments ISO122JPE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
®
ISO122
TYPICAL PERFORMANCE CURVES
T
A = +25°C, VS = ±15V unless otherwise noted.
PSRR vs FREQUENCY
60
40
20
0
Frequency (Hz)
1
10
100
1k
10k
100k
1M
54
–V
S1 , –VS2
+V
S1 , +VS2
Frequency (Hz)
100mA
10mA
1mA
100
µA
10
µA
1
µA
0.1
µA
1
10
100
1k
10k
100k
1M
ISOLATION LEAKAGE CURRENT
vs FREQUENCY
1500Vrms
240Vrms
Input Frequency
0
500kHz
1MHz
1.5MHz
0
–10
–20
–30
–40
250
200
150
100
50
SIGNAL RESPONSE TO
INPUTS GREATER THAN 250kHz
100kHz
V
OUT/VIN
Freq
Out
(NOTE: Shaded area shows aliasing frequencies that cannot
be removed by a low-pass filter at the output.)


Similar Part No. - ISO122JPE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ISO122JPE4 TI1-ISO122JPE4 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Lowest-Cost Isolation Amplifier
More results

Similar Description - ISO122JPE4

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ISO122 BURR-BROWN-ISO122 Datasheet
188Kb / 13P
   Precision Lowest Cost ISOLATION AMPLIFIER
logo
Texas Instruments
ISO124 TI1-ISO124 Datasheet
1Mb / 28P
[Old version datasheet]   Precision Lowest-Cost Isolation Amplifier
logo
Burr-Brown (TI)
ISO124 BURR-BROWN-ISO124 Datasheet
252Kb / 12P
   Precision Lowest Cost ISOLATION AMPLIFIER
logo
Texas Instruments
ISO122 TI1-ISO122_15 Datasheet
1Mb / 26P
[Old version datasheet]   Precision Lowest-Cost Isolation Amplifier
ISO124U-1K TI1-ISO124U-1K Datasheet
947Kb / 19P
[Old version datasheet]   Precision Lowest-Cost
logo
Burr-Brown (TI)
ISO120G-BI BURR-BROWN-ISO120G-BI Datasheet
192Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
ISO120 BURR-BROWN-ISO120 Datasheet
184Kb / 16P
   Precision Low Cost ISOLATION AMPLIFIER
logo
Analog Devices
277 AD-277_15 Datasheet
1Mb / 4P
   Precision Isolation Amplifier
logo
Power Integrations, Inc...
TOP227YN POWERINT-TOP227YN Datasheet
480Kb / 20P
   Lowest cost, lowest component count switcher solution
logo
MORNSUN Science& Techno...
TM1630CP MORNSUN-TM1630CP Datasheet
451Kb / 3P
   ACTIVE HIGH PRECISION ISOLATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com