Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS125BR401SQE Datasheet(PDF) 6 Page - Texas Instruments

Part # DS125BR401SQE
Description  Low-Power 12.5-Gbps 4-Lane Repeater With Input Equalization and Output De-Emphasis
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS125BR401SQE Datasheet(HTML) 6 Page - Texas Instruments

Back Button DS125BR401SQE Datasheet HTML 2Page - Texas Instruments DS125BR401SQE Datasheet HTML 3Page - Texas Instruments DS125BR401SQE Datasheet HTML 4Page - Texas Instruments DS125BR401SQE Datasheet HTML 5Page - Texas Instruments DS125BR401SQE Datasheet HTML 6Page - Texas Instruments DS125BR401SQE Datasheet HTML 7Page - Texas Instruments DS125BR401SQE Datasheet HTML 8Page - Texas Instruments DS125BR401SQE Datasheet HTML 9Page - Texas Instruments DS125BR401SQE Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
DS125BR401
SNLS419C – JULY 2012 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Supply Voltage (VDD - 2.5V)
-0.5V to +2.75V
Supply Voltage (VIN - 3.3V)
-0.5V to +4.0V
LVCMOS Input/Output Voltage
-0.5V to +4.0V
CML Input Voltage
-0.5V to (VDD+0.5)
CML Input Current
-30 to +30 mA
Junction Temperature
125°C
Storage Temperature
-40°C to +125°C
Lead Temperature Range Soldering (4 sec.)
+260°C
Derate NJY Package
52.6mW/°C above +25°C
HBM, STD - JESD22-A114F
5 kV
ESD Rating
MM, STD - JESD22-A115-A
150 V
CDM, STD - JESD22-C101-D
1000 V
θJC
11.5°C/W
Thermal Resistance
θJA, No Airflow, 4 layer JEDEC
19.1°C/W
For soldering specifications: See application note SNOA549.
(1)
“Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur, including inoperability and degradation of
device reliability and/or performance. Functional operation of the device and/or non-degradation at the Absolute Maximum Ratings or
other conditions beyond those indicated in the Recommended Operating Conditions is not implied. The Recommended Operating
Conditions indicate conditions at which the device is functional and the device should not be operated beyond such conditions. Absolute
Maximum Numbers are ensured for a junction temperature range of -40°C to +125°C. Models are validated to Maximum Operating
Voltages only.
Recommended Operating Conditions
Min
Typ
Max
Unit
Supply Voltage (2.5V mode)
2.375
2.5
2.625
V
Supply Voltage (3.3V mode)
3.0
3.3
3.6
V
Ambient Temperature
-40
25
+85
°C
SMBus (SDA, SCL)
3.6
V
Supply Noise up to 50 MHz(1)
100
mVp-p
(1)
Allowed supply noise (mVp-p sine wave) under typical conditions.
Electrical Characteristics
Parameter
Test Conditions
Min
Typ
Max
Unit
Power
VDD = 2.5 V supply,
EQ Enabled,
500
700
mW
VOD = 1.0 Vp-p,
RXDET = 1, PWDN = 0
PD
Power Dissipation
VIN = 3.3 V supply,
EQ Enabled,
660
900
mW
VOD = 1.0 Vp-p,
RXDET = 1, PWDN = 0
LVCMOS / LVTTL DC Specifications
Vih
High Level Input Voltage
2.0
3.6
V
Vil
Low Level Input Voltage
0
0.8
V
Voh
High Level Output Voltage
Ioh = −4mA
2.0
V
(ALL_DONE pin)
Vol
Low Level Output Voltage
Iol = 4mA
0.4
V
(ALL_DONE pin)
6
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: DS125BR401


Similar Part No. - DS125BR401SQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125BR401SQE/NOPB TI1-DS125BR401SQE/NOPB Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power, 12.5-Gbps, 4-Lane Repeater With Input Equalization and Output De-Emphasis
More results

Similar Description - DS125BR401SQE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125BR401 TI1-DS125BR401 Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power, 12.5-Gbps, 4-Lane Repeater With Input Equalization and Output De-Emphasis
DS125BR800 TI1-DS125BR800 Datasheet
1Mb / 59P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel Repeater With Input Equalization and Output De-Emphasis
DS100BR111 TI1-DS100BR111_14 Datasheet
1Mb / 54P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 1-Lane Repeater with Input Equalization and Output De-Emphasis
DS125BR111SQE TI-DS125BR111SQE Datasheet
63Kb / 5P
[Old version datasheet]   DS125BR111 Low Power 12.5 Gbps 1-Lane Repeater with Input Equalization and Output
DS50PCI402 TI1-DS50PCI402_14 Datasheet
904Kb / 35P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402SQ TI-DS50PCI402SQ Datasheet
1Mb / 38P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI402 TI1-DS80PCI402_15 Datasheet
3Mb / 54P
[Old version datasheet]   2.5-Gbps / 5.0-Gbps / 8.0-Gbps 4-Lane PCI-Express Repeater With Equalization and De-Emphasis
DS80PCI402 TI1-DS80PCI402 Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402 TI1-DS50PCI402 Datasheet
743Kb / 36P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402 TI1-DS50PCI402_15 Datasheet
1Mb / 38P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com