Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS125BR401 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # DS125BR401
Description  Low-Power 12.5-Gbps 4-Lane Repeater With Input Equalization and Output De-Emphasis
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DS125BR401 Datasheet(HTML) 2 Page - Texas Instruments

  DS125BR401 Datasheet HTML 1Page - Texas Instruments DS125BR401 Datasheet HTML 2Page - Texas Instruments DS125BR401 Datasheet HTML 3Page - Texas Instruments DS125BR401 Datasheet HTML 4Page - Texas Instruments DS125BR401 Datasheet HTML 5Page - Texas Instruments DS125BR401 Datasheet HTML 6Page - Texas Instruments DS125BR401 Datasheet HTML 7Page - Texas Instruments DS125BR401 Datasheet HTML 8Page - Texas Instruments DS125BR401 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 52 page
background image
INx_n+
INx_n-
EQ
RATE
DET
IDLE
DET
OUTBUF
SMBus
VOD/DeEMPHASIS
CONTROL
VDD
SMBus
TX Idle Enable
SMBus
Auto/Manual
RXDET
DEMA/B
EQA/B
OUTx_n+
OUTx_n-
DS125BR401
System Board
Root Complex
ASIC
or
PCIe EP
DS125BR401
Bo
ard
Tra
ce
Connector
Connector
TX
RX
RX
TX
4
4
4
4
DS125BR401
SNLS419C – JULY 2012 – REVISED APRIL 2013
www.ti.com
Typical Application
Block Diagram - Detail View Of Channel (1 Of 8)
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: DS125BR401


Similar Part No. - DS125BR401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125BR401 TI1-DS125BR401 Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power, 12.5-Gbps, 4-Lane Repeater With Input Equalization and Output De-Emphasis
DS125BR401A TI1-DS125BR401A Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12 Gbps 4-Lane Linear Repeater With Equalization
DS125BR401ANJY TI1-DS125BR401ANJY Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12 Gbps 4-Lane Linear Repeater With Equalization
DS125BR401ANJYR TI1-DS125BR401ANJYR Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12 Gbps 4-Lane Linear Repeater With Equalization
DS125BR401ANJYT TI1-DS125BR401ANJYT Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power 12 Gbps 4-Lane Linear Repeater With Equalization
More results

Similar Description - DS125BR401

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS125BR401 TI1-DS125BR401 Datasheet
1Mb / 52P
[Old version datasheet]   Low-Power, 12.5-Gbps, 4-Lane Repeater With Input Equalization and Output De-Emphasis
DS125BR800 TI1-DS125BR800 Datasheet
1Mb / 59P
[Old version datasheet]   Low-Power 12.5-Gbps 8-Channel Repeater With Input Equalization and Output De-Emphasis
DS100BR111 TI1-DS100BR111_14 Datasheet
1Mb / 54P
[Old version datasheet]   Ultra Low Power 10.3 Gbps 1-Lane Repeater with Input Equalization and Output De-Emphasis
DS125BR111SQE TI-DS125BR111SQE Datasheet
63Kb / 5P
[Old version datasheet]   DS125BR111 Low Power 12.5 Gbps 1-Lane Repeater with Input Equalization and Output
DS50PCI402 TI1-DS50PCI402_14 Datasheet
904Kb / 35P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402SQ TI-DS50PCI402SQ Datasheet
1Mb / 38P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS80PCI402 TI1-DS80PCI402_15 Datasheet
3Mb / 54P
[Old version datasheet]   2.5-Gbps / 5.0-Gbps / 8.0-Gbps 4-Lane PCI-Express Repeater With Equalization and De-Emphasis
DS80PCI402 TI1-DS80PCI402 Datasheet
1Mb / 39P
[Old version datasheet]   2.5 Gbps / 5.0 Gbps / 8.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402 TI1-DS50PCI402 Datasheet
743Kb / 36P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
DS50PCI402 TI1-DS50PCI402_15 Datasheet
1Mb / 38P
[Old version datasheet]   DS50PCI402 2.5 Gbps / 5.0 Gbps 4 Lane PCI Express Repeater with Equalization and De-Emphasis
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com