Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AM3892CCYG120 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # AM3892CCYG120
Description  AM389x Sitara ARM Processors
Download  308 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM3892CCYG120 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AM3892CCYG120 Datasheet HTML 4Page - Texas Instruments AM3892CCYG120 Datasheet HTML 5Page - Texas Instruments AM3892CCYG120 Datasheet HTML 6Page - Texas Instruments AM3892CCYG120 Datasheet HTML 7Page - Texas Instruments AM3892CCYG120 Datasheet HTML 8Page - Texas Instruments AM3892CCYG120 Datasheet HTML 9Page - Texas Instruments AM3892CCYG120 Datasheet HTML 10Page - Texas Instruments AM3892CCYG120 Datasheet HTML 11Page - Texas Instruments AM3892CCYG120 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 308 page
background image
AM3894
AM3892
SPRS681E – OCTOBER 2010 – REVISED JULY 2012
www.ti.com
2.2
Device Characteristics
Table 2-2 provides an overview of the significant features of the AM389x devices, including the capacity of
on-chip RAM, peripherals, and the package type with pin count.
Table 2-2. Characteristics of the Processor
HARDWARE FEATURES
AM3894/AM3892
1 16-/24-bit HD Capture Channel or
2 8-bit SD Capture Channels
and
1 16-bit HD Capture Channel or
2 8-bit SD Capture Channels
and
HD Video Processing Subsystem (HDVPSS)
1 16-/24-/32-bit HD Display Channel
and
1 16-bit HD Display Channel
and
3 HD and 4 SD Video DACs
and
1 HDMI 1.3 Transmitter
DDR2/3 Memory Controller
2 (32-bit Bus Widths)
GPMC and ELM
Asynchronous (8-/16-bit bus width) RAM, NOR, NAND
64 Independent Channels
EDMA
8 QDMA Channels
10/100/1000 Ethernet MAC with Management
2 (with MII/GMII Interface)
Peripherals
Data Input/Output (MDIO)
Not all peripherals pins are
2 (Supports High- and Full-Speed as a Device and
USB 2.0
available at the same time (for
High-, Full-, and Low-Speed as a Host)
more detail, see Section 4,
PCI Express 2.0
1 Port (2 5.0GT/s lanes)
Device Configurations).
7 (32-bit General purpose)
Timers
and
1 (Watchdog)
3 (with SIR, MIR, CIR support and RTS/CTS flow
UART
control)
(UART0 Supports Modem Interface)
SPI
1 (Supports 4 slave devices)
SD/SDIO
1 (1-bit or 4-bit)
I2C
2 (Master/Slave)
3 (6/2/2 Serializers, Each with Transmit/Receive and
McASP
DIT capability)
McBSP
1 (2 Data Pins, Transmit/Receive)
Serial ATA (SATA)
Supports 2 Interfaces
RTC
1
GPIO
Up to 64 pins
ARM
32KB I-cache
32KB D-cache
On-Chip Memory
Organization
256KB L2 Cache
64KB RAM
48KB Boot ROM
MEDIA CONTROLLER
32KB Shared L1 Cache
256KB L2 RAM
ADDITIONAL SHARED MEMORY
512KB On-chip RAM
CPU ID + CPU Rev ID
Control Status Register (CSR.[31:16])
0x1003
JTAG BSDL_ID
JTAGID Register
0x2B81 E02F
CPU Frequency
MHz
Up to 1350 MHz
Cycle Time
ns
0.741 ns
8
Device Overview
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM3894 AM3892


Similar Part No. - AM3892CCYG120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3892CCYG120 TI1-AM3892CCYG120 Datasheet
2Mb / 313P
[Old version datasheet]   Sitara ARM Microprocessors
More results

Similar Description - AM3892CCYG120

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AM3892BCYG120 TI1-AM3892BCYG120 Datasheet
2Mb / 308P
[Old version datasheet]   AM389x Sitara??ARM짰 Processors
AM3892 TI-AM3892 Datasheet
1Mb / 299P
[Old version datasheet]   AM389x Sitara ARM Microprocessors (MPUs)
AM3874 TI1-AM3874_16 Datasheet
2Mb / 358P
[Old version datasheet]   Sitara ARM Processors
AM3874 TI-AM3874_15 Datasheet
1Mb / 361P
[Old version datasheet]   AM387x Sitara??ARM Processors
AM5706 TI1-AM5706_17 Datasheet
3Mb / 386P
[Old version datasheet]   Sitara Processors
AM5716 TI1-AM5716_16 Datasheet
4Mb / 387P
[Old version datasheet]   Sitara Processors
AMIC120 TI1-AMIC120 Datasheet
2Mb / 239P
[Old version datasheet]   Sitara Processors
AM3359 TI1-AM3359_16 Datasheet
3Mb / 253P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706 Datasheet
3Mb / 387P
[Old version datasheet]   Sitara Processors
AM5706 TI1-AM5706_18 Datasheet
4Mb / 392P
[Old version datasheet]   Sitara Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com