Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8ETX06STRRPBF Datasheet(PDF) 3 Page - International Rectifier

Part # 8ETX06STRRPBF
Description  Hyperfast Rectifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

8ETX06STRRPBF Datasheet(HTML) 3 Page - International Rectifier

  8ETX06STRRPBF Datasheet HTML 1Page - International Rectifier 8ETX06STRRPBF Datasheet HTML 2Page - International Rectifier 8ETX06STRRPBF Datasheet HTML 3Page - International Rectifier 8ETX06STRRPBF Datasheet HTML 4Page - International Rectifier 8ETX06STRRPBF Datasheet HTML 5Page - International Rectifier 8ETX06STRRPBF Datasheet HTML 6Page - International Rectifier 8ETX06STRRPBF Datasheet HTML 7Page - International Rectifier 8ETX06STRRPBF Datasheet HTML 8Page - International Rectifier 8ETX06STRRPBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
8ETX06, 8ETX06S, 8ETX06-1, 8ETX06FP
Bulletin PD-20766 rev. C 09/06
www.irf.com
Fig. 1 - Typical Forward Voltage Drop Characteristics
Fig. 4 - Max. Thermal Impedance Z thJC Characteristics
Forward Voltage Drop - VFM (V)
Reverse Voltage - V
R (V)
Reverse Voltage - VR (V)
t1,Rectangular Pulse Duration (Seconds)
Fig. 3 - Typical Junction Capacitance
Vs. Reverse Voltage
Fig. 2 - Typical Values Of Reverse Current
Vs. Reverse Voltage
0
0.001
0.01
0.1
1
10
100
1000
0
100
200
300
400
500
600
25˚C
T
= 175˚C
J
100˚C
125˚C
150˚C
0.1
1
10
100
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
T = 175˚C
T = 150˚C
T = 25˚C
J
J
J
0.01
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1
Single Pulse
(Thermal Resistance)
D = 0.50
D = 0.20
D = 0.10
D = 0.05
D = 0.02
D = 0.01
2
t
1
t
P
DM
Notes:
1. Duty factor D = t1/ t2
2. Peak Tj = Pdm x ZthJC + Tc
10
100
1000
0
100
200
300
400
500
600
T = 25˚C
J


Similar Part No. - 8ETX06STRRPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8ETX06STRRPBF VISHAY-8ETX06STRRPBF Datasheet
127Kb / 7P
   Hyperfast Rectifier, 8 A FRED PtTM
Revision: 21-May-08
8ETX06STRRPBF VISHAY-8ETX06STRRPBF Datasheet
175Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt
Revision: 11-Mar-10
More results

Similar Description - 8ETX06STRRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30ETH06 IRF-30ETH06 Datasheet
207Kb / 8P
   Hyperfast Rectifier
logo
Vishay Siliconix
VS-4ESH02-M3 VISHAY-VS-4ESH02-M3 Datasheet
121Kb / 7P
   Hyperfast Rectifier
Revision: 24-Nov-14
VS-2EFH02HM3 VISHAY-VS-2EFH02HM3 Datasheet
114Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-2EJH01-M3 VISHAY-VS-2EJH01-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 20-Nov-14
VS-6CSH02-M3 VISHAY-VS-6CSH02-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-8CSH01-M3 VISHAY-VS-8CSH01-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-8CSH02-M3 VISHAY-VS-8CSH02-M3 Datasheet
122Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
VS-10CSH01-M3 VISHAY-VS-10CSH01-M3 Datasheet
121Kb / 7P
   Hyperfast Rectifier
Revision: 26-Nov-14
logo
International Rectifier
30EPH06PBF IRF-30EPH06PBF Datasheet
165Kb / 7P
   Hyperfast Rectifier
logo
Fairchild Semiconductor
RHRA1560CC FAIRCHILD-RHRA1560CC Datasheet
156Kb / 5P
   Hyperfast Rectifier
logo
International Rectifier
15ETX06PBF IRF-15ETX06PBF Datasheet
236Kb / 8P
   Hyperfast Rectifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com