Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB021E-MHN-T Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # AT45DB021E-MHN-T
Description  2-Mbit DataFlash (with Extra 64-Kbits), 1.65V Minimum SPI Serial Flash Memory
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB021E-MHN-T Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button AT45DB021E-MHN-T Datasheet HTML 3Page - List of Unclassifed Manufacturers AT45DB021E-MHN-T Datasheet HTML 4Page - List of Unclassifed Manufacturers AT45DB021E-MHN-T Datasheet HTML 5Page - List of Unclassifed Manufacturers AT45DB021E-MHN-T Datasheet HTML 6Page - List of Unclassifed Manufacturers AT45DB021E-MHN-T Datasheet HTML 7Page - List of Unclassifed Manufacturers AT45DB021E-MHN-T Datasheet HTML 8Page - List of Unclassifed Manufacturers AT45DB021E-MHN-T Datasheet HTML 9Page - List of Unclassifed Manufacturers AT45DB021E-MHN-T Datasheet HTML 10Page - List of Unclassifed Manufacturers AT45DB021E-MHN-T Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
7
AT45DB021E
8789E–DFLASH–10/2013
5.
Read Commands
By specifying the appropriate opcode, data can be read from the main memory or from the data buffer. The DataFlash
supports RapidS protocols for Mode 0 and Mode 3. Please see Section 25., "Detailed Bit-level Read Waveforms: RapidS
Mode 0/Mode 3" on page 55 for diagrams detailing the clock cycle sequences for each mode.
5.1
Continuous Array Read (Legacy Command: E8h)
By supplying an initial starting address for the main memory array, the Continuous Array Read command can be utilized
to sequentially read a continuous stream of data from the device by simply providing a clock signal; no additional
addressing information or control signals need to be provided. The DataFlash incorporates an internal address counter
that will automatically increment on every clock cycle, allowing one continuous read from memory to be performed
without the need for additional address sequences. To perform a Continuous Array Read using the standard DataFlash
page size (264-bytes), an opcode of E8h must be clocked into the device followed by three address bytes (which
comprise the 19-bit page and byte address sequence) and four dummy bytes. The first 10 bits (PA9 - PA0) of the
19-bit address sequence specify which page of the main memory array to read and the last nine bits (BA8 - BA0) of the
19-bit address sequence specify the starting byte address within the page. To perform a Continuous Array Read using
the binary page size (256 bytes), the opcode E8h must be clocked into the device followed by three address bytes
(A17 - A0) and four dummy bytes. The dummy bytes that follow the address bytes are needed to initialize the read
operation. Following the dummy bytes, additional clock pulses on the SCK pin will result in data being output on the
SO (Serial Output) pin.
The CS pin must remain low during the loading of the opcode, the address bytes, the dummy bytes and the reading of
data. When the end of a page in main memory is reached during a Continuous Array Read, the device will continue
reading at the beginning of the next page with no delays incurred during the page boundary crossover (the crossover
from the end of one page to the beginning of the next page). When the last bit in the main memory array has been read,
the device will continue reading back at the beginning of the first page of memory. As with crossing over page
boundaries, no delays will be incurred when wrapping around from the end of the array to the beginning of the array.
A low-to-high transition on the CS pin will terminate the read operation and tri-state the output pin (SO). The maximum
SCK frequency allowable for the Continuous Array Read is defined by the fCAR1 specification. The Continuous Array
Read bypasses the data buffer and leaves the contents of the Buffer unchanged.
Note:
This command is not recommended for new designs.
5.2
Continuous Array Read (High Frequency Mode: 0Bh Opcode)
This command can be used to read the main memory array sequentially at the highest possible operating clock
frequency up to the maximum specified by fCAR1. To perform a Continuous Array Read using the standard DataFlash
page size (264 bytes), the CS pin must first be asserted, and then an opcode of 0Bh must be clocked into the device
followed by three address bytes and one dummy byte. The first 10 bits (PA9 - PA0) of the 19-bit address sequence
specify which page of the main memory array to read and the last nine bits (BA8 - BA0) of the 19-bit address sequence
specify the starting byte address within the page. To perform a Continuous Array Read using the binary page size
(256 bytes), the opcode 0Bh must be clocked into the device followed by three address bytes (A17 - A0) and one dummy
byte. Following the dummy byte, additional clock pulses on the SCK pin will result in data being output on the SO pin.
The CS pin must remain low during the loading of the opcode, the address bytes, the dummy byte, and the reading of
data. When the end of a page in the main memory is reached during a Continuous Array Read, the device will continue
reading at the beginning of the next page with no delays incurred during the page boundary crossover (the crossover
from the end of one page to the beginning of the next page). When the last bit in the main memory array has been read,
the device will continue reading back at the beginning of the first page of memory. As with crossing over page
boundaries, no delays will be incurred when wrapping around from the end of the array to the beginning of the array.
A low-to-high transition on the CS pin will terminate the read operation and tri-state the output pin (SO). The maximum
SCK frequency allowable for the Continuous Array Read is defined by the fCAR1 specification. The Continuous Array
Read bypasses the data buffer and leaves the contents of the Buffer unchanged.


Similar Part No. - AT45DB021E-MHN-T

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT45DB021E-MHN-T DIALOG-AT45DB021E-MHN-T Datasheet
1Mb / 74P
   2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
More results

Similar Description - AT45DB021E-MHN-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT45DB041E ETC2-AT45DB041E_14 Datasheet
2Mb / 71P
   4-Mbit DataFlash (with Extra 128-Kbits), 1.65V Minimum SPI Serial Flash Memory
AT45DB041E ETC2-AT45DB041E Datasheet
2Mb / 71P
   4-Mbit DataFlash (with Extra 128-Kbits), 1.65V Minimum SPI Serial Flash Memory
AT45DB081E ETC2-AT45DB081E Datasheet
2Mb / 69P
   8-Mbit DataFlash (with Extra 256-Kbits), 1.65V Minimum SPI Serial Flash Memory
logo
Dialog Semiconductor
AT45DB021E DIALOG-AT45DB021E Datasheet
1Mb / 74P
   2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
AT45DB021E RENESAS-AT45DB021E Datasheet
2Mb / 70P
   2-Mbit DataFlash (with Extra 64 kBits) 1.65 V Minimum SPI Serial Flash Memory
8/11/22
AT45DB041E RENESAS-AT45DB041E Datasheet
2Mb / 78P
   2-Mbit DataFlash (with Extra 64 kBits) 1.65 V Minimum SPI Serial Flash Memory
9/26/22
logo
Dialog Semiconductor
AT45DB641E DIALOG-AT45DB641E Datasheet
1Mb / 72P
   64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT45DB081E ETC2-AT45DB081E_14 Datasheet
2Mb / 70P
   8-Mbit DataFlash (with Extra 256-Kbits), 1.7V Minimum SPI Serial Flash Memory
AT45DB641E ETC2-AT45DB641E Datasheet
2Mb / 72P
   64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
AT45DB641E RENESAS-AT45DB641E Datasheet
2Mb / 69P
   64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
2/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com