Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT45DB021E-SHN-T Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AT45DB021E-SHN-T
Description  2-Mbit DataFlash (with Extra 64-Kbits), 1.65V Minimum SPI Serial Flash Memory
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AT45DB021E-SHN-T Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AT45DB021E-SHN-T Datasheet HTML 7Page - List of Unclassifed Manufacturers AT45DB021E-SHN-T Datasheet HTML 8Page - List of Unclassifed Manufacturers AT45DB021E-SHN-T Datasheet HTML 9Page - List of Unclassifed Manufacturers AT45DB021E-SHN-T Datasheet HTML 10Page - List of Unclassifed Manufacturers AT45DB021E-SHN-T Datasheet HTML 11Page - List of Unclassifed Manufacturers AT45DB021E-SHN-T Datasheet HTML 12Page - List of Unclassifed Manufacturers AT45DB021E-SHN-T Datasheet HTML 13Page - List of Unclassifed Manufacturers AT45DB021E-SHN-T Datasheet HTML 14Page - List of Unclassifed Manufacturers AT45DB021E-SHN-T Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 68 page
background image
11
AT45DB021E
8789E–DFLASH–10/2013
The device also incorporates an intelligent programming algorithm that can detect when a byte location fails to program
properly. If a programming error arises, it will be indicated by the EPE bit in the Status Register.
6.4
Main Memory Page Program through Buffer with Built-In Erase
The Main Memory Page Program through Buffer with Built-In Erase command combines the Buffer Write and Buffer to
Main Memory Page Program with Built-In Erase operations into a single operation to help simplify application firmware
development. With the Main Memory Page Program through Buffer with Built-In Erase command, data is first clocked
into the Buffer, the addressed page in memory is then automatically erased, and then the contents of the Buffer are
programmed into the just-erased main memory page.
To perform a Main Memory Page Program through Buffer using the standard DataFlash page size (264 bytes), an
opcode of 82h must first be clocked into the device followed by three address bytes comprised of five dummy bits,
10 page address bits (PA9 - PA0) that specify the page in the main memory to be written, and nine buffer address bits
(BFA8 - BFA0) that select the first byte in the Buffer to be written.
To perform a Main Memory Page Program through Buffer using the binary page size (256 bytes), an opcode of 82h must
first be clocked into the device followed by three address bytes comprised of six dummy bits, 10 page address bits
(A17 - A8) that specify the page in the main memory to be written, and eight address bits (A7 - A0) that selects the first
byte in the Buffer to be written.
After all address bytes have been clocked in, the device will take data from the input pin (SI) and store it in the Buffer. If
the end of the Buffer is reached, the device will wrap around back to the beginning of the Buffer. When there is a
low-to-high transition on the CS pin, the device will first erase the selected page in main memory (the erased state is a
Logic 1) and then program the data stored in the Buffer into that main memory page. Both the erasing and the
programming of the page are internally self-timed and should take place in a maximum time of tEP. During this time, the
RDY/BUSY bit in the Status Register will indicate that the device is busy.
The device also incorporates intelligent erase and programming algorithms that can detect when a byte location fails to
erase or program properly. If an erase or program error arises, it will be indicated by the EPE bit in the Status Register.
6.5
Main Memory Byte/Page Program through Buffer without Built-In Erase
The Main Memory Byte/Page Program through the Buffer without Built-In Erase combines both the Buffer Write and
Buffer to Main Memory Program without Built-In Erase operations to allow any number of bytes (1 to 256/264 bytes) to be
programmed directly into previously erased locations in the main memory array. With the Main Memory Byte/Page
Program through Buffer without Built-In Erase command, data is first clocked into Buffer, and then only the bytes clocked
into the Buffer are programmed into the pre-erased byte locations in main memory. Multiple bytes up to the page size can
be entered with one command sequence.
To perform a Main Memory Byte/Page Program through the Buffer using the standard DataFlash page size (264 bytes),
an opcode of 02h must first be clocked into the device followed by three address bytes comprised of five dummy bits,
10 page address bits (PA9 - PA0) that specify the page in the main memory to be written, and nine buffer address bits
(BFA8 - BFA0) that select the first byte in the Buffer to be written. After all address bytes are clocked in, the device will
take data from the input pin (SI) and store it in the Buffer. Any number of bytes (1 to 264) can be entered. If the end of the
Buffer is reached, then the device will wrap around back to the beginning of the Buffer.
To perform a Main Memory Byte/Page Program through the Buffer using the binary page size (256 bytes), an opcode of
02h must first be clocked into the device followed by three address bytes comprised of six dummy bits, 10 page address
bits (PA9 - PA0) that specify the page in the main memory to be written, and eight address bits (A7 - A0) that selects the
first byte in the Buffer to be written. After all address bytes are clocked in, the device will take data from the input pin (SI)
and store it in the Buffer. Any number of bytes (1 to 256) can be entered. If the end of the Buffer is reached, then the
device will wrap around back to the beginning of the Buffer. When using the binary page size, the page and buffer
address bits correspond to an 18-bit logical address (A17-A0) in the main memory.
After all data bytes have been clocked into the device, a low-to-high transition on the CS pin will start the program
operation in which the device will program the data stored in the Buffer into the main memory array. Only the data bytes
that were clocked into the device will be programmed into the main memory.


Similar Part No. - AT45DB021E-SHN-T

ManufacturerPart #DatasheetDescription
logo
Dialog Semiconductor
AT45DB021E-SHN-T DIALOG-AT45DB021E-SHN-T Datasheet
1Mb / 74P
   2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
More results

Similar Description - AT45DB021E-SHN-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT45DB041E ETC2-AT45DB041E_14 Datasheet
2Mb / 71P
   4-Mbit DataFlash (with Extra 128-Kbits), 1.65V Minimum SPI Serial Flash Memory
AT45DB041E ETC2-AT45DB041E Datasheet
2Mb / 71P
   4-Mbit DataFlash (with Extra 128-Kbits), 1.65V Minimum SPI Serial Flash Memory
AT45DB081E ETC2-AT45DB081E Datasheet
2Mb / 69P
   8-Mbit DataFlash (with Extra 256-Kbits), 1.65V Minimum SPI Serial Flash Memory
logo
Dialog Semiconductor
AT45DB021E DIALOG-AT45DB021E Datasheet
1Mb / 74P
   2-Mbit DataFlash (with Extra 64 kbits) 1.65 V Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
AT45DB021E RENESAS-AT45DB021E Datasheet
2Mb / 70P
   2-Mbit DataFlash (with Extra 64 kBits) 1.65 V Minimum SPI Serial Flash Memory
8/11/22
AT45DB041E RENESAS-AT45DB041E Datasheet
2Mb / 78P
   2-Mbit DataFlash (with Extra 64 kBits) 1.65 V Minimum SPI Serial Flash Memory
9/26/22
logo
Dialog Semiconductor
AT45DB641E DIALOG-AT45DB641E Datasheet
1Mb / 72P
   64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT45DB081E ETC2-AT45DB081E_14 Datasheet
2Mb / 70P
   8-Mbit DataFlash (with Extra 256-Kbits), 1.7V Minimum SPI Serial Flash Memory
AT45DB641E ETC2-AT45DB641E Datasheet
2Mb / 72P
   64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
logo
Renesas Technology Corp
AT45DB641E RENESAS-AT45DB641E Datasheet
2Mb / 69P
   64-Mbit DataFlash (with Extra 2-Mbits), 1.7V Minimum SPI Serial Flash Memory
2/2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com