Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML-211UT Datasheet(PDF) 1 Page - Rohm

Part # SML-211UT
Description  0805<2.0 1.25 t=0.8mm> Low Current Type(IF 10mA)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML-211UT Datasheet(HTML) 1 Page - Rohm

  SML-211UT Datasheet HTML 1Page - Rohm SML-211UT Datasheet HTML 2Page - Rohm SML-211UT Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Directivity (Typ.)
RELATIVE LUMINOUS INTENSITY
Angular Displacement (deg)
Angular Displacement (deg)
RELATIVE LUMINOUS INTENSITY (%)
050
100
50
100
0
°
30
°
60
°
90
°
30
°
60
°
90
°
Dimensions (Unit:mm)
IF
(mA)
Typ.
(V)
Typ.
(mcd)
Typ.
(nm)
λp
Typ.
(nm)
Min.
(
mcd)
IF
(mA)
IF
(mA)
Max.
(
µA)
Tolerance:
±0.1
VR
(V)
∆λ
Absolute Maximum Ratings (Ta=25
∞C)
Electrical Optical Characteristics (Ta=25
∞C)
Yellow
Orange
Red
AlGaInP on GaAs
100
4
Terminal
Cathode mark
2.0
1.4
1.2
0
50
100
50
100
0
°
30
°
60
°
90
°
30
°
60
°
90
°
Y
X
Y’
X’
The recommended thickness of the screen mask
for soldering is between 100 and 150
µm. The
hole size of the screen mask should be same as
the recommended land pattern or smaller.
Recommended Pad Layout
SML-211 Series
(Unit:mm)
1.1
Emitting Color
Material
Package Size(mm)
Part No.
Peak
forward
current
IFP
(mA)
Part No.
Power
dissipation
PD
(mW)
Forward
current
IF
(mA)
Reverse
voltage
VR
(V)
Operating
temperature
Topr
(
°C)
Storage
temperature
Tstg
(
°C)
Emitting
color
Part No.
Forward
voltage
VF
Light wavelength
Reverse
current
IR
Brightness
IV
Resin Color
Peak Half-wave
0805<2.0 1.25 t=0.8mm>
Low Current Type(IF 10mA)
Transparent
Colorless
Packaging Specifications (Unit:mm)
Tape Specifications:T86 <3,000pcs/reel>
Feeding direction
2
±0.05
φ1.5
1.7
1.0
Reel Specifications
Label Position
11.4
±1
Tolerance:
±0.2
+0.1
0
4
±0.1
Tolerance:
±0.2
Rev.C
:Duty
1/5, pulse width
1ms.
SML-211WT
SML-211YT
SML-211DT
SML-211UT
SML-211YT
SML-211WT
SML-211DT
SML-211UT
SML-211YT
SML-211WT
SML-211DT
SML-211UT
44
20
60
4
-30 to +85
-40 to +85
590
1.4
4
0.9
2.5
15
2
611
16
22
1.8
630
18
Yellow
Orange
Red
2012(0805) 2.0
×1.25(t=0.8)
LED Die


Similar Part No. - SML-211UT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-211UT ROHM-SML-211UT Datasheet
462Kb / 3P
   Low Current Type (IF=<10mA) Mini-molded chip LEDs
SML-211UT ROHM-SML-211UT Datasheet
450Kb / 9P
   Nomal type and Low current type line-up.
SML-211UT ROHM-SML-211UT Datasheet
84Kb / 3P
   Chip LEDs with low power consumption
SML-211UT ROHM-SML-211UT Datasheet
136Kb / 3P
   SML-21 Series
SML-211UT ROHM-SML-211UT Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
More results

Similar Description - SML-211UT

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-211DTT86K ROHM-SML-211DTT86K Datasheet
116Kb / 3P
   0805 2.0 1.25 t=0.8mm Low Current Type(IF 10mA)
SML-210PTT86L ROHM-SML-210PTT86L Datasheet
164Kb / 3P
   0805<2.0 1.25 t=0.8mm> Standard Type
SMLE12WBC7W ROHM-SMLE12WBC7W Datasheet
109Kb / 3P
   Low Current Type(IF 10mA)
SML-311DTT86 ROHM-SML-311DTT86 Datasheet
106Kb / 3P
   Low Current Type(IF 10mA)
SML-311UTT86K ROHM-SML-311UTT86K Datasheet
113Kb / 3P
   Low Current Type(IF 10mA)
SMLE12 ROHM-SMLE12 Datasheet
103Kb / 3P
   0603 <1.6 0.8 t=0.36mm> Low Current Type(IF 10mA)
SMLP12BC7T ROHM-SMLP12BC7T Datasheet
115Kb / 3P
   0402<1.0 0.6 t=0.2mm> Low Current Type (IF 10mA)
SMLA12 ROHM-SMLA12 Datasheet
265Kb / 3P
   Low Current Type (IF=<10mA) Side view chip LEDs
SML512 ROHM-SML512 Datasheet
105Kb / 3P
   Low Current Type (IF=<10mA) Mini-molded chip LEDs
SML-811 ROHM-SML-811 Datasheet
319Kb / 3P
   Low Current Type (IF <=10mA) Back-fire chip LEDs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com