Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

489D686X06R3D1A Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 489D686X06R3D1A
Description  Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

489D686X06R3D1A Datasheet(HTML) 6 Page - Vishay Siliconix

  489D686X06R3D1A Datasheet HTML 1Page - Vishay Siliconix 489D686X06R3D1A Datasheet HTML 2Page - Vishay Siliconix 489D686X06R3D1A Datasheet HTML 3Page - Vishay Siliconix 489D686X06R3D1A Datasheet HTML 4Page - Vishay Siliconix 489D686X06R3D1A Datasheet HTML 5Page - Vishay Siliconix 489D686X06R3D1A Datasheet HTML 6Page - Vishay Siliconix 489D686X06R3D1A Datasheet HTML 7Page - Vishay Siliconix 489D686X06R3D1A Datasheet HTML 8Page - Vishay Siliconix 489D686X06R3D1A Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Document Number: 42070
For technical questions, contact: eurotant@vishay.com
www.vishay.com
Revision: 12-Jun-06
6
489D, 499D
Resin-Coated, Radial-Lead
Solid Tantalum Capacitors
Vishay Sprague
PERFORMANCE CHARACTERISTICS
1.
Operating Temperature: - 55 °C to + 85 °C with
rated DC voltage UR applied. + 85 °C to + 125° C with
linear voltage derating to category voltage UC for
499D only (see general information)
2.
Capacitance
and
Tolerance:
Capacitance
measured at 100 Hz and + 25 °C shall be within the
specified tolerance limits of the nominal rating.
Capacitance measurement shall be made by means
of a polarized capacitance bridge. No polarizing
voltage is required. The maximum voltage applied
during measurements shall be 0.5 volt rms at 100 Hz
and + 25 °C.
3.
Reverse Voltage: These capacitors are capable of
withstanding peak voltage in the reverse direction
equal to:
15 % of the rated DC voltage at + 20 °C
10 % of the rated DC voltage at + 25 °C
5 % of the rated DC voltage at + 85 °C
4.
Surge Voltage:
Capacitors shall withstand the surge voltage applied
in series with a 1000 ohm (± 5 %) resistor, at the rate
of one half-minute on, five and a half-minute off for
1000 successive test cycles at + 85 °C. After test,
capacitance change shall not exceed 10 % of initial
value, dissipation factor and DC leakage current shall
meet initial requirements at + 25 °C - Table 2.
6.
Life Test: After 2000 hours at + 85 °C with rated DC
voltage applied, or after 1000 hours at + 125 °C. With
derated DC voltage*, capacitors shall meet the
requirements in table below. (*only for 499D)
7.
Humidity Test: After 21 days (504 hours) * at
+ 40 °C, 90 to 95 % of relative humidity (per IEC
68-2-3) with no voltage applied, capacitors shall meet
the requirements in table below.
8.
Marking: The capacitors shall be marked with the
rated capacitance and the rated DC working voltage.
A code may be used for both capacitance and
voltage. Units rated at 6.3 volts are usually marked as
6 volts. The package shall be marked with full Vishay
Sprague part number, date code and quantity.
5.
Stability at low and high temperatures:
489D - Table 2A
499D - Table 2B
DC rated voltage at + 85 °C (V)
3 6.3 10 16 20 25 35 50
DC surge voltage at + 85 °C (V)
4
8
13 20 26 32 46 65
DC rated voltage at + 125 °C. (V)*
2
4
7
10 13 17 23 33
DC surge voltage at + 125 °C. (V)* 2.6 5.2 8.6 13 16 21 28 40
* For 499D
Capacitance change
Within ± 10 % of initial value
DC leakage current
Within initial requirements at + 25
°C
Dissipation factor
Within initial requirements at + 25
°C
Capacitance change
Within ± 5 % of initial value
DC leakage current
Within initial requirements at + 25
°C - Table 2
Dissipation factor
Within initial requirements at + 25
°C - Table 2
* Humidity test is 56 days (1350 hours) for 499D
TEMP.
CAPACITANCE CHANGE DC LEAKAGE CURRENT*
DISSIPATION FACTOR AT 100 Hz
- 55 °C
- 10 % of initial value
-----------
CR ≤ 1.5 µF
1.5 µF < CR < 10 µF
10 µF < CR < 100 µF
100 µF
≤ C
R ≤ 330 µF
330 µF < CR
4 % max
6 % max
8 % max
10 % max
12 % max
+ 25 °C
-------------
0.015 CR x UR or 1 µA,
whichever is greater
+ 85 °C
+ 10 % of initial value
0.15 CR x UR or 10 µA,
whichever is greater
TEMP.
CAPACITANCE CHANGE DC LEAKAGE CURRENT*
DISSIPATION FACTOR AT 100 Hz
- 55 °C
- 10 % of initial value
-------------
CR ≤ 1.5 µF
1.5 µF < CR < 10 µF
10 µF < CR < 100 µF
100 µF
≤ C
R ≤ 330 µF
330 µF < CR
4 % max
6 % max
8 % max
10 % max
12 % max
+ 25 °C
------------
0.008 CR x UR or 0.5 µA,
whichever is greater
+ 85 °C
+ 10 % of initial value
0.08 CR x UR or 5 µA,
whichever is greater
+ 125 °C**
+ 10 % of initial value
0.1 CR x UR or 6.25 µA,
whichever is greater
* Rated voltage applied for 5 minutes with a series resistor of 1000 ohm
** Only for 499 D


Similar Part No. - 489D686X06R3D1A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
489D686X06R3D1AE3 VISHAY-489D686X06R3D1AE3 Datasheet
129Kb / 10P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
More results

Similar Description - 489D686X06R3D1A

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
489D-499D VISHAY-489D-499D Datasheet
129Kb / 10P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
489D VISHAY-489D Datasheet
116Kb / 8P
   Resin-Coated, Radial-Lead Solid Tantalum Capacitors
Revision 02-Aug-02
ETQW VISHAY-ETQW_08 Datasheet
405Kb / 8P
   Resin-Coated, Radial-Lead Tantalum Capacitors
Revision: 12-Jun-06
ETQW VISHAY-ETQW Datasheet
114Kb / 7P
   RESIN-COATED, RADIAL-LEAD TANTALUM CAPACITORS
Revision 15-Aug-02
ETPW VISHAY-ETPW Datasheet
114Kb / 7P
   Resin-Coated, Radial-Leaded Solid Tantalum Capacitors
Revision 15-Aug-02
790D VISHAY-790D Datasheet
107Kb / 7P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision 26-Mar-02
790D106X0025B2BE3 VISHAY-790D106X0025B2BE3 Datasheet
114Kb / 9P
   Resin-Molded, Radial-Lead Solid Tantalum Capacitors
Revision: 18-Jun-12
logo
RCD COMPONENTS INC.
TRA10-103 RCD-TRA10-103 Datasheet
44Kb / 1P
   RADIAL LEAD TANGOLDTM CAPACITORS EPOXY RESIN COATED, TANTALUM
logo
Vishay Siliconix
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
199D226X0016DA1 VISHAY-199D226X0016DA1 Datasheet
114Kb / 7P
   Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
Revision: 29-Nov-12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com