Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RWM0410N48R7FR15AD7E1 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # RWM0410N48R7FR15AD7E1
Description  Enamelled Wirewound Power Resistors Axial Leads
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

RWM0410N48R7FR15AD7E1 Datasheet(HTML) 1 Page - Vishay Siliconix

  RWM0410N48R7FR15AD7E1 Datasheet HTML 1Page - Vishay Siliconix RWM0410N48R7FR15AD7E1 Datasheet HTML 2Page - Vishay Siliconix RWM0410N48R7FR15AD7E1 Datasheet HTML 3Page - Vishay Siliconix RWM0410N48R7FR15AD7E1 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
RWM
www.vishay.com
Vishay Sfernice
Revison: 31-Oct-13
1
Document Number: 50008
For technical questions, contact: sferfixedresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Enamelled Wirewound Power Resistors Axial Leads
As a result of more than 50 years of experience and
continuous improvements the RWM Series of resistors
features proven reliability in AC or DC applications.
The high quality of the RWM resides mainly in the use of a
proprietary Vishay Sfernice enamel fired at high temperature
and free from any compound liable to corrode the resistive
wire.
FEATURES
• High dissipation up to 30 W (25 °C)
• Fire proof
• Excellent endurance typical drift ± 1.5 % after
1000 h
• Conformal vitreous enamel
• All welded construction
• Low ohmic values 0.1
 available
• Termination: Sn/Ag/Cu
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
The performance of this series of professional resistors fully
meets the requirements of the following specifications:
- NF C 83-210-001
- CECC 40201-001
- BS - CECC 40201-002
Note
Undergoes European Quality Insurance System (CECC)
DIMENSIONS in millimeters
RWM
4 x 10
RWM
4 x 22
RWM
5 x 26
RWM
6 x 22
RWM
8 x 26
RWM
6 x 34
RWM
8 x 34
RWM
8 x 45
RWM
10 x 45
RWM
10 x 64
RWM
10 x 65
A
12 ± 1
22.1 ± 1
24.7 ± 1
18 ± 1
24.7 ± 1
33.7 ± 1
33.7 ± 1
45.8 ± 2
45.8 ± 2
63.8 ± 1
63.8 ± 1
Ø B
5.5 ± 1
5.5 ± 1
7.4 ± 1.5
6.5 ± 1
7.4 ± 1.5
7.4 ± 1.5
7.4 ± 1.5
9.4 ± 1.5
9.4 ± 1.5
9.4 ± 1.5
9.4 ± 1.5
Weight in g
123
2.2
3
448
8
14
14
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
SIZE
RESISTANCE
RANGE
RATED POWER
P25 °C
W
LIMITING ELEMENT
VOLTAGE
V
TOLERANCE
± %
RWM 4 x 10
0410
0.1 to 10K
3
120
1, 2, 5
RWM 4 x 22
0422
0.1 to 16K
5
300
1, 2, 5
RWM 5 x 26
0526
0.1 to 27K
7
350
1, 2, 5
RWM 6 x 22
0622
0.1 to 39K
7
350
1, 2, 5
RWM 8 x 26
0826
0.1 to 27K
8
500
1, 2, 5
RWM 6 x 34
0634
0.33 to 36K
8
500
1, 2, 5
RWM 8 x 34
0834
0.33 to 36K
11
650
1, 2, 5
RWM 8 x 45
0845
0.47 to 62K
11
650
1, 2, 5
RWM 10 x 45
1045
0.47 to 62K
25
800
1, 2, 5
RWM 10 x 64
1064
0.68 to 100K
25
800
1, 2, 5
RWM 10 x 65
1065
0.68 to 100K
30
800
1, 2, 5
25 min
A
25 min.
Ø 0.8 ± 0.1
Ø B


Similar Part No. - RWM0410N48R7FR15AD7E1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RWM0410N48R7FR15E1 VISHAY-RWM0410N48R7FR15E1 Datasheet
87Kb / 4P
   Enamelled Wirewound Power Resistors Axial Leads
Revison: 31-Oct-13
More results

Similar Description - RWM0410N48R7FR15AD7E1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
RWM06221800JA15E1 VISHAY-RWM06221800JA15E1 Datasheet
87Kb / 4P
   Enamelled Wirewound Power Resistors Axial Leads
Revison: 31-Oct-13
RWM VISHAY-RWM Datasheet
80Kb / 4P
   Enamelled Wirewound Power Resistors Axial Leads
Revison: 15-Apr-14
logo
Welwyn Components Limit...
W20 WELWYN-W20_08 Datasheet
1Mb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
W21-22RJI ETC2-W21-22RJI Datasheet
727Kb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
V757 WELWYN-V757 Datasheet
141Kb / 2P
   Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
W21-10RJI ETC2-W21-10RJI Datasheet
727Kb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
TT Electronics.
W20 TTELEC-W20 Datasheet
597Kb / 3P
   Vitreous Enamelled Wirewound Resistors
06.18
logo
Welwyn Components Limit...
V700 WELWYN-V700 Datasheet
141Kb / 2P
   Vitreous Enamelled Wirewound Resistors
logo
List of Unclassifed Man...
W23-10KJI ETC1-W23-10KJI Datasheet
379Kb / 3P
   Vitreous Enamelled Wirewound Resistors
logo
Welwyn Components Limit...
W20 WELWYN-W20 Datasheet
80Kb / 2P
   Vitreous Enamelled Wirewound Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com